Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALD2321BDC Datasheet(PDF) 5 Page - Advanced Linear Devices

Part # ALD2321BDC
Description  ULTRA LOW VOS EPAD DUAL CMOS ANALOG VOLTAGE COMPARATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2321BDC Datasheet(HTML) 5 Page - Advanced Linear Devices

  ALD2321BDC Datasheet HTML 1Page - Advanced Linear Devices ALD2321BDC Datasheet HTML 2Page - Advanced Linear Devices ALD2321BDC Datasheet HTML 3Page - Advanced Linear Devices ALD2321BDC Datasheet HTML 4Page - Advanced Linear Devices ALD2321BDC Datasheet HTML 5Page - Advanced Linear Devices ALD2321BDC Datasheet HTML 6Page - Advanced Linear Devices ALD2321BDC Datasheet HTML 7Page - Advanced Linear Devices ALD2321BDC Datasheet HTML 8Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ALD2321A/ALD2321B
Advanced Linear Devices
5
ALD2321
TYPICAL PERFORMANCE CHARACTERISTICS
COMMON MODE REJECTION RATIO
vs. TEMPERATURE
-55
-25
0
25
50
125
100
75
85.0
80.0
75.0
70.0
90.0
65.0
60.0
AMBIENT TEMPERATURE (
°C)
V
+
= +5V
RL = 5.1KΩ
POWER SUPPLY REJECTION RATIO
vs.TEMPERATURE
AMBIENT TEMPERATURE (0C)
-55
-25
0
25
50
100
125
75
90.0
85.0
70.0
80.0
75.0
65.0
60.0
V
+
= +5V
RL = 5.1KΩ
HIGH LEVEL OUTPUT VOLTAGE vs.
TEMPERATURE
8.0
6.0
4.0
0.0
AMBIENT TEMPERATURE (
°C)
-55
-25
0
25
50
125
100
75
2.0
10.0
V+ = +10V
V+ = +5V
V+ = +4V
IOH = -2mA
INPUT OFFSET VOLTAGE vs. TEMPERATURE
0.4
0.0
-0.4
0.8
-0.8
-1.2
1.2
-2.0
-55
-25
0
25
50
125
100
75
AMBIENT TEMPERATURE (
°C)
-1.6
2.0
1.6
RL = 5.1KΩ
V
+
= +5V
V
+
= +2.5V
RESPONSE TIME FOR VARIOUS INPUT
OVERDRIVES
-1.0
6.0
2.0
0.0
1.0
3.0
4.0
5.0
0.0 0.3 0.6
0.9
1.2 1.5
1.8
2.1 2.4 2.7
3.0
TIME (
µS)
TA = 25
0C
V
+
= +5V
1mV
2mV
5mV
10mV
20mV
50mV
RL = 5.1KΩ
CL = 15pF
Input Step
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
RESPONSE TIME FOR VARIOUS INPUT
OVERDRIVES
TIME (
µS)
50mV
20mV
10mV
5mV 2mV
1mV
V
+
= +5V
RL = 5.1KΩ
Input Step
CL = 15pF
TA = 25
0C


Similar Part No. - ALD2321BDC

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2321BDC ALD-ALD2321BDC Datasheet
96Kb / 11P
   ULTRA LOW VOS EPAD짰 DUAL CMOS ANALOG VOLTAGE COMPARATOR
More results

Similar Description - ALD2321BDC

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2321 ALD-ALD2321_10 Datasheet
96Kb / 11P
   ULTRA LOW VOS EPAD짰 DUAL CMOS ANALOG VOLTAGE COMPARATOR
logo
ELM Technology Corporat...
ELM743 ELM-TECH-ELM743_17 Datasheet
655Kb / 4P
   CMOS Low power voltage dual comparator
logo
STMicroelectronics
TS372 STMICROELECTRONICS-TS372 Datasheet
84Kb / 5P
   LOW POWER DUAL CMOS VOLTAGE COMPARATOR
logo
ELM Technology Corporat...
ELM743 ELM-TECH-ELM743 Datasheet
327Kb / 4P
   CMOS Low power voltage dual comparator
logo
ELM Electronics
ELM743-SERIES ELM-ELM743-SERIES Datasheet
655Kb / 4P
   CMOS Low power voltage dual comparator
ELM743 ELM-ELM743 Datasheet
333Kb / 4P
   CMOS Low power voltage dual comparator
logo
Analog Devices
OP207 AD-OP207 Datasheet
150Kb / 6P
   Dual Ultra-Low Vos Matched Operational Amplifier
logo
Rohm
BU7232FVM-TR ROHM-BU7232FVM-TR Datasheet
455Kb / 17P
   Low Voltage CMOS Comparator
logo
Unisonic Technologies
ULC393 UTC-ULC393 Datasheet
165Kb / 7P
   DUAL MICROPOWER CMOS VOLTAGE COMPARATOR
logo
ON Semiconductor
NCV2393 ONSEMI-NCV2393_17 Datasheet
362Kb / 8P
   Micropower Dual CMOS Voltage Comparator
June, 2017 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com