Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

155430A Datasheet(PDF) 2 Page - Littelfuse

Part # 155430A
Description  For ATO Fuses In-Line Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

155430A Datasheet(HTML) 2 Page - Littelfuse

  155430A Datasheet HTML 1Page - Littelfuse 155430A Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
107
FUSEHOLDERS
SPECIAL TYPES
For MINI
® Fuses P.C. Board Mount Type
The MINI® Fuse P.C. board fuseholders bring the
reliability and availability of the plug-in 32V MINI® Fuse
to the circuit board. Vertical and horizontal mounting
of units is offered to meet a variety of requirements in
which circuit protection is desired for a low DC voltage
P.C. board application. The fuseholder body has “stand-
offs” to accommodate board washing and
incorporates a unique “board lock” anchor to maintain
a firm mechanical bond to the PCB during fuse
insertion and removal.
APPROVALS: Recognized under the Components
Program of Underwriters Laboratories for 15 amperes
and Certified by CSA for 10 amperes.
SPECIFICATIONS:
Electrical: Rated 32 VDC.
Mounting: Three fuseholders can be mounted side
by side (stacked) and operated at rated current.
Contact factory for applications involving more than
three stacked fuseholders.
Molded Parts: Black Thermoplastic body (UL 94V0).
Terminals: Copper Alloy. Tin Plated.
Ambient Temperature: – 40°C to +85°C.
Compatibility: Standard .062" PCB thickness.
Catalog
Number
Description
153 007
Horizontal Mount P.C.B. Holder
153 008
Single or Stackable (End Unit) Vertical Mount
P.C.B. Holder
153 009
Stackable Vertical Mount P.C.B. Holder
Tool For Fuse Removal or Replacement; Part No. 097024.
ORDERING INFORMATION:
.300"
.042"
.015"
.31"
REF.
.170"
.30"
.680"
.508" REF.
BOARD
EDGE
.180"
.235"
REF.
.150"
.300"
.180"
P.C.B. FOOTPRINT
.050"
TYP.
.300"
.082"
®
SHOWN WITH 297 SERIES
MINI FUSE INSTALLED
HORIZONTAL MOUNT
(Part No. 153007)
®
®
.300"
.068"TYP.
P.C.B. FOOTPRINT
.300" TYP.
.149"
TYP.
.050"
TYP.
.300"
15 A
10 A
32 V
.680"
.508"
.152"
.042"
F
.160"
.300"
.30"
.753"
.090"
.062" REF.
PCB BOARD
.068"
TYP.
.150"
®
®
15 A
10 A
®
®
.050"
TYP.
.068" TYP.
.300"
P.C.B. FOOTPRINT
.150"
.068" TYP.
.149"
TYP.
Single or stackable
end unit (RH)
(Part No. 153008)
VERTICAL MOUNTS
Stackable unit
(Part No. 153009)
SHOWN WITH 297 SERIES
MINI FUSE INSTALLED
®


Similar Part No. - 155430A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
155430A LITTELFUSE-155430A Datasheet
59Kb / 1P
   For ATO Fuses In-Line Type
155430A LITTELFUSE-155430A Datasheet
269Kb / 1P
   Intended for use with 32 volts Autofuse fuses
More results

Similar Description - 155430A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
155320U LITTELFUSE-155320U_1 Datasheet
59Kb / 1P
   For ATO Fuses In-Line Type
FHAC0001ZXJ LITTELFUSE-FHAC0001ZXJ Datasheet
148Kb / 1P
   ATO IN-LINE FUSEHOLDER
logo
Eaton All Rights Reserv...
HHF-JFCU EATON-HHF-JFCU Datasheet
159Kb / 1P
   Automotive in-line fuse holder for ATC blade-type fuses
logo
Littelfuse
ATO30BP LITTELFUSE-ATO30BP Datasheet
1Mb / 3P
   ATO® Blade Fuses - Aftermarket Rated 32V
11/15/2022
logo
Cooper Bussmann, Inc.
HHC COOPER-HHC Datasheet
299Kb / 2P
   Automotive in-line fuse holders for ATC짰 blade fuses
logo
Eaton All Rights Reserv...
HHC EATON-HHC Datasheet
299Kb / 2P
   Automotive in-line fuse holders for ATC짰 blade fuses
logo
Littelfuse
01500274Z LITTELFUSE-01500274Z_V01 Datasheet
167Kb / 1P
   150 Series In-Line Fuseholders for 2AG or 5횞20mm Fuses
Revised: GD. 06/02/21
155 LITTELFUSE-155 Datasheet
479Kb / 1P
   155 Series Twist-Lock In-Line Holders for 3AG/AB Fuses
01550104ZXU LITTELFUSE-01550104ZXU_V01 Datasheet
162Kb / 1P
   155100 Series Twist-Lock In-Line Holders for 3AG/AB Fuses
Revised: GD. 06/07/22
logo
Cooper Bussmann, Inc.
GMQ-1 COOPER-GMQ-1 Datasheet
121Kb / 2P
   GMQ in-line rejection fuses and HLQ holder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com