Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

155425A Datasheet(PDF) 1 Page - Littelfuse

Part # 155425A
Description  For ATO Fuses In-Line Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

155425A Datasheet(HTML) 1 Page - Littelfuse

  155425A Datasheet HTML 1Page - Littelfuse 155425A Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
106
FUSEHOLDERS
SPECIAL TYPES
For ATO
® Fuses In-Line Type
SPECIFICATIONS:
Electrical: Intended for use with 32 volts Autofuse® fuses
rated to 20 or 30 amperes depending on wire size and
terminal combinations.
Mounting: Capable of snap-mounting to panel from rear.
Fuseholders interlock for multiple mounting.
Molded Parts: Black Thermoplastic (UL 94V2).
Terminals: Brass. Tin-plated. Snap-lock into body.
Ambient Temperature: – 40°C to +85°C.
Wire: Stranded with PVC insulation, black #14 AWG for
155 300 Series and orange #10 AWG for 155 400 Series.
PATENTED
ORDERING INFORMATION:
Catalog Number
Assembled with
Assembled with
Fuse
8" Wire Loop,
8" Wire Loop
Amperage
Unassembled
No Fuse
and Fuse
Rating
155 320U
155 300
155 303A
3
(Terminals designed
(#14 wire/
155 304A
4
for #14 AWG
terminals rated
155 305A
5
stranded wire and
to 20A).
155 37.5A
7.5
marked “14”).
155 310A
10
155 315A
15
155 320A
20
155 430U
155 400
155 425A
25
(Terminals designed
(#10 wire/
155 430A
30
for #10 AWG
terminals rated
stranded wire and
to 30A).
marked “10”).
UNASSEMBLED
For MINI
® Fuses In-Line Type — Easy Crimp Fuseholder
SPECIFICATIONS:
Terminals: Copper Alloy/Tin plated.
Body: Black Thermoplastic.
Operating Temperature: – 40°C to +105°C.
Use standard crimping tool and crimp the matted area to
secure wire. (Possible crimp tool - Ideal #30-428 [Toothed
Die slot] or equivalent).
ORDERING INFORMATION:
For ATO
® Fuses P.C. Board Mount Type
SPECIFICATIONS:
Electrical: Intended for use with 32 volts ATO® fuses rated
to 15 amperes.
Molded Parts: Black Thermoplastic
Terminals: Copper Alloy, Tin Plated
Ambient Temperature: – 40°C to +85°C.
ORDERING INFORMATION:
Catalog Number: 04450715
Catalog
Number
Description
153 002
20A Max. Rating — Terminals will accept #16 – 22 AWG (1.0-
.33 mm2) stranded wire (use appropriate wire size based on
fuse usage). For example — Use #16 AWG wire for 20A fuse.
153 003
30A Max. Rating — Terminals will accept #10– 14 AWG (5.0-
2.0 mm2) stranded wire (use appropriate wire size based on
fuse usage). For example — Use #10 AWG wire for 30A fuse.
Typical Multiple Mounting
(fuseholders interlocked)
Recommended Panel Mounting Hole
(.04" / .078" thick panel)
.40"
1.46"
1.20"
.970"
.75"
.415"
.410"
1.10"
1.06"
.01" R. Max.
Add .400" to width for each additional fuseholder
Tool For Fuse Removal or Replacement; Part No. 097024.
MATTED
(CRIMP) AREA
.45"
END VIEW
.67"
.67"
2.07" Max
SIDE VIEW
.25"
Overall height with fuse installed is 1.0" Ref.
9.3
(.366")
21.8
(.858")
9.3
(.366")
2.5
(.098")
4.5
(.177") Ref.
9
(.354")
22
(.866")


Similar Part No. - 155425A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
155425A LITTELFUSE-155425A Datasheet
59Kb / 1P
   For ATO Fuses In-Line Type
155425A LITTELFUSE-155425A Datasheet
269Kb / 1P
   Intended for use with 32 volts Autofuse fuses
More results

Similar Description - 155425A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
155320U LITTELFUSE-155320U_1 Datasheet
59Kb / 1P
   For ATO Fuses In-Line Type
FHAC0001ZXJ LITTELFUSE-FHAC0001ZXJ Datasheet
148Kb / 1P
   ATO IN-LINE FUSEHOLDER
logo
Eaton All Rights Reserv...
HHF-JFCU EATON-HHF-JFCU Datasheet
159Kb / 1P
   Automotive in-line fuse holder for ATC blade-type fuses
logo
Littelfuse
ATO30BP LITTELFUSE-ATO30BP Datasheet
1Mb / 3P
   ATO® Blade Fuses - Aftermarket Rated 32V
11/15/2022
logo
Cooper Bussmann, Inc.
HHC COOPER-HHC Datasheet
299Kb / 2P
   Automotive in-line fuse holders for ATC짰 blade fuses
logo
Eaton All Rights Reserv...
HHC EATON-HHC Datasheet
299Kb / 2P
   Automotive in-line fuse holders for ATC짰 blade fuses
logo
Littelfuse
01500274Z LITTELFUSE-01500274Z_V01 Datasheet
167Kb / 1P
   150 Series In-Line Fuseholders for 2AG or 5횞20mm Fuses
Revised: GD. 06/02/21
155 LITTELFUSE-155 Datasheet
479Kb / 1P
   155 Series Twist-Lock In-Line Holders for 3AG/AB Fuses
01550104ZXU LITTELFUSE-01550104ZXU_V01 Datasheet
162Kb / 1P
   155100 Series Twist-Lock In-Line Holders for 3AG/AB Fuses
Revised: GD. 06/07/22
logo
Cooper Bussmann, Inc.
GMQ-1 COOPER-GMQ-1 Datasheet
121Kb / 2P
   GMQ in-line rejection fuses and HLQ holder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com