Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CH2056 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CH2056
Description  HIGH SPEED Modem and FAX FAMILY
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CH2056 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CH2056 Datasheet HTML 4Page - List of Unclassifed Manufacturers CH2056 Datasheet HTML 5Page - List of Unclassifed Manufacturers CH2056 Datasheet HTML 6Page - List of Unclassifed Manufacturers CH2056 Datasheet HTML 7Page - List of Unclassifed Manufacturers CH2056 Datasheet HTML 8Page - List of Unclassifed Manufacturers CH2056 Datasheet HTML 9Page - List of Unclassifed Manufacturers CH2056 Datasheet HTML 10Page - List of Unclassifed Manufacturers CH2056 Datasheet HTML 11Page - List of Unclassifed Manufacturers CH2056 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Cermetek Microelectronics, Inc.
High Speed Modem and FAX Family
2003 Cermetek Microelectronics, Inc.
Page 8
Document No. 607-0003 Revision K3 (09/03)
Table 3.
HS Modem Family Pin Descriptions.
PIN
NAME
I/O
FUNCTION
1
RING
I/O
TELCO/TELSET INPUT. Directly connects to the telephone line’s RING lead through a
user supplied RJ-11C jack.
2
TIP
I/O
TELCO/TELSET INPUT. Directly connects to the telephone line’s TIP lead through a user
supplied RJ-11C jack.
3
T1
I/O
ANALOG VOICE INJECTED. Input (See Figure 5). 2.2V P-P max. Let float if not used.
4
NC
-
No connection.
5
SPK
O
SPEAKER. Audio output for speaker. See speaker control diagram.
6
NC
-
No connection.
7
NC
-
No connection.
8
NC
-
No connection.
9
NC
-
No connection.
10
TXD
I
TRANSMIT DATA. Serial Transmit data input. Marking, or a binary 1 condition, is
transmitted when a HIGH is asserted.
11
RXD
O
RECEIVE DATA. Serial Receive data output. Received marking or a binary 1 condition is
indicated by a HIGH.
12
NC
-
No connection.
13
DTR
I
DATA TERMINAL READY. Active LOW. Switching off DTR can either return modem to
command state, disconnect phone call, or reset the modem. DTR should be set LOW
when not used.
14
DSR
O
DATA SET READY. LOW indicates handshaking with a remote modem is in progress,
and/or the data carrier of a remote modem has been detected.
15
RI
O
RING INDICATION. This signal follows the frequency of the ringing signal and is normally
about 20 to 40 Hz for 2 seconds on with 4 seconds off.
16
CTS
O
CLEAR TO SEND. Active LOW. Indicates that the modem is ready to accept data from
the DTE.
17
DCD
O
DATA CARRIER DETECT. LOW indicates a data carrier from a remote modem has been
detected. This feature must be enabled using the &C1 command.
18
NC
-
No connection.
19
VCC
-
POWER SUPPLY. 5 Volts ± 5%. Note: Noise should be less than 25mV peak-to-peak.
20
GRD
-
GROUND. Note: Noise should be less than 25mV peak-to-peak.
21
RST
I
RESET. Active HIGH. This input must be asserted HIGH for at least 10-msec to reset the
modem. RESET is then returned to LOW for normal operation. If no system reset is
available, let this pin float to enable the internal reset.
22
RTS
I
REQUEST TO SEND. Active LOW. Used for flow control. Should be tied low if not used.
NOTE:
(1) If VCC has a slow power up ramp time, the internal reset may be ineffective.
(2) Do not drive LED’s directly from any output. Use Buffers.


Similar Part No. - CH2056

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CH20 MACOM-CH20 Datasheet
220Kb / 2P
   HIGH POWER DUAL DIRECTIONAL COUPLERS
CH20-0032-17G MACOM-CH20-0032-17G Datasheet
103Kb / 2P
   Low Cost SMT 17dB Bi-Directional Coupler 824 - 960 MHz
CH20-0032-17G MACOM-CH20-0032-17G Datasheet
237Kb / 2P
   Low Cost SMT 17dB Bi-Directional Coupler, 824-960 MHz
logo
M/A-COM Technology Solu...
CH20-0032-17G MA-COM-CH20-0032-17G Datasheet
89Kb / 4P
   Low Cost SMT 17dB Bi-Directional Coupler 824 - 960 MHz
logo
Tyco Electronics
CH20-0032-17G-RTR MACOM-CH20-0032-17G-RTR Datasheet
103Kb / 2P
   Low Cost SMT 17dB Bi-Directional Coupler 824 - 960 MHz
More results

Similar Description - CH2056

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
FM336 CONEXANT-FM336 Datasheet
85Kb / 14P
   High Performance Fax Modem Family
logo
Sanyo Semicon Device
LC89210 SANYO-LC89210 Datasheet
199Kb / 10P
   High-speed fax modem data pump
logo
STMicroelectronics
ST75C520 STMICROELECTRONICS-ST75C520 Datasheet
382Kb / 45P
   HIGH SPEED FAX MODEM DATA PUMP
logo
Sanyo Semicon Device
LC8920 SANYO-LC8920 Datasheet
192Kb / 8P
   FAX Modem
logo
List of Unclassifed Man...
XE3386L ETC-XE3386L Datasheet
58Kb / 16P
   Compact 33,600 BPS Data and Fax Modem
logo
Bourns Electronic Solut...
TISP4350T3BJR-S BOURNS-TISP4350T3BJR-S Datasheet
652Kb / 1P
   RJ11 Fax/Modem (FXO)
logo
Samsung semiconductor
KS16112 SAMSUNG-KS16112 Datasheet
513Kb / 69P
   9600/14400 bps FAX MODEM
logo
Murata Manufacturing Co...
SEM910DX MURATA-SEM910DX Datasheet
198Kb / 3P
   High-Speed Spread Spectrum Ethernet Radio Modem Family
SEM2410 MURATA-SEM2410 Datasheet
253Kb / 3P
   High Speed Spread Spectrum Ethernet Radio Modem Family
SEM910 MURATA-SEM910 Datasheet
198Kb / 3P
   High-Speed Spread Spectrum Ethernet Radio Modem Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com