Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1JJ45A Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # LT1JJ45A
Description  HIGH-LUMINOSITY LED LAMP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LT1JJ45A Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  LT1JJ45A Datasheet HTML 1Page - List of Unclassifed Manufacturers LT1JJ45A Datasheet HTML 2Page - List of Unclassifed Manufacturers LT1JJ45A Datasheet HTML 3Page - List of Unclassifed Manufacturers LT1JJ45A Datasheet HTML 4Page - List of Unclassifed Manufacturers LT1JJ45A Datasheet HTML 5Page - List of Unclassifed Manufacturers LT1JJ45A Datasheet HTML 6Page - List of Unclassifed Manufacturers LT1JJ45A Datasheet HTML 7Page - List of Unclassifed Manufacturers LT1JJ45A Datasheet HTML 8Page - List of Unclassifed Manufacturers LT1JJ45A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LED
99
DICHROMATIC LED LAMP
■ DICHROMATIC LED LAMPS
❇ CU series: Common anode pin connection
*1 P (Red) and H (yellow): IF = 10 mA
*2 Taped model
HL: High-luminosity
Radiation
shape
(mm)
Resin type
Yellow-
Orange
green
(HL)
Yellow-
Red
green
(HL)
Yellow-
green
Yellow-
green
Yellow-
green
Yellow + Red
ø3
GL3ED8
20/15
ø5
GL5EJJ502C0X*2 110/170
GL5EP5
40/9 GL5ED5
40/25
GL5HP5
15/9
GL5CU44
100/240
GL5ED44
80/50
GL5ED60
11/8
GL6CU7
120/250
1.9
× 3.9
GL8ED5
10/6.5
GL8HP5
3/1.5
2.0
× 5.0
GL9ED2
8/3
GL9EH2
6/2
GL9HP2
1/0.8
5.0
× 5.0
GL9ED4
7/4
GL3ED8
GL5EJJ502C0X
GL5ED5 series
GL5ED44 series
GL5ED60 series
GL6CU7
GL8HP5 series
GL9ED2 series
GL9ED4
(The values in luminous intensity are radiation color order)
(I F = 20 mA*1, Ta = 25°C)
E JJ
C U
E P
E D
E H
H P
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in
equipment using any SHARP devices shown in catalogs, data books, etc.
Except where specially indicated, models listed on this page comply with the RoHS Directive*. For details, please contact SHARP.
*RoHS Directive: Prohibits use of lead, cadmium, hexavalent chromium, mercury and specific brominated flame retardants
(PBBs and PBDEs), with certain exceptions.
Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
++ Red
+ Red
+ Yellow
+


Similar Part No. - LT1JJ45A

ManufacturerPart #DatasheetDescription
logo
Fronter Electronics Co....
LT10.7 FRONTER-LT10.7 Datasheet
224Kb / 1P
   CERAMIC FILTER FOR FMR A D IO
logo
Vanlong Technology Co.,...
LT10.7M VANLONG-LT10.7M Datasheet
21Kb / 1P
   Ceramic Filter
logo
Token Electronics Indus...
LT10.7MA19 TOKEN-LT10.7MA19 Datasheet
358Kb / 4P
   LT10.7M Ceramic Filters for FM Receiver
logo
Shenzhen Luguang Electr...
LT10.7MA19 LUGUANG-LT10.7MA19 Datasheet
123Kb / 3P
   Ceramic Fliter
logo
Transko Electronics, In...
LT10.7MA19 TRANSKO-LT10.7MA19 Datasheet
375Kb / 1P
   CERAMIC FILTER (10.7MHz Series, 3pins)
Rev. 1: Jul. 2014
More results

Similar Description - LT1JJ45A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL5TR43 ETC-GL5TR43 Datasheet
81Kb / 3P
   Super-luminosity LED Lamp/High-luminosity LED Lamp
logo
Sharp Corporation
GL8T156 SHARP-GL8T156 Datasheet
463Kb / 7P
   Super-luminosity/High-luminosity Numeric LED
GL9T030 SHARP-GL9T030 Datasheet
455Kb / 7P
   Super-luminosity/High-luminosity Numeric LED
logo
Everlight Electronics C...
64-135-REGHB7C-B01-2T EVERLIGHT-64-135-REGHB7C-B01-2T Datasheet
281Kb / 15P
   Luminosity Full Color LED
logo
Sharp Corporation
GL8UR4 SHARP-GL8UR4 Datasheet
45Kb / 2P
   2.0 X 3.1mm, Arch Type, Colored Transparency, High-luminosity LED Lamp for Indicator
logo
Everlight Electronics C...
61-25UTC EVERLIGHT-61-25UTC Datasheet
158Kb / 10P
   Luminosity white Color LED
47-23UWD EVERLIGHT-47-23UWD Datasheet
185Kb / 10P
   Luminosity White Color LED
59-146UWD-TR8 EVERLIGHT-59-146UWD-TR8 Datasheet
190Kb / 10P
   Luminosity white Color LED
61-13-S3GHBHC-B04-ET EVERLIGHT-61-13-S3GHBHC-B04-ET Datasheet
225Kb / 14P
   Luminosity Full Color LED
61-25-UWC-S400-A6-TR8 EVERLIGHT-61-25-UWC-S400-A6-TR8 Datasheet
163Kb / 10P
   Luminosity white Color LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com