Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMY75 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ZMY75
Description  Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ZMY75 Datasheet(HTML) 2 Page - Vishay Siliconix

  ZMY75 Datasheet HTML 1Page - Vishay Siliconix ZMY75 Datasheet HTML 2Page - Vishay Siliconix ZMY75 Datasheet HTML 3Page - Vishay Siliconix ZMY75 Datasheet HTML 4Page - Vishay Siliconix ZMY75 Datasheet HTML 5Page - Vishay Siliconix ZMY75 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number 85788
Rev. 1.5, 12-Jan-05
ZMY3V9 to ZMY110
Vishay Semiconductors
Electrical Characteristics
1) Valid provided that electrodes are kept at ambient temperature
2) Tested with pulses t
p = 5 ms
The ZMY1 is a silicon diode operated in forward direction.Hence, the index of all characteristics and maximum ratings should be "F"instead
of "Z". Connect the cathode terminal to the negative pole. For devices in glass case MELF with higher Zener voltage but same power dis-
sipation see types ZMU100 ... ZMU180
Partnumber
Zener Voltage (2)
Dynamic Resistance
Temperature Coefficient
of Zener Voltage
Test
Current
Reverse
Voltage
Admissible
Zener
Current (1)
VZ @ IZT
rzj @ IZT, f = 1 kHz
α
VZ @ IZT
IZT
VR @
IR = 0.5 µA
IZ @
Tamb=25°C
V
10-4/°C
mA
V
mA
min
max
typ
min
max
ZMY3V9
3.7
4.1
7
4
-7
2
100
-
203
ZMY4V3
4
4.6
7
4
-7
3
100
-
182
ZMY4V7
4.4
5
7
4
-7
4
100
-
165
ZMY5V1
4.8
5.4
5
2
-6
5
100
0.7
150
ZMY5V6
5.2
6
2
1
-3
5
100
1.5
135
ZMY6V2
5.8
6.6
2
1
-1
6
100
2
128
ZMY6V8
6.4
7.2
2
1
0
7
100
3
110
ZMY7V5
7
7.9
2
1
0
7
100
5
100
ZMY8V2
7.7
8.7
2
1
3
8
100
6
89
ZMY9V1
8.5
9.6
4
2
3
8
50
7
82
ZMY10
9.4
10.6
4
2
5
9
50
7.5
74
ZMY11
10.4
11.6
7
3
5
10
50
8.5
66
ZMY12
11.4
12.7
7
3
5
10
50
9
60
ZMY13
12.4
14.1
9
4
5
10
50
10
55
ZMY15
13.8
15.8
9
4
5
10
50
11
49
ZMY16
15.3
17.1
10
5
7
11
25
12
44
ZMY18
16.8
19.1
11
5
7
11
25
14
40
ZMY20
18.8
21.2
12
6
7
11
25
15
36
ZMY22
20.8
23.3
13
7
7
11
25
17
34
ZMY24
22.8
25.6
14
8
7
12
25
18
29
ZMY27
25.1
28.9
15
9
7
12
25
20
27
ZMY30
28322010
7
1225
22.5
25
ZMY33
31352011
7
12252522
ZMY36
34386025
7
12102720
ZMY39
37416030
8
12102918
ZMY43
40468035
8
13103217
ZMY47
44508040
8
13103515
ZMY51
4854
100
45
8
13103814
ZMY56
5260
100
50
8
13104213
ZMY62
5866
130
60
8
13104711
ZMY68
6472
130
65
8
13105110
ZMY75
7079
160
70
8
131056
9
ZMY82
7788
160
80
8
131061
8
ZMY91
85
96
250
120
9
13
5
68
7.5
ZMY100
94
106
250
130
9
13
5
75
7
ZMY110
104
116
250
150
9
13
5
82
6.4


Similar Part No. - ZMY75

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMY75 SEMTECH-ZMY75 Datasheet
373Kb / 5P
   SILICON PLANAR POWER ZENER DIODES?
logo
Vishay Siliconix
ZMY75 VISHAY-ZMY75 Datasheet
104Kb / 5P
   Zener Diodes
Rev. 1.9, 06-Dec-11
logo
SUNMATE electronic Co.,...
ZMY75 SUNMATE-ZMY75 Datasheet
1Mb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
General Semiconductor
ZMY75 GE-ZMY75 Datasheet
205Kb / 5P
   ZENER DIODES
logo
Diotec Semiconductor
ZMY75 DIOTEC-ZMY75 Datasheet
174Kb / 3P
   Surface Mount Silicon-Zener Diodes
More results

Similar Description - ZMY75

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com