Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11AA2-MV Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # H11AA2-MV
Description  AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11AA2-MV Datasheet(HTML) 2 Page - Fairchild Semiconductor

  H11AA2-MV Datasheet HTML 1Page - Fairchild Semiconductor H11AA2-MV Datasheet HTML 2Page - Fairchild Semiconductor H11AA2-MV Datasheet HTML 3Page - Fairchild Semiconductor H11AA2-MV Datasheet HTML 4Page - Fairchild Semiconductor H11AA2-MV Datasheet HTML 5Page - Fairchild Semiconductor H11AA2-MV Datasheet HTML 6Page - Fairchild Semiconductor H11AA2-MV Datasheet HTML 7Page - Fairchild Semiconductor H11AA2-MV Datasheet HTML 8Page - Fairchild Semiconductor H11AA2-MV Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1/9/04
Page 2 of 9
© 2004 Fairchild Semiconductor Corporation
AC INPUT/PHOTOTRANSISTOR
OPTOCOUPLERS
H11AA1-M
H11AA2-M
H11AA3-M
H11AA4-M
*Typical values at TA = 25°C
ABSOLUTE MAXIMUM RATINGS (TA =25°C Unless otherwise specified)
Parameter
Symbol
Device
Value
Units
TOTAL DEVICE
Storage Temperature
TSTG
All
-40 to +150
°C
Operating Temperature
TOPR
All
-40 to +100
°C
Lead Solder Temperature
TSOL
All
260 for 10 sec
°C
Total Device Power Dissipation
Derate Linearly From 25°C
PD
All
250
mW
2.94
mW/°C
EMITTER
Continuous Forward Current
IF
All
60
mA
Forward Current – Peak (1 µs pulse, 300 pps)
IF(pk)
All
±1.0
A
LED Power Dissipation
Derate Linearly From 25°C
PD
All
120
mW
1.41
mW/°C
DETECTOR
Continuous Collector Current
IC
All
50
mA
Detector Power Dissipation
Derate linearity from 25°C
PD
All
150
mW
1.76
mW/°C
ELECTRICAL CHARACTERISTICS (TA = 25°C Unless otherwise specified.)
INDIVIDUAL COMPONENT CHARACTERISTICS
Parameter
Test Conditions
Symbol
Device
Min
Typ*
Max
Unit
EMITTER
Input Forward Voltage
IF = ±10 mA
VF
All
1.17
1.5
V
Capacitance
VF = 0 V, f = 1.0 MHz
CJ
All
80
pF
DETECTOR
Breakdown Voltage
Collector to Emitter
IC = 1.0 mA, IF = 0
BVCEO
All
30
100
V
Collector to Base
IC = 100 µA, IF = 0
BVCBO
All
70
120
V
Emitter to Base
IE = 100 µA, IF = 0
BVEBO
All
5
10
V
Emitter to Collector
IE = 100 µA, IF = 0
BVECO
All
7
10
V
Leakage Current
Collector to Emitter
VCE = 10 V, IF = 0
ICEO
H11AA1,3,4(-M)
1
50
nA
H11AA2-M
1
200
Capacitance
Collector to Emitter
VCE = 0, f = 1 MHz
CCE
All
10
pF
Collector to Base
VCB = 0, f = 1 MHz
CCB
All
80
pF
Emitter to Base
VEB = 0, f = 1 MHz
CEB
All
15
pF


Similar Part No. - H11AA2-MV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11AA2-M FAIRCHILD-H11AA2-M Datasheet
510Kb / 9P
   AC Input/Phototransistor Optocouplers
More results

Similar Description - H11AA2-MV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11AA1 FAIRCHILD-H11AA1 Datasheet
528Kb / 8P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
H11AA1M FAIRCHILD-H11AA1M Datasheet
511Kb / 9P
   AC Input/Phototransistor Optocouplers
H11AA4M FAIRCHILD-H11AA4M Datasheet
261Kb / 10P
   AC Input/Phototransistor Optocouplers
logo
QT Optoelectronics
H11AA1 QT-H11AA1 Datasheet
307Kb / 4P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AA1-M FAIRCHILD-H11AA1-M_06 Datasheet
510Kb / 9P
   AC Input/Phototransistor Optocouplers
MOC256 FAIRCHILD-MOC256 Datasheet
486Kb / 7P
   AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOC256-M FAIRCHILD-MOC256-M Datasheet
105Kb / 7P
   AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MCT5200 FAIRCHILD-MCT5200 Datasheet
169Kb / 11P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTOCOUPLERS
MCT5201M FAIRCHILD-MCT5201M Datasheet
290Kb / 12P
   Low Input Current Phototransistor Optocouplers
MCT5201M_0810 FAIRCHILD-MCT5201M_0810 Datasheet
293Kb / 12P
   Low Input Current Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com