Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVX138 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74LVX138
Description  3-to-8 Line Decoder With 5V?뭈olerant Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX138 Datasheet(HTML) 5 Page - ON Semiconductor

  MC74LVX138 Datasheet HTML 1Page - ON Semiconductor MC74LVX138 Datasheet HTML 2Page - ON Semiconductor MC74LVX138 Datasheet HTML 3Page - ON Semiconductor MC74LVX138 Datasheet HTML 4Page - ON Semiconductor MC74LVX138 Datasheet HTML 5Page - ON Semiconductor MC74LVX138 Datasheet HTML 6Page - ON Semiconductor MC74LVX138 Datasheet HTML 7Page - ON Semiconductor MC74LVX138 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC74LVX138
http://onsemi.com
5
CAPACITIVE CHARACTERISTICS
TA = 25°C
TA = − 40 to 85°C
Symbol
Parameter
Min
Typ
Max
Min
Max
Unit
Cin
Input Capacitance
4
10
10
pF
CPD
Power Dissipation Capacitance (Note 2)
34
pF
2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC . CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.
NOISE CHARACTERISTICS (Input tr = tf = 3.0ns, CL = 50pF, VCC = 3.3V, Measured in SOIC Package)
TA = 25°C
Symbol
Characteristic
Typ
Max
Unit
VOLP
Quiet Output Maximum Dynamic VOL
0.5
V
VOLV
Quiet Output Minimum Dynamic VOL
−0.5
V
VIHD
Minimum High Level Dynamic Input Voltage
2.0
V
VILD
Maximum Low Level Dynamic Input Voltage
0.8
V
SWITCHING WAVEFORMS
50%
tPHL
tPLH
VCC
GND
VALID
VALID
O
50% VCC
VCC
GND
tPLH
50% VCC
O
E3
tPHL
50%
A
VCC
GND
tPHL
tPLH
O
E2 or E1
50% VCC
50%
Figure 4. .
Figure 5. .
Figure 6.
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
TEST CIRCUIT
Figure 7.


Similar Part No. - MC74LVX138

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LVX138 MOTOROLA-MC74LVX138 Datasheet
173Kb / 7P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX138 ONSEMI-MC74LVX138 Datasheet
116Kb / 7P
   3-to-8 Line Decoder
August, 2014 ??Rev. 4
logo
Motorola, Inc
MC74LVX138D MOTOROLA-MC74LVX138D Datasheet
173Kb / 7P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX138DR2G ONSEMI-MC74LVX138DR2G Datasheet
116Kb / 7P
   3-to-8 Line Decoder
August, 2014 ??Rev. 4
logo
Motorola, Inc
MC74LVX138DT MOTOROLA-MC74LVX138DT Datasheet
173Kb / 7P
   LOW-VOLTAGE CMOS
More results

Similar Description - MC74LVX138

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVX238 STMICROELECTRONICS-74LVX238_04 Datasheet
323Kb / 12P
   LOW VOLTAGE CMOS 3 TO 8 LINE DECODER WITH 5V TOLERANT INPUTS
74LVX238 STMICROELECTRONICS-74LVX238 Datasheet
236Kb / 9P
   LOW VOLTAGE CMOS 3 TO 8 LINE DECODER WITH 5V TOLERANT INPUTS
July 2001
74LVX138 STMICROELECTRONICS-74LVX138 Datasheet
330Kb / 12P
   LOW VOLTAGE CMOS 3 TO 8 LINE DECODER (INV.) WITH 5V TOLERANT INPUTS
74LCX138 STMICROELECTRONICS-74LCX138 Datasheet
299Kb / 12P
   LOW VOLTAGE CMOS 3 TO 8 LINE DECODER (INV) WITH 5V TOLERANT INPUTS
74LCX138 STMICROELECTRONICS-74LCX138_06 Datasheet
309Kb / 17P
   Low voltage CMOS 3 to 8 line decoder (Inverter) with 5V tolerant inputs
logo
Toshiba Semiconductor
TC74LCX138F TOSHIBA-TC74LCX138F Datasheet
289Kb / 9P
   LOW VOLTAGE 3-TO-8 LINE DECODER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ138FK TOSHIBA-TC7MZ138FK Datasheet
237Kb / 7P
   LOW-VOLTAGE 3-TO-8 LINE DECODER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
MC74LCX138 ONSEMI-MC74LCX138_05 Datasheet
95Kb / 8P
   Low-Voltage CMOS 3-to-8 Decoder/Demultiplexer With 5 V?뭈olerant Inputs
January, 2005 ??Rev. 5
MC74LVX126 ONSEMI-MC74LVX126 Datasheet
91Kb / 5P
   Quad Bus Buffe With 5V?뭈olerant Inputs
February, 2005 ??Rev. 2
logo
Texas Instruments
SN74HCS138 TI-SN74HCS138 Datasheet
667Kb / 19P
[Old version datasheet]   SN74HCS138 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com