Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9V5045S3ST Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # ISL9V5045S3ST
Description  EcoSPARK N-Channel Ignition IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ISL9V5045S3ST Datasheet(HTML) 4 Page - Fairchild Semiconductor

  ISL9V5045S3ST Datasheet HTML 1Page - Fairchild Semiconductor ISL9V5045S3ST Datasheet HTML 2Page - Fairchild Semiconductor ISL9V5045S3ST Datasheet HTML 3Page - Fairchild Semiconductor ISL9V5045S3ST Datasheet HTML 4Page - Fairchild Semiconductor ISL9V5045S3ST Datasheet HTML 5Page - Fairchild Semiconductor ISL9V5045S3ST Datasheet HTML 6Page - Fairchild Semiconductor ISL9V5045S3ST Datasheet HTML 7Page - Fairchild Semiconductor ISL9V5045S3ST Datasheet HTML 8Page - Fairchild Semiconductor ISL9V5045S3ST Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ISL9V5045S3S / ISL9V5045S3 Rev. A
www.fairchildsemi.com
4
Figure 3.
1.10
1.05
1.00
0.95
0.90
25
-25
175
125
75
-50
0
50
100
150
TJ, JUNCTION TEMPERATURE (°C)
VGE = 4.0V
VGE = 3.7V
VGE = 5.0V
VGE = 8.0V
ICE = 6A
VGE = 4.5V
0.85
Collector to Emitter On-State Voltage vs
Junction Temperature
Figure 4.
25
-25
175
125
75
-50
0
50
100
150
1.25
1.20
1.15
1.10
1.05
1.00
TJ, JUNCTION TEMPERATURE (°C)
ICE = 10A
VGE = 4.0V
VGE = 3.7V
VGE = 4.5V
VGE = 5.0V
VGE = 8.0V
Collector to Emitter On-State Voltage vs
Junction Temperature
Figure 5.
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
20
40
02.0
1.0
3.0
4.0
50
30
10
0
VGE = 4.0V
VGE = 3.7V
VGE = 4.5V
VGE = 5.0V
VGE = 8.0V
TJ = - 40°C
Collector Current vs Collector to Emitter
On-State Voltage
Figure 6.
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
40
0
50
30
02.0
1.0
3.0
4.0
20
10
VGE = 4.0V
VGE = 3.7V
VGE = 4.5V
VGE = 5.0V
VGE = 8.0V
TJ = 25°C
Collector Current vs Collector to Emitter
On-State Voltage
Figure 7.
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
0
50
40
02.0
1.0
3.0
4.0
30
TJ = 175°C
VGE = 4.0V
VGE = 3.7V
VGE = 4.5V
VGE = 5.0V
VGE = 8.0V
20
10
Collector to Emitter On-State Voltage vs
Collector Current
Figure 8.
VGE, GATE TO EMITTER VOLTAGE (V)
2.0
1.0
3.0
4.0
50
40
30
0
2.5
1.5
3.5
4.5
PULSE DURATION = 250µs
DUTY CYCLE < 0.5%, VCE = 5V
TJ = 25°C
TJ = 175°C
TJ = -40°C
20
10
Transfer Characteristics
Typical Characteristics (Continued)


Similar Part No. - ISL9V5045S3ST

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ISL9V5045S3ST-F085C ONSEMI-ISL9V5045S3ST-F085C Datasheet
1Mb / 8P
   ECOSPARK Ignition IGBT 500 mJ, 450 V, N-Channel Ignition IGBT
May, 2022 - Rev. 1
logo
Fairchild Semiconductor
ISL9V5045S3ST_F085 FAIRCHILD-ISL9V5045S3ST_F085 Datasheet
251Kb / 7P
   ISL9V5045S3ST_F085 EcoSPARK N-Channel Ignition IGBT
More results

Similar Description - ISL9V5045S3ST

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9V2540S3S FAIRCHILD-ISL9V2540S3S Datasheet
184Kb / 9P
   EcoSPARK N-Channel Ignition IGBT
ISL9V5045S3ST_F085 FAIRCHILD-ISL9V5045S3ST_F085 Datasheet
251Kb / 7P
   ISL9V5045S3ST_F085 EcoSPARK N-Channel Ignition IGBT
ISL9V2540S3ST FAIRCHILD-ISL9V2540S3ST_09 Datasheet
372Kb / 9P
   EcoSPARK N-Channel Ignition IGBT 250mJ, 400V
logo
ON Semiconductor
ISL9V3040X3ST-F085C ONSEMI-ISL9V3040X3ST-F085C Datasheet
3Mb / 9P
   EcoSPARK Ignition IGBT
August, 2019 ??Rev. 1
logo
Fairchild Semiconductor
ISL9V5036S3ST FAIRCHILD-ISL9V5036S3ST Datasheet
174Kb / 8P
   EcoSPARK 500mJ, 360V, N-Channel Ignition IGBT
ISL9V5036P3 FAIRCHILD-ISL9V5036P3_11 Datasheet
354Kb / 7P
   EcoSPARK 500mJ, 360V, N-Channel Ignition IGBT
FGI3236 FAIRCHILD-FGI3236 Datasheet
908Kb / 10P
   EcoSPARK 320mJ, 360V, N-Channel Ignition IGBT
logo
ON Semiconductor
ISL9V5045S3ST-F085C ONSEMI-ISL9V5045S3ST-F085C Datasheet
1Mb / 8P
   ECOSPARK Ignition IGBT 500 mJ, 450 V, N-Channel Ignition IGBT
May, 2022 - Rev. 1
ISL9V3040D3STV ONSEMI-ISL9V3040D3STV Datasheet
718Kb / 8P
   ECOSPARK Ignition IGBT 300 mJ, 400 V, N-Channel Ignition IGBT
May, 2019 - Rev. 0
FGD3245G2-F085V ONSEMI-FGD3245G2-F085V Datasheet
2Mb / 8P
   EcoSPARK 2 Ignition IGBT 320 mJ, 450 V, N-Channel Ignition IGBT
April, 2019 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com