Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSCQ1465RTYDTU Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FSCQ1465RTYDTU
Description  Green Mode Fairchild Power Switch (FPS)
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSCQ1465RTYDTU Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FSCQ1465RTYDTU Datasheet HTML 2Page - Fairchild Semiconductor FSCQ1465RTYDTU Datasheet HTML 3Page - Fairchild Semiconductor FSCQ1465RTYDTU Datasheet HTML 4Page - Fairchild Semiconductor FSCQ1465RTYDTU Datasheet HTML 5Page - Fairchild Semiconductor FSCQ1465RTYDTU Datasheet HTML 6Page - Fairchild Semiconductor FSCQ1465RTYDTU Datasheet HTML 7Page - Fairchild Semiconductor FSCQ1465RTYDTU Datasheet HTML 8Page - Fairchild Semiconductor FSCQ1465RTYDTU Datasheet HTML 9Page - Fairchild Semiconductor FSCQ1465RTYDTU Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
FSCQ-SERIES
6
Electrical Characteristics (SenseFET Part)
(Ta=25
°C unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ. Max.
Unit
Drain-Source Breakdown Voltage
BVDSS
VGS = 0V, ID = 250μA
650
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS = 650V,VGS = 0V
-
-
250
μA
Drain-Source ON-State
Resistance
RDS(ON)
FSCQ0565RT
VGS = 10V, ID = 1A
-
1.76
2.2
Ω
FSCQ0765RT
VGS = 10V, ID = 1A
-
1.4
1.6
Ω
FSCQ0965RT
VGS = 10V, ID = 1A
-
1.0
1.2
Ω
FSCQ1265RT
VGS = 10V, ID = 1A
-
0.75
0.9
Ω
FSCQ1465RT
VGS = 10V, ID = 1A
-
0.7
0.8
Ω
FSCQ1565RT
VGS = 10V, ID = 1A
-
0.53
0.7
Ω
FSCQ1565RP
VGS = 10V, ID = 1A
-
0.53
0.7
Ω
Input Capacitance
CISS
FSCQ0565RT
VGS = 0V, VDS = 25V,
f = 1MHz
-
1080
-
pF
FSCQ0765RT
-
1415
-
FSCQ0965RT
-
1750
-
FSCQ1265RT
-
2400
-
FSCQ1465RT
-
2400
-
FSCQ1565RT
-
3050
-
FSCQ1565RP
-
3050
-
Output Capacitance
COSS
FSCQ0565RT
VGS = 0V, VDS = 25V,
f = 1MHz
-90
-
pF
FSCQ0765RT
-
100
-
FSCQ0965RT
-
130
-
FSCQ1265RT
-
175
-
FSCQ1465RT
-
185
-
FSCQ1565RT
-
220
-
FSCQ1565RP
-
220
-


Similar Part No. - FSCQ1465RTYDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCQ1465RTYDTU FAIRCHILD-FSCQ1465RTYDTU Datasheet
1Mb / 45P
   Green Mode Fairchild Power Switch (FPS TM)
FSCQ1465RTYDTU FAIRCHILD-FSCQ1465RTYDTU Datasheet
1Mb / 45P
   Green Mode Fairchild Power Switch (FPS??
More results

Similar Description - FSCQ1465RTYDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com