Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LCX74M Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC74LCX74M
Description  LOW-VOLTAGE CMOS DUAL D-TYPE FLIP-FLOP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX74M Datasheet(HTML) 2 Page - ON Semiconductor

  MC74LCX74M Datasheet HTML 1Page - ON Semiconductor MC74LCX74M Datasheet HTML 2Page - ON Semiconductor MC74LCX74M Datasheet HTML 3Page - ON Semiconductor MC74LCX74M Datasheet HTML 4Page - ON Semiconductor MC74LCX74M Datasheet HTML 5Page - ON Semiconductor MC74LCX74M Datasheet HTML 6Page - ON Semiconductor MC74LCX74M Datasheet HTML 7Page - ON Semiconductor MC74LCX74M Datasheet HTML 8Page - ON Semiconductor MC74LCX74M Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MC74LCX74
MOTOROLA
LCX DATA
BR1339 — REV 3
2
LOGIC DIAGRAM
O1
SD1
Q
4
5
D1
D
2
CP1
CP
3
CD1
1
O1
Q
6
SD
CD
O2
SD2
Q
10
9
D2
D
12
CP2
CP
11
CD2
13
O2
Q
8
SD
CD
INPUTS
OUTPUTS
SDn
CDn
CPn
Dn
On
On
OPERATING MODE
L
H
H
L
X
X
X
X
H
L
L
H
Asynchronous Set
Asynchronous Clear
L
L
X
X
H
H
Undetermined
H
H
H
H
h
l
H
L
L
H
Load and Read Register
H
H
X
NC
NC
Hold
H = High Voltage Level; h = High Voltage Level One Setup Time Prior to the Low–to–High Clock Transition; L = Low Voltage Level; l = Low
Voltage Level One Setup Time Prior to the Low–to–High Clock Transition; NC = No Change; X = High or Low Voltage Level or Transitions
are Acceptable;
↑ = Low–to–High Transition; ↑ = Not a Low–to–High Transition; For ICC Reasons DO NOT FLOAT Inputs


Similar Part No. - MC74LCX74M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX74M MOTOROLA-MC74LCX74M Datasheet
145Kb / 9P
   LOW-VOLTAGE CMOS DUAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX74MEL ONSEMI-MC74LCX74MEL Datasheet
86Kb / 8P
   Low-Voltage CMOS Dual D-Type Flip-Flop With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 5
MC74LCX74MELG ONSEMI-MC74LCX74MELG Datasheet
86Kb / 8P
   Low-Voltage CMOS Dual D-Type Flip-Flop With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 5
More results

Similar Description - MC74LCX74M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX74 ONSEMI-MC74LCX74_12 Datasheet
134Kb / 8P
   Low-Voltage CMOS Dual D-Type Flip-Flop
July, 2012 ??Rev. 7
logo
Motorola, Inc
MC74LCX74 MOTOROLA-MC74LCX74 Datasheet
145Kb / 9P
   LOW-VOLTAGE CMOS DUAL D-TYPE FLIP-FLOP
MC74LVQ74 MOTOROLA-MC74LVQ74 Datasheet
144Kb / 9P
   LOW-VOLTAGE CMOS DUAL D-TYPE FLIP-FLOP
logo
Texas Instruments
CD4013B TI-CD4013B Datasheet
518Kb / 12P
[Old version datasheet]   CMOS DUAL D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
CD4013BMS RENESAS-CD4013BMS Datasheet
520Kb / 9P
   CMOS Dual ‘D’-Type Flip-Flop
December 1992
logo
ON Semiconductor
74LVC374A ONSEMI-74LVC374A_16 Datasheet
101Kb / 10P
   Low-Voltage CMOS Octal D-Type Flip-Flop
April, 2016 ??Rev. 2
logo
Texas Instruments
CD4013BMG4 TI-CD4013BMG4 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Dual D - Type Flip-Flop
logo
Intersil Corporation
CD4013BMS INTERSIL-CD4013BMS Datasheet
74Kb / 9P
   CMOS Dual ‘D’-Type Flip-Flop
December 1992
logo
Texas Instruments
CD4013B TI1-CD4013B_15 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Dual D-type Flip Flop
logo
Motorola, Inc
MC74LVQ374 MOTOROLA-MC74LVQ374 Datasheet
212Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com