Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV5504DTRKG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV5504DTRKG
Description  250 mA Dual Output Low Dropout Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV5504DTRKG Datasheet(HTML) 1 Page - ON Semiconductor

  NCV5504DTRKG Datasheet HTML 1Page - ON Semiconductor NCV5504DTRKG Datasheet HTML 2Page - ON Semiconductor NCV5504DTRKG Datasheet HTML 3Page - ON Semiconductor NCV5504DTRKG Datasheet HTML 4Page - ON Semiconductor NCV5504DTRKG Datasheet HTML 5Page - ON Semiconductor NCV5504DTRKG Datasheet HTML 6Page - ON Semiconductor NCV5504DTRKG Datasheet HTML 7Page - ON Semiconductor NCV5504DTRKG Datasheet HTML 8Page - ON Semiconductor NCV5504DTRKG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2005
October, 2005 − Rev. 1
1
Publication Order Number:
NCP5504/D
NCP5504, NCV5504
250 mA Dual Output Low
Dropout Linear Regulator
The NCP5504/NCV5504 are dual output low dropout linear
regulators with
±2.0% accuracy over the operating temperature range.
They feature a fixed output voltage of 3.3 V (contact factory for other
fixed output voltage options) and an adjustable output that ranges from
1.25 V to 5.0 V. It is available in a 5 pin DPAK Pb−Free package.
The NCP5504/NCV5504 employs an architecture that offers low
noise without a bypass capacitor for the fixed output. This device
along with a ripple rejection of 75 dB and a dropout of 250 mV @
250 mA, suits post−regulation and power sensitive battery−operated
applications.
Features
One Fixed and One Adjustable Output Pin
250 mA Each Output
Adjustable Output Voltage from 1.25 V to 5.0 V
Low Dropout Voltage of 250 mV typical at 250 mA
Low Quiescent Current of 370 mA typical
Ripple Rejection of 75 dB
Temperature Range of NCP5504 −25°C to +85°C
Temperature Range of NCV5504 −40
°C to +125°C
Low Noise Without Bypass Capacitor; 90 mVrms
Line Regulation < 15 mV
Load Regulation; Vout1 < 15 mV, Vout2 < 10 mV
Accuracy of ±2% Overtemperature Range
Thermal Protection and Current Limit
Short Circuit Protection
NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
These are Pb−Free Devices
Typical Applications
Audio Visual Equipment
Battery Powered Consumer Products
Instrumentation
Computing and Networking Applications
Automotive Electronics
DPAK−5
DT SUFFIX
CASE 175AA
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
MARKING DIAGRAM
http://onsemi.com
G
= Pb−Free Package
A
= Assembly Location
L
= Wafer Lot
Y
= Year
WW
= Work Week
5504G
ALYWW
Pin 1. Adjust for Vout
2. Vout2
3. GND
4. Vin
5. Vout1


Similar Part No. - NCV5504DTRKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV5504DTRKG ONSEMI-NCV5504DTRKG Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
NCV5504DTRKG ONSEMI-NCV5504DTRKG Datasheet
145Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
More results

Similar Description - NCV5504DTRKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
NCP5504 ONSEMI-NCP5504_06 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
logo
Texas Instruments
TPS71202 TI-TPS71202 Datasheet
368Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202 TI1-TPS71202_17 Datasheet
964Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202DRCT TI-TPS71202DRCT Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202-EP TI1-TPS71202-EP Datasheet
679Kb / 19P
[Old version datasheet]   DUAL, 250-mA OUTPUT, ULTRA-LOW NOISE, HIGH PSRR, LOW-DROPOUT LINEAR REGULATOR
TPS732 TI1-TPS732 Datasheet
1Mb / 39P
[Old version datasheet]   250-mA Low-Dropout Regulator
TPS767D301-EP TI-TPS767D301-EP_15 Datasheet
876Kb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
TPS767D301-EP TI1-TPS767D301-EP Datasheet
698Kb / 21P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
TPS71319 TI1-TPS71319_16 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com