Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6037AAUK41 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6037AAUK41
Description  Low-Power, Fixed and Adjustable Reference with Shutdown in SOT23
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6037AAUK41 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6037AAUK41 Datasheet HTML 4Page - Maxim Integrated Products MAX6037AAUK41 Datasheet HTML 5Page - Maxim Integrated Products MAX6037AAUK41 Datasheet HTML 6Page - Maxim Integrated Products MAX6037AAUK41 Datasheet HTML 7Page - Maxim Integrated Products MAX6037AAUK41 Datasheet HTML 8Page - Maxim Integrated Products MAX6037AAUK41 Datasheet HTML 9Page - Maxim Integrated Products MAX6037AAUK41 Datasheet HTML 10Page - Maxim Integrated Products MAX6037AAUK41 Datasheet HTML 11Page - Maxim Integrated Products MAX6037AAUK41 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Low-Power, Fixed and Adjustable Reference
with Shutdown in SOT23
8
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MAX6037_41 (VOUT = 4.096V) (continued)
(VIN = VSHDN = +5V, IOUT = 0, COUT = 0.1µF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Short to GND
33
OUT Short-Circuit Current
ISC
Short to IN
32
mA
ISOURCE = 1mA
40
100
Dropout Voltage (Note 5)
VIN - VOUT
ISOURCE = 5mA
190
410
mV
Thermal Hysteresis (Note 3)
∆VOUT/cycle
524
ppm
Long-Term Stability
∆VOUT/time
1000h at TA = +25°C
133
ppm
DYNAMIC
f = 0.1Hz to 10Hz
24
µVP-P
Noise Voltage
eOUT
f = 10Hz to 1kHz
50
µVRMS
Initial power-up
3.2
Turn-On Settling Time
tR
To VOUT = 0.1%
of final value,
COUT = 0.02µF
VIN = 5V, SHDN pulled
from low to high
3.2
ms
Output Impedance when
Disabled
ZOUT
VIN = 5V, VSHDN = 0
410
kΩ
Capacitive-Load Stability
Range (Note 4)
COUT
0.02
1µF
INPUT
Supply Voltage Range
VIN
Guaranteed by line regulation test
4.3
5.5
V
Quiescent Supply Current
IIN
210
275
µA
Shutdown Supply Current
ISHDN
VSHDN = 0V
0.05
500
nA
SHUTDOWN (
SHDN)
Logic-High Input Voltage
VENH
4.3V
≤ VIN ≤ 5.5V
2.0
V
Logic-Low Input Voltage
VENL
4.3V
≤ VIN ≤ 5.5V
0.8
V
Logic-High Input Current
IENH
4.3V
≤ VIN ≤ 5.5V, VSHDN = VIN
-1000
0.15
+1000
nA
Logic-Low Input Current
IENL
4.3V
≤ VIN ≤ 5.5V, VSHDN = 0V
-1000
0.05
+1000
nA


Similar Part No. - MAX6037AAUK41

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6037AAUK12+T MAXIM-MAX6037AAUK12+T Datasheet
434Kb / 18P
   Low-Power, Fixed and Adjustable Reference with Shutdown in SOT23
Rev 1; 12/07
MAX6037AAUK21+T MAXIM-MAX6037AAUK21+T Datasheet
434Kb / 18P
   Low-Power, Fixed and Adjustable Reference with Shutdown in SOT23
Rev 1; 12/07
More results

Similar Description - MAX6037AAUK41

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6037 MAXIM-MAX6037_07 Datasheet
434Kb / 18P
   Low-Power, Fixed and Adjustable Reference with Shutdown in SOT23
Rev 1; 12/07
logo
California Micro Device...
CMV7106 CALMIRCO-CMV7106 Datasheet
146Kb / 9P
   CMV7106 LOW POWER, LOW VOLTAGE OP AMP WITH RRIO AND SHUTDOWN, SOT23-6
logo
Maxim Integrated Produc...
MAX4223 MAXIM-MAX4223 Datasheet
243Kb / 20P
   1GHz, Low-Power, SOT23, Current-Feedback Amplifiers with Shutdown
Rev 2a; 6/97
logo
TelCom Semiconductor, I...
TC1028 TELCOM-TC1028 Datasheet
26Kb / 1P
   LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE WITH SHUTDOWN
logo
Microchip Technology
TC1040 MICROCHIP-TC1040 Datasheet
444Kb / 14P
   Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
2002
logo
California Micro Device...
CMC7106 CALMIRCO-CMC7106 Datasheet
958Kb / 11P
   CMC7106 Low Power Operational Amplifier, RRIO, with Shutdown, SOT23-6
logo
Microchip Technology
TC1031 MICROCHIP-TC1031_05 Datasheet
257Kb / 14P
   Linear Building Block - Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
2005
TC1031 MICROCHIP-TC1031 Datasheet
430Kb / 12P
   Linear Building Block . Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
2002
logo
TelCom Semiconductor, I...
TC1014 TELCOM-TC1014 Datasheet
109Kb / 10P
   50mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
logo
Unisonic Technologies
LR1185 UTC-LR1185_16 Datasheet
172Kb / 4P
   150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com