Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JAN1N4614-1 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # JAN1N4614-1
Description  Hermetically sealed glass case. DO - 35 outline.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JAN1N4614-1 Datasheet(HTML) 1 Page - Microsemi Corporation

  JAN1N4614-1 Datasheet HTML 1Page - Microsemi Corporation JAN1N4614-1 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841
PHONE (978) 620-2600
FAX (978) 689-0803
WEBSITE: http://www.microsemi.com
45
• 1N4614-1THRU 1N4627-1 AVAILABLE IN
JAN, JANTX, JANTXV AND JANS
PER MIL-PRF-19500/435
• LOW CURRENT OPERATION AT 250
µA
• LOW REVERSE LEAKAGE AND LOW NOISE CHARACTERISTICS
• DOUBLE PLUG CONSTRUCTION
• METALLURGICALLY BONDED
1N4614 thru 1N4627
and
1N4614-1 thru 1N4627-1
FIGURE 1
DESIGN DATA
CASE: Hermetically sealed glass
case. DO – 35 outline.
LEAD MATERIAL: Copper clad steel.
LEAD FINISH: Tin / Lead
THERMAL RESISTANCE: (ROJEC):
250
°C/W maximum at L = .375 inch
THERMAL IMPEDANCE: (ZOJX): 35
°C/W maximum
POLARITY: Diode to be operated with
the banded (cathode) end positive.
MOUNTING POSITION: ANY.
MAXIMUM RATINGS
Operating Temperature: -65°C to +175°C
DC Power Dissipation: 500mW @ +50°C
Power Derating: 4 mW / °C above +50°C
Forward Voltage @ 200 mA: 1.1 Volts maximum
* ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise speci½ed.
JEDEC
NOMINAL
ZENER
MAXIMUM
MAXIMUM REVERSE
MAXIMUM
MAXIMUM
TYPE
ZENER
TEST
ZENER
LEAKAGE CURRENT
DC ZENER
NOISE
NUMBER
VOLTAGE
CURRENT
IMPEDANCE
CURRENT
DENSITY
V
Z
@ I
ZT
I
ZT
Z
ZT
@ I
ZT
1
R
@ V
R
lZM
ND
(Note 1)
(Note 2)
VOLTS
µ A
OHMS
µ A
VOLTS
mA
µ V/
Hz
1N4614
1.8
250
1200
7.5
1
120
1
1N4615
2.0
250
1250
5.0
1
110
1
1N4616
2.2
250
1300
4.0
1
100
1
1N4617
2.4
250
1400
2.0
1
95
1
1N4618
2.7
250
1500
1.0
1
90
1
1N4619
3.0
250
1600
0.8
1
87
1
1N4620
3.3
250
1650
7.5
1.5
85
1
1N4621
3.6
250
1700
7.5
2
83
1
1N4622
3.9
250
1650
5.0
2
80
1
1N4623
4.3
250
1600
4.0
2
77
1
1N4624
4.7
250
1550
10.0
3
75
1
1N4625
5.1
250
1500
10.0
3
70
2
1N4626
5.6
250
1400
10.0
4
65
4
1N4627
6.2
250
1200
10.0
5
61
5
* JEDEC Registered Data.
NOTE 1
The JEDEC type numbers shown above have a Zener voltage tolerance of + 5% of
the nominal Zener voltage. Vz is measured with the device junction in thermal equilib-
rium at an ambient themperature of 25°C + 3°C. A “C” suffix denotes a + 2%
tolerance and a “D” suffix denotes a + 1% tolerance.
NOTE 2
Zener impedance is derived by superimposing on l ZT A 60Hz rms a.c. current equal
to 10% of l ZT (25 µ A a.c.)


Similar Part No. - JAN1N4614-1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN1N4614-1 MICROSEMI-JAN1N4614-1 Datasheet
86Kb / 2P
   SILICON 500mA LOW NOISE ZENER DIODES
More results

Similar Description - JAN1N4614-1

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
DO-35 CDIL-DO-35 Datasheet
225Kb / 3P
   DO-35 Hermetically Sealed Glass Axial Package
logo
Naina Semiconductor ltd...
1N2970 NAINA-1N2970_17 Datasheet
147Kb / 2P
   Hermetically sealed DO-4 outline
logo
Cystech Electonics Corp...
1N4148LC CYSTEKEC-1N4148LC Datasheet
158Kb / 4P
   500mW DO-35 Hermetically glass sealed switching diode
CBZX55CXXLC CYSTEKEC-CBZX55CXXLC Datasheet
139Kb / 3P
   500mW DO-35 Hermetically sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
KELDB3 TAK_CHEONG-KELDB3 Datasheet
92Kb / 3P
   DO-35 Hermetically Sealed Glass BI-directional Trigger Diode
logo
Gaomi Xinghe Electronic...
0.5W6.8V GXELECTRONICS-0.5W6.8V Datasheet
533Kb / 3P
   500mW DO-35 Hermetically sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
AFC TAK_CHEONG-AFC Datasheet
193Kb / 6P
   350 mW DO-35 Hermetically Sealed Glass AFC / Trigger Diodes
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com