Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GL5HD40 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GL5HD40
Description  HIGH-LUMINOSITY LED LAMP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GL5HD40 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GL5HD40 Datasheet HTML 1Page - List of Unclassifed Manufacturers GL5HD40 Datasheet HTML 2Page - List of Unclassifed Manufacturers GL5HD40 Datasheet HTML 3Page - List of Unclassifed Manufacturers GL5HD40 Datasheet HTML 4Page - List of Unclassifed Manufacturers GL5HD40 Datasheet HTML 5Page - List of Unclassifed Manufacturers GL5HD40 Datasheet HTML 6Page - List of Unclassifed Manufacturers GL5HD40 Datasheet HTML 7Page - List of Unclassifed Manufacturers GL5HD40 Datasheet HTML 8Page - List of Unclassifed Manufacturers GL5HD40 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LED
97
LED LAMP
■ LED LAMPS
*1 PR series (Red): I F = 5 mA (GL8PR25, GL8PR29: IF = 10 mA)
Taped model is also available.
*2 Taped model
*3 With tie-bar
HL: High-luminosity
Radiation
shape
(mm)
Resin type
Green
Yellow-green
Yellow-green (HL)
Yellow
Sunset orange
Red
Red
(555 nm)
(565 nm)
(565 nm)
(585 nm)
(610 nm)
(635 nm)
(695 nm)
ø3
GL3KG8
30
GL3EG8
60
GL3HY8
55
GL3HS8
60
GL3HD8
40
GL3PR8
8
GL3EG41
130
GL3KG44
60
GL3EG44
130
GL3HY44
100 GL3HS44
100 GL3HD44
110 GL3PR44
12
GL3KG43
20
GL3EG43
38
GL3HY43
25
GL3HS43
25
GL3HD43
25
GL3PR43
3
GL3KG62
22
GL3EG62
65
GL3HY62
40
GL3HS62
40
GL3HD62
50
GL3KG63
6
GL3EG63
18
GL3HY63
16
GL3HS63
15
GL3HD63
17
GL3PR63
2
LT3E31W*2
18
LT3H31W*2
15
LT3D31W*2
15
LT3P31W*2
1.5
LT3E65W*2
25
LT3H65W*2
25
LT3S65W*2
25
LT3D65W*2
25
LT3P65W*2
3
ø4
GL4KG8
30
GL4EG8
100
GL4HY8
110 GL4HS8
80
GL4HD8
110 GL4PR8
15
ø5
GL5EG4
20
GL5HD4
25
GL5PR4
3
GL5KG8
60
GL5EG8
150
GL5HY8
120 GL5HS8
80
GL5HD8
80
GL5PR8
15
GL5KG41
70
GL5EG41
160
GL5HY41
100 GL5HS41
100 GL5HD41
150 GL5PR41
15
GL5KG44
70
GL5EG44
160
GL5HY44
100 GL5HS44
100 GL5HD44
100 GL5PR44
15
GL5EG261B0SB 150
GL5HD261B0SB 80
GL5PR261B0SB 15
GL5EG40
250
GL5HY40
250 GL5HS40
200 GL5HD40
250 GL5PR40
35
GL5KG43
120 GL5EG43
300 GL5FG43
600 GL5HY43
250 GL5HS43
250 GL5HD43
300
GL5EG60
23
GL5HD60
8
GL6EG11T*3 120
ø5
(Inverted
cone)
GL5EG47
15
GL5HS47
6
GL5HD47
8
Oval
Long: 5.8
Short: 4.6
GL6EG26T*3 140
Convex
ø2
GL2EG6
15
GL2HY6
12
GL2HD6
12
GL2PR6
1.5
Arch
2.5
× 5.0
GL8EG2
30
GL8HD2
30
2.0
× 3.1
GL8EG4
50
GL8HD4
40
1.8
× 3.9
GL8KG42
1.5 GL8EG42
5
GL8HY42
6
GL8HD42
5
GL8PR42
0.7
1.9
× 3.9
GL8EG5
28
GL8HY5
25
GL8HD5
22
2.0
× 3.2
GL8KG25
9
GL8EG25
12
GL8HY25
12
GL8HS25
10
GL8HD25
12
GL8PR25
1.5
2.0
× 3.2
GL8KG29
5
GL8EG29
12
GL8HY29
10
GL8HS29
7
GL8PR29
3
2.0
× 4.5
GL8EG23
6
GL8HY23
8
GL8HD23
6
2.0
× 5.0
GL8KG21
4
GL8EG21
8
GL8HY21
8
GL8HS21
8
GL8HD21
8
GL8PR21
0.7
GL8KG26
4
GL8EG26
8
GL8HY26
8
GL8HD26
8
GL8PR26
0.7
Square 5.0
× 5.0
GL8KG22
3.5 GL8EG22
6
GL8HY22
5
GL8HS22
5
GL8HD22
8
GL8PR22
1.2
Triangle
Isosceles
triangle
GL8PR28
0.9
(I F = 20 mA*1, Ta = 25°C)
K G
E G
F G
H Y
H S
H D
P R
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in
equipment using any SHARP devices shown in catalogs, data books, etc.
Except where specially indicated, models listed on this page comply with the RoHS Directive*. For details, please contact SHARP.
*RoHS Directive: Prohibits use of lead, cadmium, hexavalent chromium, mercury and specific brominated flame retardants
(PBBs and PBDEs), with certain exceptions.
Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.


Similar Part No. - GL5HD40

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL5HD41 SHARP-GL5HD41 Datasheet
81Kb / 4P
   첩5mm(T-1 3/4), Cylinder Type, Colored Transparency LED Lamps for Backlight/Indicator
GL5HD43 SHARP-GL5HD43 Datasheet
120Kb / 6P
   5mm(T-1 3/4), CYLINDER TYPE, COLORLESS TRANSPARENCY LED LAMPS FOR INDICATOR
More results

Similar Description - GL5HD40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL5TR43 ETC-GL5TR43 Datasheet
81Kb / 3P
   Super-luminosity LED Lamp/High-luminosity LED Lamp
logo
Sharp Corporation
GL8T156 SHARP-GL8T156 Datasheet
463Kb / 7P
   Super-luminosity/High-luminosity Numeric LED
GL9T030 SHARP-GL9T030 Datasheet
455Kb / 7P
   Super-luminosity/High-luminosity Numeric LED
logo
Everlight Electronics C...
64-135-REGHB7C-B01-2T EVERLIGHT-64-135-REGHB7C-B01-2T Datasheet
281Kb / 15P
   Luminosity Full Color LED
logo
Sharp Corporation
GL8UR4 SHARP-GL8UR4 Datasheet
45Kb / 2P
   2.0 X 3.1mm, Arch Type, Colored Transparency, High-luminosity LED Lamp for Indicator
logo
Everlight Electronics C...
61-25UTC EVERLIGHT-61-25UTC Datasheet
158Kb / 10P
   Luminosity white Color LED
47-23UWD EVERLIGHT-47-23UWD Datasheet
185Kb / 10P
   Luminosity White Color LED
59-146UWD-TR8 EVERLIGHT-59-146UWD-TR8 Datasheet
190Kb / 10P
   Luminosity white Color LED
61-13-S3GHBHC-B04-ET EVERLIGHT-61-13-S3GHBHC-B04-ET Datasheet
225Kb / 14P
   Luminosity Full Color LED
61-25-UWC-S400-A6-TR8 EVERLIGHT-61-25-UWC-S400-A6-TR8 Datasheet
163Kb / 10P
   Luminosity white Color LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com