Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6037BAUK12 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX6037BAUK12
Description  Low-Power, Fixed and Adjustable Reference with Shutdown in SOT23
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6037BAUK12 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX6037BAUK12 Datasheet HTML 6Page - Maxim Integrated Products MAX6037BAUK12 Datasheet HTML 7Page - Maxim Integrated Products MAX6037BAUK12 Datasheet HTML 8Page - Maxim Integrated Products MAX6037BAUK12 Datasheet HTML 9Page - Maxim Integrated Products MAX6037BAUK12 Datasheet HTML 10Page - Maxim Integrated Products MAX6037BAUK12 Datasheet HTML 11Page - Maxim Integrated Products MAX6037BAUK12 Datasheet HTML 12Page - Maxim Integrated Products MAX6037BAUK12 Datasheet HTML 13Page - Maxim Integrated Products MAX6037BAUK12 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
MAX6037_25 OUTPUT VOLTAGE
vs. TEMPERATURE (VOUT = 2.500V)
TEMPERATURE (°C)
100
75
-25
0
25
50
2.4925
2.4950
2.4975
2.5000
2.5025
2.5050
2.5075
2.5100
2.4900
-50
125
MAX6037_12 SUPPLY CURRENT
vs. INPUT VOLTAGE (VOUT = 1.25V)
INPUT VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
180
190
200
210
220
230
170
2.5
5.5
TA = +125°C
TA = +25°C
TA = -40°C
MAX6037_12 SUPPLY CURRENT
vs. TEMPERATURE (VOUT = 1.25V)
TEMPERATURE (°C)
100
75
50
25
0
-25
175
200
225
250
150
-50
125
VIN = +2.5V
VIN = +5.5V
Typical Operating Characteristics
(VIN = +3V for the MAX6037_12 and MAX6037_21; VIN = +5V for the MAX6037_25, MAX6037_30, MAX6037_33, and MAX6037_41;
IOUT = 0, COUT = 0.1µF, CIN = 0.1µF, TA = +25°C, unless otherwise specified.)
Low-Power, Fixed and Adjustable Reference
with Shutdown in SOT23
10
______________________________________________________________________________________
Note 1: All devices are 100% tested at TA = +25°C and are guaranteed by design for TA = TMIN to TMAX, as specified.
Note 2: Temperature coefficient is measured by the “box” method, i.e., the maximum ∆VOUT / VOUT is divided by the maximum ∆T.
Note 3: Thermal hysteresis is defined as the change in +25°C output voltage before and after cycling the device from TMAX to
TMIN.
Note 4: Not production tested. Guaranteed by design.
Note 5: Dropout voltage is defined as the minimum differential voltage (VIN - VOUT) at which VOUT decreases by 1% from its origi-
nal value at VIN = +5.0V.
Note 6: VOUT initial accuracy for the MAX6037_ADJ is tested with ADJ shorted to OUT. Actual accuracy will be affected by match-
ing and the temperature coefficient of the external resistors used. Use 1% resistors with low temperature coefficient for
best overall accuracy.
Note 7: The temperature coefficient for the MAX6037_ADJ is specified for the case where ADJ is connected to OUT. For the case
where an external resistive network is used to set the output voltage, actual change in reference output over temperature
will be affected by the temperature coefficient and matching of the external resistors used.
Note 8: The minimum VIN is the greater of +2.5V and (VOUT + 0.2V).
Note 9: VOUT set to +5V with an external resistive-divider.
Note 10: Noise for the MAX6037_ADJ is specified for a +1.25V output. Noise is proportional to VOUT and is greater for higher output
voltages. In addition, external resistors used to set the output voltage can contribute to noise.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SHUTDOWN (
SHDN)
Logic-High Input Voltage
VENH
2.5V
≤ VIN ≤ 5.5V
2.0
V
Logic-Low Input Voltage
VENL
2.5V
≤ VIN ≤ 5.5V
0.7
V
Logic-High Input Current
IENH
2.5V
≤ VIN ≤ 5.5V, VSHDN = VIN
-1000
0.15
+1000
nA
Logic-Low Input Current
IENL
2.5V
≤ VIN ≤ 5.5V, VSHDN = 0V
-1000
0.05
+1000
nA
ELECTRICAL CHARACTERISTICS—MAX6037_ADJ (VOUT = 1.184V to 5V) (continued)
(VIN = VSHDN = +5V, IOUT = 0, TA = TMIN to TMAX, ADJ shorted to OUT unless otherwise noted. Typical values are at TA = +25°C.)
(Note 1)


Similar Part No. - MAX6037BAUK12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6037BAUK12+T MAXIM-MAX6037BAUK12+T Datasheet
434Kb / 18P
   Low-Power, Fixed and Adjustable Reference with Shutdown in SOT23
Rev 1; 12/07
More results

Similar Description - MAX6037BAUK12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6037 MAXIM-MAX6037_07 Datasheet
434Kb / 18P
   Low-Power, Fixed and Adjustable Reference with Shutdown in SOT23
Rev 1; 12/07
logo
California Micro Device...
CMV7106 CALMIRCO-CMV7106 Datasheet
146Kb / 9P
   CMV7106 LOW POWER, LOW VOLTAGE OP AMP WITH RRIO AND SHUTDOWN, SOT23-6
logo
Maxim Integrated Produc...
MAX4223 MAXIM-MAX4223 Datasheet
243Kb / 20P
   1GHz, Low-Power, SOT23, Current-Feedback Amplifiers with Shutdown
Rev 2a; 6/97
logo
TelCom Semiconductor, I...
TC1028 TELCOM-TC1028 Datasheet
26Kb / 1P
   LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE WITH SHUTDOWN
logo
Microchip Technology
TC1040 MICROCHIP-TC1040 Datasheet
444Kb / 14P
   Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
2002
logo
California Micro Device...
CMC7106 CALMIRCO-CMC7106 Datasheet
958Kb / 11P
   CMC7106 Low Power Operational Amplifier, RRIO, with Shutdown, SOT23-6
logo
Microchip Technology
TC1031 MICROCHIP-TC1031_05 Datasheet
257Kb / 14P
   Linear Building Block - Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
2005
TC1031 MICROCHIP-TC1031 Datasheet
430Kb / 12P
   Linear Building Block . Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
2002
logo
TelCom Semiconductor, I...
TC1014 TELCOM-TC1014 Datasheet
109Kb / 10P
   50mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
logo
Unisonic Technologies
LR1185 UTC-LR1185_16 Datasheet
172Kb / 4P
   150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com