Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M5V208RV-10LL Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M5M5V208RV-10LL
Description  2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M5V208RV-10LL Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  M5M5V208RV-10LL Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M5V208RV-10LL Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M5V208RV-10LL Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M5V208RV-10LL Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M5V208RV-10LL Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M5V208RV-10LL Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M5V208RV-10LL Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MITSUBISHI LSIs
2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
MITSUBISHI
ELECTRIC
M5M5V208FP,VP,RV,KV,KR -70L , -85L, -10L , -12L,
-70LL, -85LL, -10LL, -12LL
'97.3.21
(Ta = 0 ~ 70°C, unless otherwise noted)
0.2V
t rec (PD)
2.7V
S2
≤ 0.2V
7
(3) POWER DOWN CHARACTERISTICS
S1 control mode
S2 control mode
POWER DOWN CHARACTERISTICS
(1) ELECTRICAL CHARACTERISTICS
Power down set up time
Power down recovery time
(2) TIMING REQUIREMENTS
tsu (PD)
trec (PD)
Symbol
Parameter
ns
Max
Typ
Limits
Min
Test conditions
Unit
0
5
ms
2.7V
t su (PD)
0.2V
2.2V
t su (PD)
2.7V
2.7V
2.2V
t rec (PD)
S1
≥ Vcc - 0.2V
Vcc
S1
Vcc
S2
Symbol
Parameter
V
V
Max
Typ
Limits
Min
Test conditions
Unit
µA
V
2
50
0.2
-LL
-L
(Note 7)
0.3
8
Vcc (PD)
VI (S1)
VI (S2)
Icc (PD)
Power down supply voltage
Chip select input S1
Chip select input S2
Power down supply current
Note7: ICC (PD) = 0.5µA (Max.) in case of Ta = +25°C
Vcc = 3.0V
S2
≤ 0.2V or
S1
Vcc - 0.2V,S2 ≥ Vcc - 0.2V
2.0
(Ta = 0 ~ 70°C, unless otherwise noted )


Similar Part No. - M5M5V208RV-10LL

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5V208RV-10LL-W MITSUBISHI-M5M5V208RV-10LL-W Datasheet
91Kb / 7P
   2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
More results

Similar Description - M5M5V208RV-10LL

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5V208AKV MITSUBISHI-M5M5V208AKV Datasheet
90Kb / 8P
   2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V208FP-70L-W MITSUBISHI-M5M5V208FP-70L-W Datasheet
91Kb / 7P
   2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V208AKV RENESAS-M5M5V208AKV Datasheet
166Kb / 8P
   2097152-BIT(262144-WORD BY 8-BIT)CMOS STATIC RAM
M5M5256DFP-70LL RENESAS-M5M5256DFP-70LL Datasheet
160Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DP-45LL MITSUBISHI-M5M5256DP-45LL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DP-45LL-1 MITSUBISHI-M5M5256DP-45LL-1 Datasheet
44Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL-I MITSUBISHI-M5M5256DFP-10VLL-I Datasheet
44Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL MITSUBISHI-M5M5256DFP-70VLL Datasheet
62Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL-I MITSUBISHI-M5M5256DFP-70VLL-I Datasheet
43Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5256DFP-70LLIBM RENESAS-M5M5256DFP-70LLIBM Datasheet
184Kb / 10P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com