Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GAT-20 Datasheet(PDF) 2 Page - Mini-Circuits

Part # GAT-20
Description  Miniature Plastic Fixed Attenuators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

GAT-20 Datasheet(HTML) 2 Page - Mini-Circuits

  GAT-20 Datasheet HTML 1Page - Mini-Circuits GAT-20 Datasheet HTML 2Page - Mini-Circuits GAT-20 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
Typical Performance Curves
GAT-0
ATTENUATION & VSWR
0.0
0.1
0.2
0.3
0.4
0.5
0
1000 2000 3000 4000 5000 6000 7000 8000
FREQUENCY (MHz)
1.0
1.1
1.2
1.3
1.4
1.5
ATTEN
VSWR
GAT-4
ATTENUATION & VSWR
3.8
4.0
4.2
4.4
4.6
4.8
0
1000 2000 3000 4000 5000 6000 7000 8000
FREQUENCY (MHz)
1.0
1.1
1.2
1.3
1.4
1.5
ATTEN
VSWR
GAT-8
ATTENUATION & VSWR
7.9
8.2
8.5
8.8
9.1
9.4
0
1000 2000 3000 4000 5000 6000 7000 8000
FREQUENCY (MHz)
1.0
1.1
1.2
1.3
1.4
1.5
ATTEN
VSWR
GAT-6
ATTENUATION & VSWR
5.8
6.1
6.4
6.7
7.0
7.3
0
1000 2000 3000 4000 5000 6000 7000 8000
FREQUENCY (MHz)
1.0
1.1
1.2
1.3
1.4
1.5
ATTEN
VSWR
GAT-1
ATTENUATION & VSWR
0.8
1.0
1.2
1.4
1.6
1.8
0
1000 2000 3000 4000 5000 6000 7000 8000
FREQUENCY (MHz)
1.0
1.1
1.2
1.3
1.4
1.5
ATTEN
VSWR
GAT-3
ATTENUATION & VSWR
2.8
3.0
3.2
3.4
3.6
3.8
0
1000 2000 3000 4000 5000 6000 7000 8000
FREQUENCY (MHz)
1.0
1.1
1.2
1.3
1.4
1.5
ATTEN
VSWR
GAT-5
ATTENUATION & VSWR
4.8
5.0
5.2
5.4
5.6
5.8
6.0
0
1000 2000 3000 4000 5000 6000 7000 8000
FREQUENCY (MHz)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
ATTEN
VSWR
GAT-7
ATTENUATION & VSWR
6.5
6.9
7.3
7.7
8.1
8.5
0
1000 2000 3000 4000 5000 6000 7000 8000
FREQUENCY (MHz)
1.0
1.1
1.2
1.3
1.4
1.5
ATTEN
VSWR
GAT+ SERIES
Page 2 of 3


Similar Part No. - GAT-20

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GAT-20++ MINI-GAT-20+ Datasheet
310Kb / 1P
   Input power 0.5W max
GAT-20++ MINI-GAT-20+ Datasheet
291Kb / 1P
   DC to 8GHz
GAT-20++ MINI-GAT-20+ Datasheet
309Kb / 1P
   DC to 8GHz
More results

Similar Description - GAT-20

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
K2-BW2 MINI-K2-BW2 Datasheet
260Kb / 1P
   FIXED ATTENUATORS
K2-BW1 MINI-K2-BW1 Datasheet
257Kb / 1P
   FIXED ATTENUATORS
K5N-BW3 MINI-K5N-BW3 Datasheet
276Kb / 1P
   FIXED ATTENUATORS
K2-VAT-A++ MINI-K2-VAT-A+ Datasheet
316Kb / 1P
   Fixed Attenuators
REV. OR
K2-BW3 MINI-K2-BW3 Datasheet
277Kb / 1P
   FIXED ATTENUATORS
K2-UNAT MINI-K2-UNAT Datasheet
283Kb / 1P
   FIXED ATTENUATORS
K1-UNAT-A++ MINI-K1-UNAT-A+ Datasheet
179Kb / 1P
   Fixed Attenuators
REV. OR
K1-HAT-A++ MINI-K1-HAT-A+ Datasheet
203Kb / 1P
   Fixed Attenuators
REV. OR
logo
Skyworks Solutions Inc.
ATN3590 SKYWORKS-ATN3590 Datasheet
320Kb / 6P
   Fixed Attenuators
logo
Mini-Circuits
K2-VAT MINI-K2-VAT Datasheet
718Kb / 1P
   FIXED ATTENUATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com