Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRH3054 Datasheet(PDF) 8 Page - International Rectifier

Part # IRH3054
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRH3054 Datasheet(HTML) 8 Page - International Rectifier

  IRH3054 Datasheet HTML 1Page - International Rectifier IRH3054 Datasheet HTML 2Page - International Rectifier IRH3054 Datasheet HTML 3Page - International Rectifier IRH3054 Datasheet HTML 4Page - International Rectifier IRH3054 Datasheet HTML 5Page - International Rectifier IRH3054 Datasheet HTML 6Page - International Rectifier IRH3054 Datasheet HTML 7Page - International Rectifier IRH3054 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
www.irf.com
IRH7054
IRH7054
IRH7054
IRH7054
IRH7054
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
Pulse width ≤ 300 µs; Duty Cycle ≤ 2%
Total Dose Irradiation with V
Total Dose Irradiation with V
Total Dose Irradiation with V
Total Dose Irradiation with V
Total Dose Irradiation with VGS
GS
GS
GS
GS Bias.
Bias.
Bias.
Bias.
Bias.
12 volt VGS applied and VDS = 0 during
irradiation per MIL-STD-750, method 1019, condition A.
Total Dose Irradiation with V
Total Dose Irradiation with V
Total Dose Irradiation with V
Total Dose Irradiation with V
Total Dose Irradiation with VDS
DS
DS
DS
DS Bias.
Bias.
Bias.
Bias.
Bias.
48 volt VDS applied and VGS = 0 during
irradiation per MlL-STD-750, method 1019, condition A.
Repetitive Rating; Pulse width limited by
maximum junction temperature.
VDD = 25V, starting TJ = 25°C, L=0.49mH
Peak IL = 35A, VGS =12V
ISD ≤ 35A, di/dt ≤ 150A/µs,
VDD ≤ 60V, TJ ≤ 150°C
Foot Notes:
Foot Notes:
Foot Notes:
Foot Notes:
Foot Notes:
IR WORLD HEADQUARTERS:
IR WORLD HEADQUARTERS:
IR WORLD HEADQUARTERS:
IR WORLD HEADQUARTERS:
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.....
Data and specifications subject to change without notice. 08/01
Case Outline and Dimensions — TO-204AE
Case Outline and Dimensions — TO-204AE
Case Outline and Dimensions — TO-204AE
Case Outline and Dimensions — TO-204AE
Case Outline and Dimensions — TO-204AE


Similar Part No. - IRH3054

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRH3150 IRF-IRH3150 Datasheet
280Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (T0-204)
IRH3230 IRF-IRH3230 Datasheet
447Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HORE (TO-204AA/AE)
More results

Similar Description - IRH3054

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM7130 IRF-IRHM7130 Datasheet
488Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHG7214 IRF-IRHG7214 Datasheet
243Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57160 IRF-IRHM57160 Datasheet
121Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
JANSF2N7262 IRF-JANSF2N7262 Datasheet
298Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
JANSR2N7269 IRF-JANSR2N7269 Datasheet
264Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57260SE IRF-IRHM57260SE Datasheet
96Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57260 IRF-IRHM57260 Datasheet
99Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHF7110 IRF-IRHF7110 Datasheet
460Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57264SE IRF-IRHM57264SE Datasheet
101Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRH9150 IRF-IRH9150 Datasheet
109Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com