Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LCX540M Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74LCX540M
Description  LOW-VOLTAGE CMOS OCTAL BUFFER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX540M Datasheet(HTML) 1 Page - ON Semiconductor

  MC74LCX540M Datasheet HTML 1Page - ON Semiconductor MC74LCX540M Datasheet HTML 2Page - ON Semiconductor MC74LCX540M Datasheet HTML 3Page - ON Semiconductor MC74LCX540M Datasheet HTML 4Page - ON Semiconductor MC74LCX540M Datasheet HTML 5Page - ON Semiconductor MC74LCX540M Datasheet HTML 6Page - ON Semiconductor MC74LCX540M Datasheet HTML 7Page - ON Semiconductor MC74LCX540M Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 1
© Motorola, Inc. 1996
8/95
Low-Voltage CMOS
Octal Buffer
Flow Through Pinout
With 5V-Tolerant Inputs and Outputs
(3-State, Inverting)
The MC74LCX540 is a high performance, inverting octal buffer
operating from a 2.7 to 3.6V supply. This device is similar in function to the
MC74LCX240, while providing flow through architecture. High
impedance TTL compatible inputs significantly reduce current loading to
input drivers while TTL compatible outputs offer improved switching noise
performance. A VI specification of 5.5V allows MC74LCX540 inputs to be
safely driven from 5V devices. The MC74LCX540 is suitable for memory
address driving and all TTL level bus oriented transceiver applications.
Current drive capability is 24mA at the outputs. The Output Enable
(OE1, OE2) inputs, when HIGH, disables the outputs by placing them in a
HIGH Z condition.
Designed for 2.7 to 3.6V VCC Operation
5V Tolerant — Interface Capability With 5V TTL Logic
Supports Live Insertion and Withdrawal
IOFF Specification Guarantees High Impedance When VCC = 0V
LVTTL Compatible
LVCMOS Compatible
24mA Balanced Output Sink and Source Capability
Near Zero Static Supply Current in All Three Logic States (10µA)
Substantially Reduces System Power Requirements
Latchup Performance Exceeds 500mA
ESD Performance: Human Body Model >2000V; Machine Model >200V
Pinout: 20–Lead (Top View)
19
20
18
17
16
15
14
2
1
34567
VCC
13
8
12
9
11
10
OE2
O0
O1
O2
O3
O4
O5
O6
O7
OE1
D0
D1
D2
D3
D4
D5
D6
D7
GND
PIN NAMES
Function
Output Enable Inputs
Data Inputs
3–State Outputs
Pins
OEn
Dn
On
MC74LCX540
LOW–VOLTAGE CMOS
OCTAL BUFFER
DW SUFFIX
PLASTIC SOIC
CASE 751D–04
DT SUFFIX
PLASTIC TSSOP
CASE 948E–02
20
1
20
1
M SUFFIX
PLASTIC SOIC EIAJ
CASE 967–01
20
1
SD SUFFIX
PLASTIC SSOP
CASE 940C–03
20
1


Similar Part No. - MC74LCX540M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX540M MOTOROLA-MC74LCX540M Datasheet
155Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
MC74LCX540MEL ONSEMI-MC74LCX540MEL Datasheet
88Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
January, 2005 ??Rev. 5
More results

Similar Description - MC74LCX540M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LVQ541 MOTOROLA-MC74LVQ541 Datasheet
205Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
74LVC244A ONSEMI-74LVC244A Datasheet
92Kb / 9P
   Low-Voltage CMOS Octal Buffer
October, 2015 ??Rev. 0
MC74LCX240 ONSEMI-MC74LCX240_V01 Datasheet
252Kb / 8P
   Low-Voltage CMOS Octal Buffer
March, 2019 ??Rev. 11
logo
Motorola, Inc
MC74LVQ244 MOTOROLA-MC74LVQ244 Datasheet
202Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
74LVC373A ONSEMI-74LVC373A Datasheet
99Kb / 10P
   Low-Voltage CMOS Octal Buffer
September, 2015 ??Rev. 1
74LVC374A ONSEMI-74LVC374A Datasheet
102Kb / 10P
   Low-Voltage CMOS Octal Buffer
September, 2015 ??Rev. 1
logo
Motorola, Inc
MC74LCX540 MOTOROLA-MC74LCX540 Datasheet
155Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
MC74LCX541 MOTOROLA-MC74LCX541 Datasheet
154Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
MC74LCX541 ONSEMI-MC74LCX541 Datasheet
154Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
1996 REV 1
MC74LCX244 ONSEMI-MC74LCX244_16 Datasheet
113Kb / 10P
   Low-Voltage CMOS Octal Buffer
January, 2016 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com