Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM04MC09T Datasheet(PDF) 9 Page - Taiyo Yuden (U.S.A.), Inc

Part # CM04MC09T
Description  COMMON MODE CHOKE COILS (FOR DC AND SIGNAL LINES) SMD TYPE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

CM04MC09T Datasheet(HTML) 9 Page - Taiyo Yuden (U.S.A.), Inc

Back Button CM04MC09T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc CM04MC09T Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc CM04MC09T Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc CM04MC09T Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc CM04MC09T Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc CM04MC09T Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc CM04MC09T Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc CM04MC09T Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc CM04MC09T Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
397
5
4/4
Item
Specifled Value
Test Method and Remarks
21.Damp heat fsteady stateg
22.Loading under damp heat
23.High temperature life test
24.Low Temperature life Test
Surface Mount High
current inductors
04/05/06 Type
CommonMode
Choke Coils
CM04RC
CommonMode
Choke Coils
BU05MC
Balun Transformers
BU05MC
Surface Mount
High current
inductors 08 Type
Inductance change
DWithinDM10L
Inductance change
DWithinDM10L
Refer to individual specification.
Refer to individual specification.
Refer to individual specification.
Refer to individual specification.
Inductance change
DWithinDM10L
RELIABILITY DATA
Commom mode choke coil
D
SMD inductor
D
Temperature
D40M2C
Humidity
D90V95L
Applied current
DRated current
Duration
D240M2hrs
Recovery
DAt least 2 hrs of recvery under the standard
condition after rhe removal from test chamber,
followed by the measurement within 24 hrs.
Commom mode choke coil
D
Recovery
D1V2 hrs of recovery under the standard condi-
tion after the removed from test chamber
SMD inductor
D
Temperature
D
SMD inductor
D105M3C
Duration
D
SMD inductor
D240M2hrs
Recovery
DAt least 2 hrs of recvery under the standard
condition after rhe removal from test chamber,
followed by the measurement within 24 hrs.
Commom mode choke coil
D
CM04RCYBU05MC
Temperature
40M2C
Humidity
90V95L
Applied current
Rated current
Duration
1000M24
Recovery
D1V2 hrs of recovery under the standard condi-
tion after the removed from test chamber
SMD inductor
D
Temperature
DK40M3C
Duration
D
SMD inductor
D240M2hrs
Recovery
DAt least 2 hrs of recvery under the standard
condition after rhe removal from test chamber,
followed by the measurement within 24 hrs.
Commom mode choke coil
D
Recovery
D1V2 hrs of recovery under the standard condi-
tion after the removed from test chamber
CM04RCYBU05MC
Temperature
40M
K
3C
Duration
1000M24
CM04RCYBU05MC
Temperature
40M2C
Humidity
90V95L
Duration
1000M24
CM04RCYBU05MC
Temperature
85M2C
Duration
1000M24


Similar Part No. - CM04MC09T

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM04-PR-DC DDK-CM04-PR-DC Datasheet
311Kb / 5P
   M12 Sized & Sealed Circular Connector
CM04-PR-DC DDK-CM04-PR-DC Datasheet
751Kb / 5P
   M12 Sized & Sealed Circular Connector
logo
List of Unclassifed Man...
CM046060 ETC-CM046060 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CM046125 ETC-CM046125 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CM046147 ETC-CM046147 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - CM04MC09T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BU05MC08T TAIYO-YUDEN-BU05MC08T Datasheet
146Kb / 1P
   SMD Common Mode Choke Coils for DC and Signal lines
BU05MC01T TAIYO-YUDEN-BU05MC01T Datasheet
146Kb / 1P
   SMD Common Mode Choke Coils for DC and Signal lines
BU08RA11 TAIYO-YUDEN-BU08RA11 Datasheet
142Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UB802WK1 TAIYO-YUDEN-TLF9UB802WK1 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UBH203WK1 TAIYO-YUDEN-TLF9UBH203WK1 Datasheet
138Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
CM05RB01 TAIYO-YUDEN-CM05RB01 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
CM08RB01 TAIYO-YUDEN-CM08RB01 Datasheet
149Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UB203WK1 TAIYO-YUDEN-TLF9UB203WK1 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UB302WK1 TAIYO-YUDEN-TLF9UB302WK1 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UBH802WK1 TAIYO-YUDEN-TLF9UBH802WK1 Datasheet
138Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com