Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRA06P0830000GTC Datasheet(PDF) 4 Page - Vishay Siliconix

Part # CRA06P0830000GTC
Description  Thick Film Resistor Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRA06P0830000GTC Datasheet(HTML) 4 Page - Vishay Siliconix

  CRA06P0830000GTC Datasheet HTML 1Page - Vishay Siliconix CRA06P0830000GTC Datasheet HTML 2Page - Vishay Siliconix CRA06P0830000GTC Datasheet HTML 3Page - Vishay Siliconix CRA06P0830000GTC Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.vishay.com
11
CRA06P
Vishay Dale
Document Number 31047
Revision 25-Jul-05
For Technical Questions, contact: ff3aresistors@vishay.com
TEST
CONDITIONS OF TEST
TEST RESULTS
Endurance Test at 70
°C
1000 hours at 70
°C, 1.5 hours "ON", 0.5 hours "OFF"
± 1.0 %
per EIA 575-3.14
Overload
Short time overload
± 0.5 %
per EIA 575-3.6
Thermal Shock
per EIA 575-3.5
± 0.5 %
Moisture Resistance
per EIA 575-3.10
± 1.0 %
Resistance to Soldering Heat
10 seconds at 260
°C solder bath temperature
± 1.0 %
EIA 575 3.8
High Temperature Exposure
per EIA 575-3.7
± 1.0 %
Low Temperature Operation
per EIA-/ IS-30A-3.6
± 0.5 %
Solderability & Leaching
EIA 575-3.12
95 % Coverage
PERFORMANCE
Thick Film, Resistor Array


Similar Part No. - CRA06P0830000GTC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRA06P0830000GTC VISHAY-CRA06P0830000GTC Datasheet
96Kb / 4P
   Thick Film Chip Resistor Array
Revison: 23-Feb-17
More results

Similar Description - CRA06P0830000GTC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRA06S083100RJTA VISHAY-CRA06S083100RJTA Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04P VISHAY-CRA04P Datasheet
107Kb / 4P
   Thick Film, Resistor Array
Revision: 09-Jan-07
CRA12E VISHAY-CRA12E Datasheet
173Kb / 5P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04S VISHAY-CRA04S_08 Datasheet
162Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA08C VISHAY-CRA08C Datasheet
45Kb / 2P
   Thick Film, Resistor Array
Revision 13-Feb-02
CRA06S08310K0JTA VISHAY-CRA06S08310K0JTA Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA06P VISHAY-CRA06P_08 Datasheet
132Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04S VISHAY-CRA04S Datasheet
142Kb / 2P
   Thick Film, Resistor Array
Revision 03-Sep-03
CRA06E VISHAY-CRA06E Datasheet
289Kb / 2P
   Thick Film, Resistor Array
Revision 22-Jan-03
CRA04S VISHAY-CRA04S_17 Datasheet
120Kb / 4P
   Thick Film Chip Resistor Array
Revison: 23-Feb-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com