Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEUEB1HR47S Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEUEB1HR47S
Description  Aluminum Electrolytic Capacitor/EB
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUEB1HR47S Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEUEB1HR47S Datasheet HTML 1Page - Panasonic Semiconductor EEUEB1HR47S Datasheet HTML 2Page - Panasonic Semiconductor EEUEB1HR47S Datasheet HTML 3Page - Panasonic Semiconductor EEUEB1HR47S Datasheet HTML 4Page - Panasonic Semiconductor EEUEB1HR47S Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
¾ EE80 ¾
Aluminum Electrolytic Capacitor/EB
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety consern arise regarding this product,please be sure to contact us immediately.
n
10
50
63
16
25
35
Standard Products(Low Voltage)
(mm) (mm)
(mm)
(pcs)
(pcs)
(µF)
(mm)
(mm)
(mA )
(V)
tan d
(120Hz)
(+20°C)
Lead Space
Part No.
Specification
Dia. Length
Taping
Case size
Cap.
(±20%)
Lead
Dia.
Lead Length
W.V.
Straight
Leads
Ripple
current
(120Hz)
(+105ûC)
Taping
iH
Min. Packaging Q'ty
Straight
Taping
iB
When requesting taped product, please put the letter "B" between the "( )". Lead wire pitch B=5mm, H=2.5mm.
The taping dimentions are explained on p.188 of our Catalog. Please use it as a reference guide.
100
5
15
105
0.30
7000 0.5
2.0
5.0
2.5
EEUEB1A101( )
200
2000
5
11
66
0.30
5000 0.5
2.0
5.0
2.5
EEUEB1A101S( ) 200
2000
220
6.3
15
152
0.30
7000 0.5
2.5
5.0
2.5
EEUEB1A221( )
200
2000
6.3
11.2
100
0.30
5000 0.5
2.5
5.0
2.5
EEUEB1A221S( ) 200
2000
470
8
15
278
0.30 10000 0.6
3.5
5.0
EEUEB1A471( )
200
1000
8
11.5
180
0.30
5000 0.6
3.5
5.0
EEUEB1A471S( ) 200
1000
2200
12.5 20
540
0.32 10000 0.6
5.0
5.0
EEUEB1A222( )
200
500
3300
12.5 25
802
0.34 10000 0.6
5.0
5.0
EEUEB1A332( )
200
500
1000
10
20
430
0.25 10000 0.6
5.0
5.0
EEUEB1C102( )
200
500
2200
12.5 25
706
0.27 10000 0.6
5.0
5.0
EEUEB1C222( )
200
500
47
5
15
78
0.22
7000 0.5
2.0
5.0
2.5
EEUEB1E470( )
200
2000
5
11
55
0.22
5000 0.5
2.0
5.0
2.5
EEUEB1E470S( ) 200
2000
100
6.3
15
135
0.22
7000 0.5
2.5
5.0
2.5
EEUEB1E101( )
200
2000
6.3
11.2
95
0.22
5000 0.5
2.5
5.0
2.5
EEUEB1E101S( ) 200
2000
220
8
11.5
125
0.22
5000 0.6
3.5
5.0
EEUEB1E221S( ) 200
1000
330
8
15
255
0.22 10000 0.6
3.5
5.0
EEUEB1E331( )
200
1000
470
10
16
321
0.22 10000 0.6
5.0
5.0
EEUEB1E471( )
200
500
1000
12.5 20
498
0.22 10000 0.6
5.0
5.0
EEUEB1E102( )
200
500
33
5
15
66
0.18
7000 0.5
2.0
5.0
2.5
EEUEB1V330( )
200
2000
5
11
46
0.18
5000 0.5
2.0
5.0
2.5
EEUEB1V330S( ) 200
2000
220
8
15
197
0.18 10000 0.6
3.5
5.0
EEUEB1V221( )
200
1000
330
10
16
278
0.18 10000 0.6
5.0
5.0
EEUEB1V331( )
200
500
470
10
20
349
0.18 10000 0.6
5.0
5.0
EEUEB1V471( )
200
500
1000
12.5 25
586
0.18 10000 0.6
5.0
5.0
EEUEB1V102( )
200
500
0.47
5
11
4
0.15
5000 0.5
2.0
5.0
2.5
EEUEB1HR47S( ) 200
2000
1
5
11
8
0.15
5000 0.5
2.0
5.0
2.5
EEUEB1H1R0S( ) 200
2000
2.2
5
11
15
0.15
5000 0.5
2.0
5.0
2.5
EEUEB1H2R2S( ) 200
2000
3.3
5
11
18
0.15
5000 0.5
2.0
5.0
2.5
EEUEB1H3R3S( )
200
2000
4.7
5
11
18
0.15
5000 0.5
2.0
5.0
2.5
EEUEB1H4R7S( )
200
2000
10
5
11
27
0.15
5000 0.5
2.0
5.0
2.5
EEUEB1H100S( )
200
2000
22
5
15
55
0.15
7000 0.5
2.0
5.0
2.5
EEUEB1H220( )
200
2000
5
11
39
0.15
5000 0.5
2.0
5.0
2.5
EEUEB1H220S( )
200
2000
47
6.3
15
87
0.15
7000 0.5
2.5
5.0
2.5
EEUEB1H470( )
200
2000
6.3
11.2
61
0.15
5000 0.5
2.5
5.0
2.5
EEUEB1H470S( )
200
2000
100
8
11.5
99
0.15
5000 0.6
3.5
5.0
EEUEB1H101S( )
200
1000
220
10
16
234
0.15 10000 0.6
5.0
5.0
EEUEB1H221( )
200
500
330
10
20
293
0.15 10000 0.6
5.0
5.0
EEUEB1H331( )
200
500
470
12.5 20
370
0.15 10000 0.6
5.0
5.0
EEUEB1H471( )
200
500
0.47
5
15
6
0.12
7000 0.5
2.0
5.0
2.5
EEUEB1JR47( )
200
2000
5
11
4.5
0.12
5000 0.5
2.0
5.0
2.5
EEUEB1JR47S( ) 200
2000
1
5
15
12
0.12
7000 0.5
2.0
5.0
2.5
EEUEB1J1R0( )
200
2000
5
11
9
0.12
5000 0.5
2.0
5.0
2.5
EEUEB1J1R0S( )
200
2000
Endur-
ance


Similar Part No. - EEUEB1HR47S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUEB1HR47S PANASONIC-EEUEB1HR47S Datasheet
157Kb / 2P
   Radial Lead Type
EEUEB1HR47S PANASONIC-EEUEB1HR47S Datasheet
88Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEUEB1HR47S PANASONIC-EEUEB1HR47S Datasheet
101Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEUEB1HR47S PANASONIC-EEUEB1HR47S Datasheet
101Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEUEB1HR47S PANASONIC-EEUEB1HR47S Datasheet
95Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
More results

Similar Description - EEUEB1HR47S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-EB1A222B PANASONIC-EEU-EB1A222B Datasheet
101Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEU-EB1H470H PANASONIC-EEU-EB1H470H Datasheet
88Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEU-EB1E101H PANASONIC-EEU-EB1E101H Datasheet
88Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEU-EB1H470SB PANASONIC-EEU-EB1H470SB Datasheet
101Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEU-EB1H100S PANASONIC-EEU-EB1H100S Datasheet
95Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEV-EB2D101M PANASONIC-EEV-EB2D101M Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
EEV-EB2G100SM PANASONIC-EEV-EB2G100SM Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
EEV-EB2V470M PANASONIC-EEV-EB2V470M Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com