Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGAM386SX-25 Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # NGAM386SX-25
Description  High-Performance, Low-Power, Embedded Microprocessors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

NGAM386SX-25 Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button NGAM386SX-25 Datasheet HTML 5Page - Advanced Micro Devices NGAM386SX-25 Datasheet HTML 6Page - Advanced Micro Devices NGAM386SX-25 Datasheet HTML 7Page - Advanced Micro Devices NGAM386SX-25 Datasheet HTML 8Page - Advanced Micro Devices NGAM386SX-25 Datasheet HTML 9Page - Advanced Micro Devices NGAM386SX-25 Datasheet HTML 10Page - Advanced Micro Devices NGAM386SX-25 Datasheet HTML 11Page - Advanced Micro Devices NGAM386SX-25 Datasheet HTML 12Page - Advanced Micro Devices NGAM386SX-25 Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
FINAL
Am386SX/SXL/SXLV Microprocessors Data Sheet
9
PIN DESIGNATION TABLE (Sorted by Functional Grouping)
PIN DESIGNATION TABLE (Sorted by Pin Number)
73
Address
Data
Control
NC
VCC
VSS
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18
A18
A20
A21
A22
A23
18
51
52
53
54
55
56
58
59
60
61
62
64
65
66
70
72
75
76
79
80
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
1
100
99
96
95
94
93
92
90
89
88
87
86
83
82
81
ADS
BHE
BLE
BUSY
CLK2
ERROR
HLDA
HOLD
INTR
LOCK
NA
NMI
PEREQ
READY
RESET
16
19
17
34
15
24
36
28
3
4
40
26
23
6
38
37
7
33
25
20
27
44
45
46
47
8
9
10
21
32
39
42
48
57
69
71
84
91
97
2
5
11
12
13
14
22
35
41
49
50
63
67
68
77
78
85
98
D/C
M/IO
FLT
Pin Name
Pin No.
Pin Name
Pin No.
Pin Name
Pin No.
Pin No.
Pin No.
Pin No.
SMI*
SMIADS*
SMIRDY*
43
31
30
IIBEN*29
W/R
* On Am386SXLV only; NC on Am386SX/SXL
A19
74
D0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
Pin No.
Pin Name
21
Pin No.
Pin Name
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
HLDA
HOLD
NA
READY
CLK2
ADS
BLE
A1
BHE
NC
LOCK
NC
IIBEN*
SMIRDY*
SMIADS*
RESET
BUSY
ERROR
PEREQ
NMI
INTR
41
Pin No.
Pin Name
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
SMI*
NC
NC
NC
NC
A2
A3
A4
A5
A6
A7
A8
A9
A10
61
Pin No.
Pin Name
A11
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
A12
A13
A14
A15
A16
A17
A18
A19
A20
A21
A22
A23
81
Pin No.
Pin Name
D15
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
VSS
VSS
VSS
VSS
VSS
VSS
VCC
VCC
VCC
VSS
VCC
VCC
VSS
VCC
M/IO
D/C
W/R
VSS
VCC
VCC
VSS
VSS
VCC
VSS
VSS
VCC
VSS
VSS
VSS
VCC
VCC
VCC
VSS
VCC
VSS
FLT
* On Am386SXLV only; NC on Am386SX/SXL


Similar Part No. - NGAM386SX-25

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NGA CANDD-NGA Datasheet
101Kb / 3P
   Non-Isolated Wide Input DC-DC Converters
logo
Gamewell-FCI by Honeywe...
NGA GAMEWELL-FCI-NGA Datasheet
311Kb / 5P
   Intelligent, Networked, Multi-Channel Fire Alarm Control and Emergency Voice Evacuation System
logo
SIRENZA MICRODEVICES
NGA-186 SIRENZA-NGA-186 Datasheet
386Kb / 5P
   DC-6000 MHZ, CASCADABLE GAAS HBT MMIC AMPLIFIER
logo
List of Unclassifed Man...
NGA-286 ETC-NGA-286 Datasheet
351Kb / 5P
   DC-6000 MHZ CASCADABLE GAAS HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
NGA-286 SIRENZA-NGA-286 Datasheet
351Kb / 5P
   DC-6000 MHz, Cascadable GaAs HBT MMIC Amplifier
More results

Similar Description - NGAM386SX-25

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
NG80386SX-25 AMD-NG80386SX-25 Datasheet
557Kb / 30P
   High-Performance, Low-Power, Embedded Microprocessors
AM29116 AMD-AM29116 Datasheet
2Mb / 44P
   High-Performance 16-Bit Bipolar Microprocessors
logo
Motorola, Inc
M68040 MOTOROLA-M68040 Datasheet
3Mb / 442P
   M68000-compatible, high-performance, 32-bit microprocessors
logo
Fairchild Semiconductor
RC5052 FAIRCHILD-RC5052 Datasheet
157Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
   Low Power High Performance Low Power High Performance
logo
Fairchild Semiconductor
RC5057 FAIRCHILD-RC5057 Datasheet
177Kb / 20P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
logo
Maxtena Inc.
MIA-HB-698-2700 MAXTENA-MIA-HB-698-2700 Datasheet
294Kb / 2P
   HIGH PERFORMANCE EMBEDDED 4G LTE ANTENNA
REV A
logo
Microchip Technology
MM7150 MICROCHIP-MM7150 Datasheet
316Kb / 28P
   High Performance 32-bit Embedded Controller
01/27/15
logo
ATMEL Corporation
ATMEGA406 ATMEL-ATMEGA406_14 Datasheet
2Mb / 263P
   High Performance, Low Power AVR
logo
Cirrus Logic
CS5371A CIRRUS-CS5371A Datasheet
534Kb / 32P
   Low-power, High-performance Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com