Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGAM386SXL-40 Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # NGAM386SXL-40
Description  High-Performance, Low-Power, Embedded Microprocessors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

NGAM386SXL-40 Datasheet(HTML) 2 Page - Advanced Micro Devices

  NGAM386SXL-40 Datasheet HTML 1Page - Advanced Micro Devices NGAM386SXL-40 Datasheet HTML 2Page - Advanced Micro Devices NGAM386SXL-40 Datasheet HTML 3Page - Advanced Micro Devices NGAM386SXL-40 Datasheet HTML 4Page - Advanced Micro Devices NGAM386SXL-40 Datasheet HTML 5Page - Advanced Micro Devices NGAM386SXL-40 Datasheet HTML 6Page - Advanced Micro Devices NGAM386SXL-40 Datasheet HTML 7Page - Advanced Micro Devices NGAM386SXL-40 Datasheet HTML 8Page - Advanced Micro Devices NGAM386SXL-40 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2
Am386SX/SXL/SXLV Microprocessors Data Sheet
FINAL
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the elements below.
NG
SX
SPEED OPTION
PROCESSOR TYPE
SX
= SX Processor
SXL
= SX Processor with Static Clock Implementation
SXLV = SXL Processor with Low-Voltage and SMI
TEMPERATURE RANGE
NG=100-Lead Plastic Quad Flat Pack (PQB-100)
PROCESSOR FAMILY
PACKAGE TYPE
Am386 Family
–40 = 40 MHz
–33 = 33 MHz
–25 = 25 MHz
80386
Blank = Commercial (TCASE = 0°C to +100°C)
I = Industrial (TCASE = –40°C to +100°C)
I
–40
Valid Combinations
Valid Combinations lists configurations
planned to be supported in volume for this
device. Consult the local AMD sales office
to confirm availability of specific valid
combinations and to check on newly
released combinations.
Valid Combinations
NG80386 SX
–25
–33
–40
SXL
–25
–33
SXLV
–25
ING80386 SX
–25


Similar Part No. - NGAM386SXL-40

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NGA CANDD-NGA Datasheet
101Kb / 3P
   Non-Isolated Wide Input DC-DC Converters
logo
Gamewell-FCI by Honeywe...
NGA GAMEWELL-FCI-NGA Datasheet
311Kb / 5P
   Intelligent, Networked, Multi-Channel Fire Alarm Control and Emergency Voice Evacuation System
logo
SIRENZA MICRODEVICES
NGA-186 SIRENZA-NGA-186 Datasheet
386Kb / 5P
   DC-6000 MHZ, CASCADABLE GAAS HBT MMIC AMPLIFIER
logo
List of Unclassifed Man...
NGA-286 ETC-NGA-286 Datasheet
351Kb / 5P
   DC-6000 MHZ CASCADABLE GAAS HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
NGA-286 SIRENZA-NGA-286 Datasheet
351Kb / 5P
   DC-6000 MHz, Cascadable GaAs HBT MMIC Amplifier
More results

Similar Description - NGAM386SXL-40

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
NG80386SX-25 AMD-NG80386SX-25 Datasheet
557Kb / 30P
   High-Performance, Low-Power, Embedded Microprocessors
AM29116 AMD-AM29116 Datasheet
2Mb / 44P
   High-Performance 16-Bit Bipolar Microprocessors
logo
Motorola, Inc
M68040 MOTOROLA-M68040 Datasheet
3Mb / 442P
   M68000-compatible, high-performance, 32-bit microprocessors
logo
Fairchild Semiconductor
RC5052 FAIRCHILD-RC5052 Datasheet
157Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
   Low Power High Performance Low Power High Performance
logo
Fairchild Semiconductor
RC5057 FAIRCHILD-RC5057 Datasheet
177Kb / 20P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
logo
Maxtena Inc.
MIA-HB-698-2700 MAXTENA-MIA-HB-698-2700 Datasheet
294Kb / 2P
   HIGH PERFORMANCE EMBEDDED 4G LTE ANTENNA
REV A
logo
Microchip Technology
MM7150 MICROCHIP-MM7150 Datasheet
316Kb / 28P
   High Performance 32-bit Embedded Controller
01/27/15
logo
ATMEL Corporation
ATMEGA406 ATMEL-ATMEGA406_14 Datasheet
2Mb / 263P
   High Performance, Low Power AVR
logo
Cirrus Logic
CS5371A CIRRUS-CS5371A Datasheet
534Kb / 32P
   Low-power, High-performance Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com