Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC51C1XXX-12IED Datasheet(PDF) 4 Page - TEMIC Semiconductors

Part # TSC51C1XXX-12IED
Description  8-Bit Microcontroller for Digital Computer Monitors
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC51C1XXX-12IED Datasheet(HTML) 4 Page - TEMIC Semiconductors

  TSC51C1XXX-12IED Datasheet HTML 1Page - TEMIC Semiconductors TSC51C1XXX-12IED Datasheet HTML 2Page - TEMIC Semiconductors TSC51C1XXX-12IED Datasheet HTML 3Page - TEMIC Semiconductors TSC51C1XXX-12IED Datasheet HTML 4Page - TEMIC Semiconductors TSC51C1XXX-12IED Datasheet HTML 5Page - TEMIC Semiconductors TSC51C1XXX-12IED Datasheet HTML 6Page - TEMIC Semiconductors TSC51C1XXX-12IED Datasheet HTML 7Page - TEMIC Semiconductors TSC51C1XXX-12IED Datasheet HTML 8Page - TEMIC Semiconductors TSC51C1XXX-12IED Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
TSC8051C1
Rev. D (14 Jan. 97)
4
MATRA MHS
5. Pin Description
VSS
Circuit ground.
VCC
Power supply voltage.
RST
A high level on this pin for two machine cycles while the
oscillator is running resets the device. An internal
pulldown resistor permits power–on reset using only a
capacitor connected to VCC.
PORT 0 (P0.0–P0.7)
Port 0 is an 8–bit open–drain bidirectional I/O port. Port
0 pins that have 1’s written to them float, and in that state
can be used as high–impedance inputs.
Port 0 is also the multiplexed low–order address and data
bus during access to external Program and Data memory.
In this application it uses strong internal pull–up when
emitting 1’s.
Port 0 can sink and source 8 LS TTL loads.
PORT 1 (P1.0–P1.7)
Port 1 is an 8–bit bidirectional I/O port with internal
pullups. Port 1 pins that have 1’s written to them are
pulled high by the internal pullups, and in that state can
be used as inputs. As inputs, Port 1 pins that are
externally being pulled low will source current (IIL on
the data–sheet) because of the internal pullups.
Port 1 also serves 4 programmable PWM open drain
outputs, as listed below:
Port Pin
Alternate Function
P1.0
PWM8: Pulse Width Modulation output 8.
P1.1
PWM9: Pulse Width Modulation output 9.
P1.2
PWM10: Pulse Width Modulation output 10.
P1.3
PWM11: Pulse Width Modulation output 11.
Port 1 can sink and source 3 LS TTL loads.
PORT 2 (P2.0–P2.7)
Port 2 is an 8–bit bidirectional I/O port with internal
pullups. Port 2 pins that have 1’s written to them are
pulled high by the internal pullups, and in that state can
be used as inputs. As inputs, Port 2 pins that are
externally being pulled low will source current (IIL on
the data–sheet) because of the internal pullups.
Port 2 emits the high–order 8–bit address during fetches
from external Program Memory and during accesses to
external Data Memory that use 16–bit addresses. In this
application it uses strong internal pull–up when emitting
1’s.
Port 2 can sink and source 3 LS TTL loads.
PORT 3 (P3.0–P3.7)
Port 3 is an 8–bit bidirectional I/O port with internal
pullups. Port 3 pins that have 1’s written to them are
pulled high by the internal pullups, and in that state can
be used as inputs. As inputs, Port 3 pins that are
externally being pulled low will source current (IIL on
the data–sheet) because of the internal pullups.
Each line on this port has 2 or 3 functions either a general
I/O or special control signal, as listed below:
Port Pin
Alternate Function
P3.0
RXD: serial input port.
P3.1
TXD: serial output port.
P3.2
INT0: external interrupt 0.
VSYNC: vertical synchro input.
P3.3
INT1: external interrupt 1.
VOUT: buffered V-SYNC output.
P3.4
T0: Timer 0 external input.
HSYNC: horizontal synchro input.
P3.5
T1: Timer 1 external input.
HOUT: buffered H–SYNC output.
P3.6
WR: external data memory write strobe.
SCL: serial port clock line I2C bus.
P3.7
RD: external data memory read strobe.
SDA: serial port data line I2C bus.
Port 3 can sink and source 3 LS TTL loads.
PWM0–7
These eight Pulse Width Modulation outputs are true
open drain outputs and are floating after reset.
ALE
The Address Latch Enable output signal occurs twice
each machine cycle except during external data memory
access. The negative edge of ALE strobes the address
into external data memory or program memory. ALE
can sink and source 8 LS TTL loads.
If desired, ALE operation can be disabled by setting bit
0 of SFR location AFh (MSCON). With the bit set, ALE
is active only during MOVX instruction and external
fetches. Otherwise the pin is pulled low.


Similar Part No. - TSC51C1XXX-12IED

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC51C2XXX12CAB TEMIC-TSC51C2XXX12CAB Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
TSC51C2XXX12CAD TEMIC-TSC51C2XXX12CAD Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
TSC51C2XXX12CAR TEMIC-TSC51C2XXX12CAR Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
TSC51C2XXX12CBB TEMIC-TSC51C2XXX12CBB Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
TSC51C2XXX12CBD TEMIC-TSC51C2XXX12CBD Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
More results

Similar Description - TSC51C1XXX-12IED

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC8051C2 TEMIC-TSC8051C2 Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
logo
List of Unclassifed Man...
NT6861 ETC-NT6861 Datasheet
455Kb / 44P
   8-Bit Microcontroller for Monitor
NT6862 ETC-NT6862 Datasheet
580Kb / 57P
   8-Bit Microcontroller for Monitor
ML610Q793 ETC2-ML610Q793 Datasheet
527Kb / 24P
   8-bit Microcontroller for Sensor Control
logo
Samsung semiconductor
S3C89V5 SAMSUNG-S3C89V5 Datasheet
59Kb / 14P
   8-BIT MICROCONTROLLER for SMART CARD
logo
LAPIS Semiconductor Co....
ML610Q793 LAPIS-ML610Q793 Datasheet
444Kb / 24P
   8-bit Microcontroller for Sensor Control
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com