Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37534M4-XXXFP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M37534M4-XXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37534M4-XXXFP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M37534M4-XXXFP Datasheet HTML 5Page - Renesas Technology Corp M37534M4-XXXFP Datasheet HTML 6Page - Renesas Technology Corp M37534M4-XXXFP Datasheet HTML 7Page - Renesas Technology Corp M37534M4-XXXFP Datasheet HTML 8Page - Renesas Technology Corp M37534M4-XXXFP Datasheet HTML 9Page - Renesas Technology Corp M37534M4-XXXFP Datasheet HTML 10Page - Renesas Technology Corp M37534M4-XXXFP Datasheet HTML 11Page - Renesas Technology Corp M37534M4-XXXFP Datasheet HTML 12Page - Renesas Technology Corp M37534M4-XXXFP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
7534 Group
Rev.2.00
Jun 21, 2004
page 9 of 54
REJ03B0099-0200Z
FUNCTIONAL DESCRIPTION
Central Processing Unit (CPU)
The 7534 Group uses the standard 740 family instruction set. Refer
to the table of 740 family addressing modes and machine-language
instructions or the 740 Family Software Manual for details on each
instruction set.
Machine-resident 740 family instructions are as follows:
1. The FST and SLW instructions cannot be used.
2. The MUL and DIV instructions cannot be used.
3. The WIT instruction can be used.
4. The STP instruction can be used.
[CPU Mode Register] CPUM
The CPU mode register contains the stack page selection bit.
This register is allocated at address 003B16.
Note on stack page
When 1 page is used as stack area by the stack page selection bit,
the area which can be used as stack depends on RAM size. Espe-
cially, be careful that the RAM area varies in Mask ROM version,
One Time PROM version and Emulator MCU.
Fig. 9 Switching method of CPU mode register
Switching method of CPU mode register
Switch the CPU mode register (CPUM) at the head of program after
releasing Reset in the following method.
Fig. 8 Structure of CPU mode register
CPU mode register
(CPUM: address 003B16)
Stack page selection bit
0 : 0 page
1 : 1 page
Main clock division ratio selection bits
b7 b6
0
0 : f(
φ) = f(XIN)/2 (High-speed mode)
0
1 : f(
φ) = f(XIN)/8 (Middle-speed mode)
1
0 : applied from on-chip oscillator
1
1 : f(
φ) = f(XIN) (Double-speed mode)
Not used (returns “0” when read)
(Do not write “1” to these bits )
Processor mode bits
b1 b0
0
0 Single-chip mode
0
1
1
0
1
1
Not available
b7
b0
Switch the clock division ratio
selection bits (bits 6 and 7 of CPUM)
After releasing reset
Main routine
Start with an on-chip oscillator (Note)
Switch to other mode except an on-chip oscillator
(Select one of 1/1, 1/2, and 1/8)
Note. After releasing reset the operation starts by starting an on-chip oscillator automatically.
Do not use an on-chip oscillator at ordinary operation.
Wait until establish ceramic oscillator
clock.


Similar Part No. - M37534M4-XXXFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37534M4-XXXFP MITSUBISHI-M37534M4-XXXFP Datasheet
621Kb / 53P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37534M4-XXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com