Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM05MC04T Datasheet(PDF) 8 Page - Taiyo Yuden (U.S.A.), Inc

Part # CM05MC04T
Description  COMMON MODE CHOKE COILS (FOR DC AND SIGNAL LINES) SMD TYPE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

CM05MC04T Datasheet(HTML) 8 Page - Taiyo Yuden (U.S.A.), Inc

Back Button CM05MC04T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc CM05MC04T Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc CM05MC04T Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc CM05MC04T Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc CM05MC04T Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc CM05MC04T Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc CM05MC04T Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc CM05MC04T Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc CM05MC04T Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
395
5
J
0
K
3
J
2
K
0
J
0
K
3
J
2
K
0
3/4
Item
Specifled Value
Test Method and Remarks
19.Resisitance to soldering
heat
20.Thermal shock
SMD inductor (Reflow soldering)
150V180C 180Cmin
200Cmin
110sec max 40sec max 30sec max
Recovery
DAt least 2 hrs of recovery under the standard
condition after the rmoval from test chamber,
followed by the measurement within 24 hrs.
Commom mode choke coil
D
① Reflow soldering
Preheating
D100 to 150C
1 to 2min.
Peak
D230 to 240C
Within 5sec.
More than 200C
Within 40 sec.
Number of reflow
DWithin 2 times.
② Manual soldering
Solder temperature
D350M5C
Duration
D3M1sec.
Recovery
D1 to 2 hrs of recovery under the standard
condition after the test.
SMD inductor
Accoding to JIS C0025
SMD inductorf08 typeg
Conditions of 1 cycle
Step
TemperaturefCg
Durationfming
1
K
25
30M3
2
Room temperature
Within 3
3
J
85
30M3
4
Room temperature
Within 3
SMD inductorf04, 05, 06 typeg
Conditions of 1 cycle
Step
TemperaturefCg
Durationfming
1
K
25
30M3
2
Room temperature
Within 3
3
J
105
30M3
4
Room temperature
Within 3
Number of cycyle
D10 cycles
Recovery
DAt least 2 hrs of recovry under the standard
condition after the removal from test chamber,
followed by the measurement within 24 hrs.
Commom mode choke coil
D
Accoding to JIS C0025
Conditions of 1 cycle
TemperaturefCg
Durationfming
CM04RCYBU05MC
1
K
25M3C
30M3
2
Room temperature
3
385M2C
30M3
4
Room temperature
3
Number of cycyle
D10 cycles
Recovery
D1V2 hrs of recovery under the standard condi-
tion after removal from test chamber.
Surface Mount High
current inductors
04/05/06 Type
CommonMode
Choke Coils
CM04RC
CommonMode
Choke Coils
BU05MC
Balun Transformers
BU05MC
Surface Mount
High current
inductors 08 Type
Refer to individual specification.
Refer to individual specification.
No abnormality
Inductance change
DWithinDM10L
RELIABILITY DATA
Peak temperature 230Cmax
Temperature
range
Duration


Similar Part No. - CM05MC04T

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
CM0502FB FENGJUI-CM0502FB Datasheet
382Kb / 3P
   EMI SOLOTION PRODUCTS-RoHS
CM0502FB-101 FENGJUI-CM0502FB-101 Datasheet
382Kb / 3P
   EMI SOLOTION PRODUCTS-RoHS
CM0502FB-102 FENGJUI-CM0502FB-102 Datasheet
382Kb / 3P
   EMI SOLOTION PRODUCTS-RoHS
CM0502FB-142 FENGJUI-CM0502FB-142 Datasheet
382Kb / 3P
   EMI SOLOTION PRODUCTS-RoHS
CM0502FB-251 FENGJUI-CM0502FB-251 Datasheet
382Kb / 3P
   EMI SOLOTION PRODUCTS-RoHS
More results

Similar Description - CM05MC04T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BU05MC08T TAIYO-YUDEN-BU05MC08T Datasheet
146Kb / 1P
   SMD Common Mode Choke Coils for DC and Signal lines
BU05MC01T TAIYO-YUDEN-BU05MC01T Datasheet
146Kb / 1P
   SMD Common Mode Choke Coils for DC and Signal lines
BU08RA11 TAIYO-YUDEN-BU08RA11 Datasheet
142Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UB802WK1 TAIYO-YUDEN-TLF9UB802WK1 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UBH203WK1 TAIYO-YUDEN-TLF9UBH203WK1 Datasheet
138Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
CM05RB01 TAIYO-YUDEN-CM05RB01 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
CM08RB01 TAIYO-YUDEN-CM08RB01 Datasheet
149Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UB203WK1 TAIYO-YUDEN-TLF9UB203WK1 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UB302WK1 TAIYO-YUDEN-TLF9UB302WK1 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UBH802WK1 TAIYO-YUDEN-TLF9UBH802WK1 Datasheet
138Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com