Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEUEB1E470S Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # EEUEB1E470S
Description  Aluminum Electrolytic Capacitor/EB
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUEB1E470S Datasheet(HTML) 5 Page - Panasonic Semiconductor

  EEUEB1E470S Datasheet HTML 1Page - Panasonic Semiconductor EEUEB1E470S Datasheet HTML 2Page - Panasonic Semiconductor EEUEB1E470S Datasheet HTML 3Page - Panasonic Semiconductor EEUEB1E470S Datasheet HTML 4Page - Panasonic Semiconductor EEUEB1E470S Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
¾ EE83 ¾
Aluminum Electrolytic Capacitor/EB
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety consern arise regarding this product,please be sure to contact us immediately.
n
Standard Products
When requesting taped product, please put the letter "B" between the "( )". Lead wire pitch B=5mm, 7.5mm.
The taping dimentions are explained on p.188 of our Catalog. Please use it as a reference guide.
Endurance : 105°C 5000 h
450
400
(mm) (mm)
(mm)
(pcs)
(pcs)
(µF)
(mm)
(mm)
(mA )
(V)
Lead Space
Part No.
Specification
Dia.
Length
Taping
Case size
Cap.
(±20%)
Lead
Dia.
Lead Length
W.V.
Straight
Leads
Ripple
current
(100kHz)
(+105ûC)
Taping
iB
Min.Packaging Q'ty
Straight
33
16
25
600
0.24
0.8
7.5
7.5
EEUEB2G330( )
100
250
18
20
600
0.24
0.8
7.5
7.5
EEUEB2G330S( )
100
250
47
16
31.5
730
0.24
0.8
7.5
EEUEB2G470
100
18
25
730
0.24
0.8
7.5
7.5
EEUEB2G470S( )
100
250
10
12.5
20
310
0.24
0.6
5.0
5.0
EEUEB2W100( )
200
500
22
16
25
560
0.24
0.8
7.5
7.5
EEUEB2W220( )
100
250
18
20
560
0.24
0.8
7.5
7.5
EEUEB2W220S( )
100
250
33
16
31.5
680
0.24
0.8
7.5
EEUEB2W330
100
18
25
680
0.24
0.8
7.5
7.5
EEUEB2W330S( )
100
250
47
18
31.5
850
0.24
0.8
7.5
EEUEB2W470
50
tan d
(120Hz)
(+20°C)


Similar Part No. - EEUEB1E470S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUEB1E470S PANASONIC-EEUEB1E470S Datasheet
157Kb / 2P
   Radial Lead Type
EEUEB1E470S PANASONIC-EEUEB1E470S Datasheet
88Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEUEB1E470S PANASONIC-EEUEB1E470S Datasheet
101Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEUEB1E470S PANASONIC-EEUEB1E470S Datasheet
101Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEUEB1E470S PANASONIC-EEUEB1E470S Datasheet
95Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
More results

Similar Description - EEUEB1E470S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-EB1A222B PANASONIC-EEU-EB1A222B Datasheet
101Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEU-EB1H470H PANASONIC-EEU-EB1H470H Datasheet
88Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEU-EB1E101H PANASONIC-EEU-EB1E101H Datasheet
88Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEU-EB1H470SB PANASONIC-EEU-EB1H470SB Datasheet
101Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEU-EB1H100S PANASONIC-EEU-EB1H100S Datasheet
95Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEV-EB2D101M PANASONIC-EEV-EB2D101M Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
EEV-EB2G100SM PANASONIC-EEV-EB2G100SM Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
EEV-EB2V470M PANASONIC-EEV-EB2V470M Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com