Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS512K32NV-15H1C Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # WS512K32NV-15H1C
Description  512Kx32 SRAM 3.3V MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WS512K32NV-15H1C Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  WS512K32NV-15H1C Datasheet HTML 1Page - List of Unclassifed Manufacturers WS512K32NV-15H1C Datasheet HTML 2Page - List of Unclassifed Manufacturers WS512K32NV-15H1C Datasheet HTML 3Page - List of Unclassifed Manufacturers WS512K32NV-15H1C Datasheet HTML 4Page - List of Unclassifed Manufacturers WS512K32NV-15H1C Datasheet HTML 5Page - List of Unclassifed Manufacturers WS512K32NV-15H1C Datasheet HTML 6Page - List of Unclassifed Manufacturers WS512K32NV-15H1C Datasheet HTML 7Page - List of Unclassifed Manufacturers WS512K32NV-15H1C Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
WS512K32V-XXX
AC TEST CIRCUIT
NOTES:
VZ is programmable from -2V to +7V.
IOL & IOH programmable from 0 to 16mA.
Tester Impedance Z0 = 75
Ω.
VZ is typically the midpoint of VOH and VOL.
IOL & IOH are adjusted to simulate a typical resistive load circuit.
ATE tester includes jig capacitance.
I
Current Source
D.U.T.
C
= 50 pf
eff
I
OL
V
1.5V
(Bipolar Supply)
Z
Current Source
OH
AC TEST CONDITIONS
Parameter
Typ
Unit
Input Pulse Levels
VIL = 0, VIH = 2.5
V
Input Rise and Fall
5
ns
Input and Output Reference Level
1.5
V
Output Timing Reference Level
1.5
V
AC CHARACTERISTICS
(VCC = 3.3V, TA = -55
°C to +125°C)
Parameter
Symbol
-15
-17
-20
Units
Read Cycle
Min
Max
Min
Max
Min
Max
Read Cycle Time
tRC
15
17
20
ns
Address Access Time
tAA
15
17
20
ns
Output Hold from Address Change
tOH
000
ns
Chip Select Access Time
tACS
15
17
20
ns
Output Enable to Output Valid
tOE
88
10
ns
Chip Select to Output in Low Z
tCLZ1
111
ns
Output Enable to Output in Low Z
tOLZ1
000
ns
Chip Disable to Output in High Z
tCHZ1
88
10
ns
Output Disable to Output in High Z
tOHZ1
88
10
ns
1. This parameter is guaranteed by design but not tested.
AC CHARACTERISTICS
(VCC = 3.3V, TA = -55
°C to +125°C)
Parameter
Symbol
-15
-17
-20
Units
Write Cycle
Min
Max
Min
Max
Min
Max
Write Cycle Time
tWC
15
17
20
ns
Chip Select to End of Write
tCW
12
12
14
ns
Address Valid to End of Write
tAW
12
12
14
ns
Data Valid to End of Write
tDW
99
10
ns
Write Pulse Width
tWP
12
14
14
ns
Address Setup Time
tAS
00
0
ns
Address Hold Time
tAH
00
0
ns
Output Active from End of Write
tOW1
23
3
ns
Write Enable to Output in High Z
tWHZ1
88
9
ns
Data Hold Time
tDH
00
0
ns
1. This parameter is guaranteed by design but not tested.


Similar Part No. - WS512K32NV-15H1C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS512K32NBV-15 ETC-WS512K32NBV-15 Datasheet
170Kb / 8P
   512Kx32 3.3V SRAM MODULE
WS512K32NBV-15G2 ETC-WS512K32NBV-15G2 Datasheet
170Kb / 8P
   512Kx32 3.3V SRAM MODULE
WS512K32NBV-15G2CE ETC-WS512K32NBV-15G2CE Datasheet
170Kb / 8P
   512Kx32 3.3V SRAM MODULE
logo
White Electronic Design...
WS512K32NBV-15G2CE WEDC-WS512K32NBV-15G2CE Datasheet
332Kb / 8P
   512Kx32 3.3V SRAM MODULE
logo
List of Unclassifed Man...
WS512K32NBV-15G2CEA ETC-WS512K32NBV-15G2CEA Datasheet
170Kb / 8P
   512Kx32 3.3V SRAM MODULE
More results

Similar Description - WS512K32NV-15H1C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS512K32NBV-15G2 ETC-WS512K32NBV-15G2 Datasheet
170Kb / 8P
   512Kx32 3.3V SRAM MODULE
logo
White Electronic Design...
WS512K32BV-XXXE WEDC-WS512K32BV-XXXE Datasheet
332Kb / 8P
   512Kx32 3.3V SRAM MODULE
EDI8L32512V WEDC-EDI8L32512V Datasheet
230Kb / 8P
   512Kx32 SRAM Module.3.3V
WS512K32V-XXX WEDC-WS512K32V-XXX Datasheet
292Kb / 7P
   512Kx32 SRAM 3.3V MULTICHIP PACKAGE
WSF512K32-XXX WEDC-WSF512K32-XXX Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
WEDPS512K32V-XBX WEDC-WEDPS512K32V-XBX Datasheet
217Kb / 7P
   512Kx32 SRAM 3.3V MULTI-CHIP PACKAGE
logo
Aeroflex Circuit Techno...
ACT-SF512K32 AEROFLEX-ACT-SF512K32 Datasheet
182Kb / 11P
   ACT-SF512K32 High Speed 512Kx32 SRAM / 512Kx32 Flash Multichip Module
logo
White Electronic Design...
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WSF41632-22XX WEDC-WSF41632-22XX Datasheet
526Kb / 14P
   128KX32 SRAM & 512Kx32 FLASH MIXED MODULE
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com