Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW2338 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CYW2338
Description  Dual Serial Input PLL with 2.5- and 1.1-GHz Prescalers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW2338 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CYW2338 Datasheet HTML 1Page - Cypress Semiconductor CYW2338 Datasheet HTML 2Page - Cypress Semiconductor CYW2338 Datasheet HTML 3Page - Cypress Semiconductor CYW2338 Datasheet HTML 4Page - Cypress Semiconductor CYW2338 Datasheet HTML 5Page - Cypress Semiconductor CYW2338 Datasheet HTML 6Page - Cypress Semiconductor CYW2338 Datasheet HTML 7Page - Cypress Semiconductor CYW2338 Datasheet HTML 8Page - Cypress Semiconductor CYW2338 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CYW2338
PRELIMINARY
3
Absolute Maximum Ratings
Stresses greater than those listed in this table may cause per-
manent damage to the device. These represent a stress rating
only. Operation of the device at these or any other conditions
above those specified in the operating sections of this specifi-
cation is not implied. Maximum conditions for extended peri-
ods may affect reliability.
Handling Precautions
Devices should be transported and stored in antistatic con-
tainers.
These devices are static sensitive. Ensure that equipment and
personnel contacting the devices are properly grounded.
Cover workbenches with grounded conductive mats.
Always turn off power before adding or removing devices from
system.
Protect leads with a conductive sheet when handling or trans-
porting PC boards with devices.
If devices are removed from the moisture protective bags for
more than 36 hours, they should be baked at 85°C in a mois-
ture free environment for 24 hours prior to assembly in less
than 24 hours.
Parameter
Description
Rating
Unit
VCC or VP
Power Supply Voltage
–0.5 to +6.5
V
VOUT
Output Voltage
–0.5 to VCC+0.5
V
IOUT
Output Current
±15
mA
TL
Lead Temperature
+260
°C
TSTG
Storage Temperature
–55 to +150
°C
Recommended Operating Conditions
Parameter
Description
Test Condition
Rating
Unit
VCC1,
VCC2
Power Supply Voltage
2.7 to 5.5
V
VP
Charge Pump Voltage
VCC to +5.5
V
TA
Operating Temperature
Ambient air at 0 CFM flow
–40 to +85
°C


Similar Part No. - CYW2338

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW2330 CYPRESS-CYW2330 Datasheet
228Kb / 13P
   Dual Serial Input PLL with 2.5-GHz and 600-MHz Prescalers
CYW2331 CYPRESS-CYW2331 Datasheet
259Kb / 12P
   Dual Serial Input PLL with 2.0-GHz and 600-MHz Prescalers
More results

Similar Description - CYW2338

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW2330 CYPRESS-CYW2330 Datasheet
228Kb / 13P
   Dual Serial Input PLL with 2.5-GHz and 600-MHz Prescalers
CYW2331 CYPRESS-CYW2331 Datasheet
259Kb / 12P
   Dual Serial Input PLL with 2.0-GHz and 600-MHz Prescalers
logo
Fujitsu Component Limit...
MB15U10 FUJITSU-MB15U10 Datasheet
350Kb / 19P
   Dual Serial Input PLL Frequency Synthesizer On-Chip 1.1 GHz Prescaler
MB15E07L FUJITSU-MB15E07L Datasheet
289Kb / 23P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E07SR FUJITSU-MB15E07SR Datasheet
241Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-chip 2.5 GHz Prescaler
MB15E07 FUJITSU-MB15E07 Datasheet
233Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E07SL FUJITSU-MB15E07SL Datasheet
231Kb / 26P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E06 FUJITSU-MB15E06 Datasheet
223Kb / 23P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
logo
Motorola, Inc
MC145193 MOTOROLA-MC145193 Datasheet
250Kb / 24P
   1.1 GHZ PLL FREQUENCY SYNTHESIZER
logo
LANSDALE Semiconductor ...
ML145151 LANSDALE-ML145151 Datasheet
2Mb / 35P
   Parallel-Input PLL Frequency Synthesizer Interfaces with Single-Modulus Prescalers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com