Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM04RC01T Datasheet(PDF) 5 Page - Taiyo Yuden (U.S.A.), Inc

Part # CM04RC01T
Description  COMMON MODE CHOKE COILS (FOR DC AND SIGNAL LINES) SMD TYPE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

CM04RC01T Datasheet(HTML) 5 Page - Taiyo Yuden (U.S.A.), Inc

  CM04RC01T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc CM04RC01T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc CM04RC01T Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc CM04RC01T Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc CM04RC01T Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc CM04RC01T Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc CM04RC01T Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc CM04RC01T Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc CM04RC01T Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
370
Type
ライン数
挿入ピッチ
チップ挿入部
テープ厚み
Insertion
Chip cavity
Tape thickness
Lines
pitch
ABK
T
2
8.0M0.1
5.7M0.1
9.65M0.1
5.2max
0.4M0.05
CM04RC
3
12.0M0.1
9.8M0.1
7.7M0.1
5.0max
0.38M0.05
3 (THIN)
8.0M0.1
5.7M0.1
9.8M0.1
3.1max
0.4M0.05
4
12.0M0.1 10.3M0.1 10.3M0.1
5.0max
0.3M0.05
BU05MC
2
8.0M0.1
5.35M1.5
5.7M0.2
3.2M0.1
0.4M0.05
BU05MC
3
 エンボステープ fCM04RCタイプg Embossed tape fCM04RC typeg
f
1g 8mm pitch (0.31 inches pitch)
f
2g 12mm pitch (0.472 inches pitch)
6
トップテープ強度 Top Tape Strength
トップテープのはがし力は、下図矢印方向にて0.1V0.7Nとなります。
The top tape requires a peel-off force of 0.1 to 0.7N in the direction of the
arrow as illutrated below.
 エンボステープ fBU05MCタイプg Embossed tape fBU05MC typeg
梱包 PACKAGING


Similar Part No. - CM04RC01T

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM04-PR-DC DDK-CM04-PR-DC Datasheet
311Kb / 5P
   M12 Sized & Sealed Circular Connector
CM04-PR-DC DDK-CM04-PR-DC Datasheet
751Kb / 5P
   M12 Sized & Sealed Circular Connector
logo
List of Unclassifed Man...
CM046060 ETC-CM046060 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CM046125 ETC-CM046125 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CM046147 ETC-CM046147 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - CM04RC01T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BU05MC08T TAIYO-YUDEN-BU05MC08T Datasheet
146Kb / 1P
   SMD Common Mode Choke Coils for DC and Signal lines
BU05MC01T TAIYO-YUDEN-BU05MC01T Datasheet
146Kb / 1P
   SMD Common Mode Choke Coils for DC and Signal lines
BU08RA11 TAIYO-YUDEN-BU08RA11 Datasheet
142Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UB802WK1 TAIYO-YUDEN-TLF9UB802WK1 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UBH203WK1 TAIYO-YUDEN-TLF9UBH203WK1 Datasheet
138Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
CM05RB01 TAIYO-YUDEN-CM05RB01 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
CM08RB01 TAIYO-YUDEN-CM08RB01 Datasheet
149Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UB203WK1 TAIYO-YUDEN-TLF9UB203WK1 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UB302WK1 TAIYO-YUDEN-TLF9UB302WK1 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UBH802WK1 TAIYO-YUDEN-TLF9UBH802WK1 Datasheet
138Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com