Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2306TR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C2306TR
Description  MMDS / ISM / S-Band Mixer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C2306TR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C2306TR Datasheet HTML 1Page - List of Unclassifed Manufacturers C2306TR Datasheet HTML 2Page - List of Unclassifed Manufacturers C2306TR Datasheet HTML 3Page - List of Unclassifed Manufacturers C2306TR Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
C2306..
DATA
SHEET
MMDS / ISM / S-Band Mixer
1800 to 4800 MHz Operation
Features
• 10 dB Gain
• 10 to 900 MHz Integrated IF Amplifier
• Single 5V Supply
• 26 dBm Output IP3
• Separate MIXER/LO AMP and IF AMP cells.
• 75 ohm IF output impedance
Applications
• 2.4 GHz ISM Band Applications
• Wireless Local Loop Systems
• MMDS Downconverters
• Wireless LANS and WANS
• MMDS Upconverters
• Wireless Internet Systems
• Bluetooth Applications
• Wireless T1 Data Link Equipment
Description
The C2306 is a flexible, high intercept, frequency conversion GaAs MMIC packaged in a 14 pin SOIC
package. The MMIC is usable as an upconverter or downconverter mixer. Each subcircuit is brought out on
separate pins to allow for custom filtering on the IF/RF mixer interstage or custom matching for specific bands.
Broadband parallel feedback networks are used on the gain and LO driver stages and the mixer is a singly
balanced two diode mixer. The FET source of the IF amplifier stage (IF BIAS) is accessible for AC bypassing
which allows for current reduction with self bias circuitry. The gain and DC current is broken up as follows:
LO AMP gain = 11dB; current = 27 mA, IF AMP gain = 17dB, current = 60mA, Mixer conversion loss = -
6dB. Simple external matching circuits can be implemented for all ports to achieve VSWR’s < 2:1 over
moderate bandwidths of less than 400MHz.
Pacific Wireless
2844 Mar Vista Dr. Suite 101
Aptos, CA 95003
TEL (831) 684-2474
FAX (831) 684-2494
www.pacwireless.com
LO IN
IF OUT
VDD
IF/RF
IF IN
IF BIAS


Similar Part No. - C2306TR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C230 MOTOROLA-C230 Datasheet
123Kb / 3P
   Silicon Controlled Rectifier
logo
Digitron Semiconductors
C230 DIGITRON-C230 Datasheet
513Kb / 4P
   SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
C230 NJSEMI-C230 Datasheet
154Kb / 2P
   Silicon Controlled Rectifier
logo
TP-Link Technologies Co...
C2300 TP-LINK-C2300 Datasheet
2Mb / 7P
   MU-MIMO Wi-Fi Router
logo
Connor-Winfield Corpora...
C23020.0M CONNOR-WINFIELD-C23020.0M Datasheet
90Kb / 2P
   Ultra-Miniature Precision TCXO / VCTCXO
More results

Similar Description - C2306TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C2304 ETC1-C2304 Datasheet
78Kb / 4P
   MMDS / ISM / S-Band Downconverter
logo
Toshiba Semiconductor
1SS154 TOSHIBA-1SS154_07 Datasheet
204Kb / 3P
   UHF~S Band Mixer/Detector Applications
logo
Suntsu Electronics, Inc...
SATCA-12A4A1G-ISB7 SUNTSU-SATCA-12A4A1G-ISB7 Datasheet
736Kb / 4P
   ISM Band System
SATCA-20A5A1G-ISB3 SUNTSU-SATCA-20A5A1G-ISB3 Datasheet
1Mb / 6P
   ISM Band System
logo
Transko Electronics, In...
TF244200BC-SP TRANSKO-TF244200BC-SP Datasheet
1Mb / 4P
   ISM Band Application
Rev. 0: Jul. 2023
logo
Guangdong Kexin Industr...
1SS154 KEXIN-1SS154 Datasheet
33Kb / 1P
   UHF~S BAND MIXER/DETECTOR APPLICATIONS
logo
Suntsu Electronics, Inc...
SATCA-12A4A1G-ISB5 SUNTSU-SATCA-12A4A1G-ISB5 Datasheet
711Kb / 4P
   ISM Band System
SATCA-7A2A2A-ISB6 SUNTSU-SATCA-7A2A2A-ISB6 Datasheet
956Kb / 5P
   ISM Band System
logo
Transko Electronics, In...
TF244200AB-SP TRANSKO-TF244200AB-SP Datasheet
1Mb / 4P
   ISM Band Application
Rev. 0: Jul. 2023
logo
Toshiba Semiconductor
1SS154 TOSHIBA-1SS154_14 Datasheet
149Kb / 3P
   UHF-S Band Mixer/Detector Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com