Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82845GE Datasheet(PDF) 11 Page - Intel Corporation

Part # 82845GE
Description  82845GE Graphics and Memory Controller Hub (GMCH) and 82845PE Memory Controller Hub (MCH)
Download  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GE Datasheet(HTML) 11 Page - Intel Corporation

Back Button 82845GE Datasheet HTML 7Page - Intel Corporation 82845GE Datasheet HTML 8Page - Intel Corporation 82845GE Datasheet HTML 9Page - Intel Corporation 82845GE Datasheet HTML 10Page - Intel Corporation 82845GE Datasheet HTML 11Page - Intel Corporation 82845GE Datasheet HTML 12Page - Intel Corporation 82845GE Datasheet HTML 13Page - Intel Corporation 82845GE Datasheet HTML 14Page - Intel Corporation 82845GE Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 176 page
background image
Intel® 82845GE/82845PE
Datasheet
11
Intel® 82845GE GMCH / 82845PE MCH
Features
I Host Interface Support
— One processor in a mPGA478 package
— Hyper-Threading Technology support
— 400/533 MHz PSB (100/133 MHz bus clock)
— PSB Dynamic Bus Inversion on the data bus
— 32-bit addressing for access to 4 GB of memory space
— 8 deep In Order Queue
— AGTL+ On-die Termination
I System Memory Controller
— One 64-bit wide DDR SDRAM data channel
— Up to 2.0 GB of 266/333 MHz DDR SDRAM
— Bandwidth up to 2.7 GB/s (DDR333)
— 64-Mb, 128-Mb, 256-Mb, and 512-Mb SDRAM
technologies
— Supports only x8 and x16 SDRAM devices with four
banks
— Unbuffered, unregistered 184-pin non-ECC DDR
SDRAM DIMMs only
— Two DDR DIMMs, single-sided and/or double-sided
— Does not support double-sided x16 DDR DIMMs
— JEDEC DDR DIMM specification configurations only
— Opportunistic refresh
— Up to 16, simultaneously open pages
— SPD (Serial Presence Detect) scheme for DIMM
detection
— Suspend-to-RAM support using CKE
— Selective Command-Per-Clock (selective CPC) accesses
I Hub Interface
— Supports Hub Interface 1.5
— 266 MB/s point-to-point Hub Interface to the ICH4
— 66 MHz base clock
— 1.5 V operation
I AGP Interface
— Supports a single 1.5 V Accelerated Graphics Port
Interface, Specification 2.0-compliant device
— Supports 1X/2X/4X data transfers and 2X/4X Fast
Writes
— 32-deep AGP request queue
— AGP signals muxed with two Intel® DVO ports:
Supports ADD cards (82845GE only)
I Integrated Graphics (82845GE only)
— Core Frequency of 266 MHz
— 3D Setup and Render Engine
- Discrete Triangles, Strips and Fans Support
- Indexed Vertex and Flexible Vertex Formats
- Pixel Accurate Fast Scissoring and Clipping Operation
- Backface Culling Support
- Supports D3D and OGL Pixelization Rules
- Anti-Aliased Lines Support
- Sprite Points Support
— High Quality Texture Engine (see Section 1.4.5)
— 3D Graphics Rasterization Enhancements (see
Section 1.4.5)
— 2D Graphics (see Section 1.4.5)
— Video DVD/PC-VCR (see Section 1.4.5)
— Video Overlay (see Section 1.4.5)
I Analog Display Support (82845GE only)
— 350 MHz Integrated 24-bit RAMDAC
— Up to 2048x1536 at 60 Hz refresh
— Hardware Color Cursor Support
— DDC2B Compliant Interface
I Digital Display Channels (82845GE only)
— Two channels multiplexed with AGP
— 165 MHz dot clock on each 12-bit interface
— Can combine two, 12-bit channels to form one 24-bit
interface: Supports flat panels up to 2048x1536 at 60 Hz
or dCRT/HDTV at 1920x1080 at 85 Hz
— Supports Hot Plug and Display
— Supports LVDS, TMDS transmitters or TV-out encoders
— ADD card utilizes AGP connector
— Three Display Control interfaces (I2C/DDC)
multiplexed on AGP
I Package
— 37.5 mm x 37.5 mm FC-BGA package with 1 mm ball
pitch


Similar Part No. - 82845GE

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82845G INTEL-82845G Datasheet
2Mb / 193P
   Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
82845GL INTEL-82845GL Datasheet
2Mb / 193P
   Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
82845GV INTEL-82845GV Datasheet
2Mb / 193P
   Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
82845GX INTEL-82845GX Datasheet
2Mb / 193P
   Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
More results

Similar Description - 82845GE

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
316966-002 INTEL-316966-002 Datasheet
2Mb / 437P
   Graphics and Memory Controller Hub
82845G INTEL-82845G Datasheet
2Mb / 193P
   Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
290676-002 INTEL-290676-002 Datasheet
969Kb / 119P
   Intel 810E Chipset: 82810E Graphics and Memory Controller Hub (GMCH)
290656-002 INTEL-290656-002 Datasheet
491Kb / 120P
   Intel 82810/82810-DC100 Graphics and Memory Controller Hub (GMCH)
RG82855GMESL72L INTEL-RG82855GMESL72L Datasheet
1Mb / 213P
   Intel짰 855GM/855GME Chipset Graphics and Memory Controller Hub (GMCH)
JG82855GMESL7VN INTEL-JG82855GMESL7VN Datasheet
1Mb / 213P
   Intel짰 855GM/855GME Chipset Graphics and Memory Controller Hub (GMCH)
82830MP INTEL-82830MP Datasheet
1Mb / 159P
   Intel 830MP Chipset: 82830MP Graphics and Memory Controller Hub (GMCH-M)
290688-001 INTEL-290688-001 Datasheet
801Kb / 172P
   Intel 815 Chipset Family 82815 Graphics and Memory Controller Hub (GMCH)
E7320 INTEL-E7320 Datasheet
170Kb / 22P
   Intel짰 E7320 Memory Controller Hub (MCH)
QGE7520MC-SL8EE INTEL-QGE7520MC-SL8EE Datasheet
2Mb / 282P
   Intel짰 E7520 Memory Controller Hub (MCH)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com