Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

28C64B-20IK Datasheet(PDF) 3 Page - Microchip Technology

Part # 28C64B-20IK
Description  64K (8K x8) CMOS Erasable PROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

28C64B-20IK Datasheet(HTML) 3 Page - Microchip Technology

  28C64B-20IK Datasheet HTML 1Page - Microchip Technology 28C64B-20IK Datasheet HTML 2Page - Microchip Technology 28C64B-20IK Datasheet HTML 3Page - Microchip Technology 28C64B-20IK Datasheet HTML 4Page - Microchip Technology 28C64B-20IK Datasheet HTML 5Page - Microchip Technology 28C64B-20IK Datasheet HTML 6Page - Microchip Technology 28C64B-20IK Datasheet HTML 7Page - Microchip Technology 28C64B-20IK Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image


Similar Part No. - 28C64B-20IK

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
28C64 ATMEL-28C64 Datasheet
660Kb / 12P
   64K (8K x 8) CMOS E2PROM with Page Write and Software Data Protection
logo
Microchip Technology
28C64A MICROCHIP-28C64A Datasheet
67Kb / 8P
   64K (8K x 8) CMOS EEPROM
1996
28C64A-15 MICROCHIP-28C64A-15 Datasheet
67Kb / 8P
   64K (8K x 8) CMOS EEPROM
1996
logo
Catalyst Semiconductor
28C64A-15 CATALYST-28C64A-15 Datasheet
238Kb / 8P
   64K - BIT CMOS E2PROM
logo
Microchip Technology
28C64A-15/L MICROCHIP-28C64A-15/L Datasheet
131Kb / 10P
   64K (8K x 8) CMOS EEPROM
2004
More results

Similar Description - 28C64B-20IK

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
M2764A INTEL-M2764A Datasheet
622Kb / 9P
   AVDVANCED 64K (8K x 8) UV ERASABLE PROM
logo
Samsung semiconductor
KM28C64A SAMSUNG-KM28C64A Datasheet
364Kb / 12P
   8K x 8 BIT CMOS ELECTRICALLY ERASABLE PROM
logo
Integrated Silicon Solu...
IS25C08B ISSI-IS25C08B Datasheet
754Kb / 17P
   8K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
logo
Intel Corporation
2764A INTEL-2764A Datasheet
1Mb / 10P
   64K(8K x 8) UV ERASABLE PROMs
logo
Integrated Silicon Solu...
IS93C76A ISSI-IS93C76A Datasheet
81Kb / 13P
   8K-BIT/16K-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Anachip Corp
AM24LC08 ANACHIP-AM24LC08 Datasheet
202Kb / 10P
   2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM
logo
STMicroelectronics
ETC2716Q STMICROELECTRONICS-ETC2716Q Datasheet
255Kb / 9P
   16K BIT CMOS UV ERASABLE PROM
logo
Integrated Silicon Solu...
IS25C32A ISSI-IS25C32A_07 Datasheet
225Kb / 18P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08 ISSI-IS25C08 Datasheet
87Kb / 14P
   8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A ISSI-IS25C32A Datasheet
134Kb / 17P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com