Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YKC03-12D12 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # YKC03-12D12
Description  3 WATTS REGULATED OUTPUT POWER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

YKC03-12D12 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  YKC03-12D12 Datasheet HTML 1Page - List of Unclassifed Manufacturers YKC03-12D12 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Number
Input
Range
Output
Voltage
Output
Current
Input
Current
(5)
Eff
(6)
(%)
Capacitor
(7)
Load max
YKC03-12S05
9 – 18 VDC
5 VDC
500mA
290mA
76
1000uF
YKC03-12S12
9 – 18 VDC
12 VDC
250mA
329mA
80
220uF
YKC03-12S15
9 – 18 VDC
15 VDC
200mA
334mA
79
150uF
YKC03-12D05
9 – 18 VDC
± 5 VDC
± 250mA
290mA
76
± 470uF
YKC03-12D12
9 – 18 VDC
± 12 VDC
± 125mA
334mA
79
± 100uF
YKC03-12D15
9 – 18 VDC
± 15 VDC
± 100mA
334mA
79
± 68uF
YKC03-24S05
18 – 36 VDC
5 VDC
500mA
151mA
73
1000uF
YKC03-24S12
18 – 36 VDC
12 VDC
250mA
169mA
78
220uF
YKC03-24S15
18 – 36 VDC
15 VDC
200mA
171mA
77
150uF
YKC03-24D05
18 – 36 VDC
± 5 VDC
± 250mA
151mA
73
± 470uF
YKC03-24D12
18 – 36 VDC
± 12 VDC
± 125mA
174mA
76
± 100uF
YKC03-24D15
18 – 36 VDC
± 15 VDC
± 100mA
171mA
77
± 68uF
YKC03-48S05
36 – 75 VDC
5 VDC
500mA
76mA
73
1000uF
YKC03-48S12
36 – 75 VDC
12 VDC
250mA
83mA
79
220uF
YKC03-48S15
36 – 75 VDC
15 VDC
200mA
82mA
80
150uF
YKC03-48D05
36 – 75 VDC
± 5 VDC
± 250mA
76mA
73
± 470uF
YKC03-48D12
36 – 75 VDC
± 12 VDC
± 125mA
85mA
78
± 100uF
YKC03-48D15
36 – 75 VDC
± 15 VDC
± 100mA
86mA
77
± 68uF
Note
1.
The YKC03 series required a minimum 10% loading on the output to maintain specified regulation. Operation under no-load condition will not damage
these devices, however they may not meet all listed specification.
2.
Simulated source impedance of 12uH. 12uH inductor on series with + Vin.
3.
BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40ºC. (Ground fixed and controlled environment)
4.
M1 version is more efficient, therefore, it can be operated in a more extensive temperature range than standard.
5.
Maximum value at nominal input voltage and full load of standard type.
6.
Typical value at nominal input voltage and full load.
7.
Test by minimum Vin and constant resistor load.
1. All dimensions in Inches (mm)
2. Pin pitch tolerance
I0.014(0.35)
0.01 x 0.02 (0.25 x 0.50)
Rectangular Pin
24
15
13
23
2
1
10
11
12
0.60(15.2)
0.80(20.3)
0.40
(10.2)
0.15
(3.8)
0.08(2.0)
BOTTOM
VIEW
SMD PIN CONNECTION
PIN
SINGLE
DUAL
1
+ INPUT
+ INPUT
2
+ INPUT
+ INPUT
10
NC
COMMON
24
- INPUT
- INPUT
23
- INPUT
- INPUT
15
NC
+ OUTPUT
11
NC
COMMON
PIN
SINGLE
DUAL
12
- OUTPUT
NC
13
+ OUTPUT - OUTPUT
Others
NC
NC
Others
NC
NC
DIP PIN CONNECTION
PIN
SINGLE
DUAL
1
+ INPUT
+ INPUT
2
+ INPUT
+ INPUT
10
NC
COMMON
24
- INPUT
- INPUT
23
- INPUT
- INPUT
15
NC
+ OUTPUT
11
NC
COMMON
PIN
SINGLE
DUAL
12
- OUTPUT
NC
13
+ OUTPUT - OUTPUT
Suffix: ”S”
1.00(25.4)
0.92(23.4)
0.44(11.2)
0.43(10.9)
0.80(20.3)
24
13
16
20
12
1
5
9
BOTTOM
VIEW
Pin Area
0.04 x 0.02
(1.0 x 0.5)


Similar Description - YKC03-12D12

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
VKC03 RSG-VKC03 Datasheet
111Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
List of Unclassifed Man...
PFKC03 ETC1-PFKC03 Datasheet
99Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
MKC03-12S33 P-DUKE-MKC03-12S33 Datasheet
308Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
FKC03 RSG-FKC03 Datasheet
144Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
PMKC03-05S33 P-DUKE-PMKC03-05S33 Datasheet
239Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
FKC03-12S33 P-DUKE-FKC03-12S33 Datasheet
236Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
PFKC03-05S33 P-DUKE-PFKC03-05S33 Datasheet
255Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
PFKC05 RSG-PFKC05 Datasheet
196Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
DR1P5-05S05 P-DUKE-DR1P5-05S05 Datasheet
212Kb / 3P
   1.5 WATTS REGULATED OUTPUT POWER
PFKC05-12S33 P-DUKE-PFKC05-12S33 Datasheet
235Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com