Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS128K32V Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WS128K32V
Description  128Kx32 3.3V SRAM MULTICHIP PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WS128K32V Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WS128K32V Datasheet HTML 1Page - List of Unclassifed Manufacturers WS128K32V Datasheet HTML 2Page - List of Unclassifed Manufacturers WS128K32V Datasheet HTML 3Page - List of Unclassifed Manufacturers WS128K32V Datasheet HTML 4Page - List of Unclassifed Manufacturers WS128K32V Datasheet HTML 5Page - List of Unclassifed Manufacturers WS128K32V Datasheet HTML 6Page - List of Unclassifed Manufacturers WS128K32V Datasheet HTML 7Page - List of Unclassifed Manufacturers WS128K32V Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
White Microelectronics • Phoenix, AZ • (602) 437-1520
4
WS128K32V-XXX
PIN DESCRIPTION
128K x 8
8
I/O 0-7
CS1
128K x 8
8
I/O 8-15
2
128K x 8
8
I/O 16-23
3
128K x 8
8
I/O 24-31
4
A 0-16
OE
WE
CS
WE
CS
WE
CS
WE
12
3
4
BLOCK DIAGRAM
FIG. 2
PIN CONFIGURATION FOR WS128K32V-XG2TX AND WS128K32V-XG1UX
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
9 8 7 6 5 4 3 2 1 68 67 66 65 64 63 62 61
27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
GND
I/O8
I/O9
I/O10
I/O11
I/O12
I/O13
I/O14
I/O15
I/O16
I/O17
I/O18
I/O19
I/O20
I/O21
I/O22
I/O23
GND
I/O24
I/O25
I/O26
I/O27
I/O28
I/O29
I/O30
I/O31
TOP VIEW
I/O0-31
Data Inputs/Outputs
A0-16
Address Inputs
WE1-4
Write Enables
CS1-4
Chip Selects
OE
Output Enable
VCC
Power Supply
GND
Ground
NC
Not Connected


Similar Part No. - WS128K32V

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
WS128K32-XG2LX MICROSEMI-WS128K32-XG2LX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WS128K32-XG2TXE WEDC-WS128K32-XG2TXE Datasheet
325Kb / 6P
   128Kx32 SRAM MULTICHIP PACKAGE, RADIATION TOLLERANT
logo
Microsemi Corporation
WS128K32-XG2UX MICROSEMI-WS128K32-XG2UX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
WS128K32-XG4TX MICROSEMI-WS128K32-XG4TX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
WS128K32-XH1X MICROSEMI-WS128K32-XH1X Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
More results

Similar Description - WS128K32V

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS128K32-XG2TXE WEDC-WS128K32-XG2TXE Datasheet
325Kb / 6P
   128Kx32 SRAM MULTICHIP PACKAGE, RADIATION TOLLERANT
WS512K32V-XXX WEDC-WS512K32V-XXX Datasheet
292Kb / 7P
   512Kx32 SRAM 3.3V MULTICHIP PACKAGE
logo
Aeroflex Circuit Techno...
ACT-SF128K32 AEROFLEX-ACT-SF128K32 Datasheet
168Kb / 10P
   ACT-SF128K32 High Speed 128Kx32 SRAM / 128Kx32 Flash Multichip Module
ACT-SF41632 AEROFLEX-ACT-SF41632 Datasheet
182Kb / 11P
   ACT-SF41632 High Speed 128Kx32 SRAM / 512Kx32 Flash Multichip Module
logo
Alliance Semiconductor ...
AS7C33128NTD32B ALSC-AS7C33128NTD32B Datasheet
435Kb / 18P
   3.3V 128Kx32/36 Pipelined SRAM with NTD
logo
Samsung semiconductor
KM732V787 SAMSUNG-KM732V787 Datasheet
524Kb / 16P
   128Kx32 Synchronous SRAM
KM732V789 SAMSUNG-KM732V789 Datasheet
487Kb / 15P
   128Kx32 Synchronous SRAM
logo
ATMEL Corporation
AT68166F ATMEL-AT68166F Datasheet
316Kb / 17P
   Rad Hard 16 MegaBit 3.3V SRAM MultiChip Module
logo
White Electronic Design...
WSF128K32-XH2X WEDC-WSF128K32-XH2X Datasheet
441Kb / 12P
   128KX32 SRAM/FLASH MODULE
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com