Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V65602S100PFI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT71V65602S100PFI
Description  256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V65602S100PFI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT71V65602S100PFI Datasheet HTML 2Page - Integrated Device Technology IDT71V65602S100PFI Datasheet HTML 3Page - Integrated Device Technology IDT71V65602S100PFI Datasheet HTML 4Page - Integrated Device Technology IDT71V65602S100PFI Datasheet HTML 5Page - Integrated Device Technology IDT71V65602S100PFI Datasheet HTML 6Page - Integrated Device Technology IDT71V65602S100PFI Datasheet HTML 7Page - Integrated Device Technology IDT71V65602S100PFI Datasheet HTML 8Page - Integrated Device Technology IDT71V65602S100PFI Datasheet HTML 9Page - Integrated Device Technology IDT71V65602S100PFI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6.42
6
IDT71V65602, IDT71V65802, 256K x 36, 512K x 18, 3.3V Synchronous SRAMs with
ZBT
™ Feature, 2.5V I/O, Burst Counter, and Pipelined Outputs
Commercial and Industrial Temperature Ranges
Absolute Maximum Ratings(1)
Pin Configuration - 512K x 18
100 TQFP Capacitance(1)
(TA = +25° C, f = 1.0MHz)
Top View
100 TQFP
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated
in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
2. VDD terminals only.
3. VDDQ terminals only.
4. Input terminals only.
5. I/O terminals only.
6. This is a steady-state DC parameter that applies after the power supply has
reached its nominal operating value. Power sequencing is not necessary;
however, the voltage on any input or I/O pin cannot exceed VDDQ during power
supply ramp up.
7. During production testing, the case temperature equals TA
.
NOTE:
1. This parameter is guaranteed by device characterization, but not production tested.
Symbol
Rating
Com mercial &
Industrial
Unit
VTERM
(2)
Terminal Voltage with
Respect to GND
-0.5 to +4.6
V
VTERM
(3,6)
Terminal Voltage with
Respect to GND
-0.5 to VDD
V
VTERM
(4,6)
Terminal Voltage with
Respect to GND
-0.5 to VDD +0.5
V
VTERM
(5,6)
Terminal Voltage with
Respect to GND
-0.5 to VDDQ +0.5
V
TA(7)
Commercial
-0 to +70
oC
Industrial
-40 to +85
oC
TBIAS
Temperature
Under Bias
-55 to +125
oC
TSTG
Storage
Temperature
-55 to +125
oC
PT
Power Dissipation
2.0
W
IOUT
DC Output Current
50
mA
5303 tbl 06
Symbol
Parameter
(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
5
pF
CI/O
I/O Capacitance
VOUT = 3dV
7
pF
5303 tbl 07
100 99 98 97 96 95 94 93 92 91 90
87 86 85 84 83 82 81
89 88
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
NC
NC
VDDQ
VSS
NC
I/OP2
I/O15
I/O14
VSS
VDDQ
I/O13
I/O12
VSS
VDD
I/O11
I/O10
VDDQ
VSS
I/O9
I/O8
NC
NC
VSS
VDDQ
NC
NC
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
NC
VDDQ
VSS
NC
I/OP1
I/O7
I/O6
VSS
VDDQ
I/O5
I/O4
VSS
VDD
I/O3
I/O2
VDDQ
VSS
I/O1
I/O0
NC
NC
VSS
VDDQ
NC
NC
5303 drw 02a
VDD(1)
NC
NC
VDD(1)
NC
NC
VDD(1)
A10
ZZ
,
NOTES:
1. Pins 14, 16 and 66 do not have to be connected directly to VDD as long as
the input voltage is
≥ VIH.
2. Pin 84 is reserved for a future 16M.
3. DNU=Do not use. Pins 38, 39, 42 and 43 are reserved for respective
JTAG pins: TMS, TDI, TDO and TCK. The current die revision allows
these pins to be left unconnected, tied Low (VSS) or tied High (VDD).
Symbol
Parameter
(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
7
pF
CI/O
I/O Capacitance
VOUT = 3dV
7
pF
5303 tbl 07a
119 BGA Capacitance(1)
(TA = +25° C, f = 1.0MHz)
165 fBGA Capacitance(1)
(TA = +25° C, f = 1.0MHz)
Symbol
Parameter
(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
TBD
pF
CI/O
I/O Capacitance
VOUT = 3dV
TBD
pF
5303 tbl 07b


Similar Part No. - IDT71V65602S100PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603 Datasheet
368Kb / 26P
   3.3V Synchronous ZBT SRAMs
IDT71V65603S100BG IDT-IDT71V65603S100BG Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65603S100BGI IDT-IDT71V65603S100BGI Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65603S100BQ IDT-IDT71V65603S100BQ Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
More results

Similar Description - IDT71V65602S100PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2546S IDT-IDT71V2546S Datasheet
1,004Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V2556S IDT-IDT71V2556S Datasheet
1,019Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71T75602 IDT-IDT71T75602 Datasheet
637Kb / 25P
   512K x 36, 1M x 18 2.5V Synchronous ZBT??SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V65603 RENESAS-71V65603 Datasheet
313Kb / 27P
   256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs ZBT™ Feature 3.3V I/O, Burst Counter Pipelined Outputs
Nov.12. 21
logo
Integrated Device Techn...
71V3558S200PFG IDT-71V3558S200PFG Datasheet
643Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
IDT71V3556S IDT-IDT71V3556S Datasheet
1,010Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V3556S RENESAS-71V3556S Datasheet
337Kb / 29P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
Aug.06.21
71T75602 RENESAS-71T75602 Datasheet
348Kb / 28P
   512K x 36, 1M x 18 2.5V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Sep.27.21
logo
Integrated Device Techn...
IDT71V67602 IDT-IDT71V67602 Datasheet
975Kb / 22P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 2.5V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
logo
Renesas Technology Corp
IDT71V67602 RENESAS-IDT71V67602 Datasheet
540Kb / 24P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 2.5V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
FEBRUARY 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com