Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GL3GC402B0S1 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # GL3GC402B0S1
Description  HIGH-LUMINOSITY LED LAMP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GL3GC402B0S1 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button GL3GC402B0S1 Datasheet HTML 3Page - List of Unclassifed Manufacturers GL3GC402B0S1 Datasheet HTML 4Page - List of Unclassifed Manufacturers GL3GC402B0S1 Datasheet HTML 5Page - List of Unclassifed Manufacturers GL3GC402B0S1 Datasheet HTML 6Page - List of Unclassifed Manufacturers GL3GC402B0S1 Datasheet HTML 7Page - List of Unclassifed Manufacturers GL3GC402B0S1 Datasheet HTML 8Page - List of Unclassifed Manufacturers GL3GC402B0S1 Datasheet HTML 9Page - List of Unclassifed Manufacturers GL3GC402B0S1 Datasheet HTML 10Page - List of Unclassifed Manufacturers GL3GC402B0S1 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LED
101
HIGH-LUMINOSITY CHIP LED
✩New product
★Under development
■ HIGH-LUMINOSITY (InGaN) CHIP LEDs
(Taped models only)
*1 GM1BC35370AC, GM1BC55270AC: IF = 5 mA
*2 GM5BC95200AC series, GM5BC95250AC series: IF = 20 mA
*3 GM5BC01200AC series, GM5BC01250AC series, GM5BC03200Z series: IF = 50 mA
Outline
dimensions
(mm)
Resin type
Blue
Green
Luminous
intensity
(mcd) TYP.
Luminous
intensity
(mcd) TYP.
1.6
× 0.8 (T: 0.35)
GM1GC35200AC
54
GM1BC35370AC*1
23
1.6
× 0.8 (T: 0.55)
GM1BC55270AC*1
23
GM1GC55200AC
47
3.2
× 2.8 (T: 1.9)
GM5BC95200AC*2
73
GM5GC95200AC*2
311
GM5BC95250AC*2
120
GM5GC95250AC*2
500
GM5BC95270AC*2
370
6.0
× 5.0 (T: 2.5)
GM5BC01200AC*3
200
GM5GC01200AC*3
520
GM5BC01250AC*3
300
GM5GC01250AC*3
1 200
GM5BC01270AC*3
550
6.0
× 5.0 (T: 2.3)
board insertion type
GM5BC03200Z*3
200
GM5GC03200Z*3
520
GM5BC03210Z*3
300
1.6
× 1.15 × 0.8
(Side emitting)
GM4BC81250AC
50
GM4GC81250AC
170
2.7
× 1.3 × 1.2
(Side emitting)
GM4BC13300AC
12
GM4GC13300AC
46
(I F = 10 mA, Ta = 25°C)
B C
G C
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in
equipment using any SHARP devices shown in catalogs, data books, etc.
Except where specially indicated, models listed on this page comply with the RoHS Directive*. For details, please contact SHARP.
*RoHS Directive: Prohibits use of lead, cadmium, hexavalent chromium, mercury and specific brominated flame retardants
(PBBs and PBDEs), with certain exceptions.
Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.


Similar Part No. - GL3GC402B0S1

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GL3019 GTM-GL3019 Datasheet
120Kb / 1P
   PNP EPITAXIAL PLANAR TRANSISTOR
logo
E-Tech Electronics LTD
GL3019 ETL-GL3019 Datasheet
122Kb / 1P
   N P N E P I T A X I A L P L A N A R T R A N S I S T O R
logo
GTM CORPORATION
GL3055 GTM-GL3055 Datasheet
357Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Glenair, Inc.
GL30G GLENAIR-GL30G Datasheet
865Kb / 3P
   Underwater Interconnect Assemblies
GL30G1P-BC GLENAIR-GL30G1P-BC Datasheet
865Kb / 3P
   Underwater Interconnect Assemblies
More results

Similar Description - GL3GC402B0S1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL5TR43 ETC-GL5TR43 Datasheet
81Kb / 3P
   Super-luminosity LED Lamp/High-luminosity LED Lamp
logo
Sharp Corporation
GL8T156 SHARP-GL8T156 Datasheet
463Kb / 7P
   Super-luminosity/High-luminosity Numeric LED
GL9T030 SHARP-GL9T030 Datasheet
455Kb / 7P
   Super-luminosity/High-luminosity Numeric LED
logo
Everlight Electronics C...
64-135-REGHB7C-B01-2T EVERLIGHT-64-135-REGHB7C-B01-2T Datasheet
281Kb / 15P
   Luminosity Full Color LED
logo
Sharp Corporation
GL8UR4 SHARP-GL8UR4 Datasheet
45Kb / 2P
   2.0 X 3.1mm, Arch Type, Colored Transparency, High-luminosity LED Lamp for Indicator
logo
Everlight Electronics C...
61-25UTC EVERLIGHT-61-25UTC Datasheet
158Kb / 10P
   Luminosity white Color LED
47-23UWD EVERLIGHT-47-23UWD Datasheet
185Kb / 10P
   Luminosity White Color LED
59-146UWD-TR8 EVERLIGHT-59-146UWD-TR8 Datasheet
190Kb / 10P
   Luminosity white Color LED
61-13-S3GHBHC-B04-ET EVERLIGHT-61-13-S3GHBHC-B04-ET Datasheet
225Kb / 14P
   Luminosity Full Color LED
61-25-UWC-S400-A6-TR8 EVERLIGHT-61-25-UWC-S400-A6-TR8 Datasheet
163Kb / 10P
   Luminosity white Color LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com