Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4H560438E-VLB3 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K4H560438E-VLB3
Description  256Mb E-die DDR SDRAM Specification 54 sTSOP-II with Pb-Free (RoHS compliant)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4H560438E-VLB3 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K4H560438E-VLB3 Datasheet HTML 5Page - Samsung semiconductor K4H560438E-VLB3 Datasheet HTML 6Page - Samsung semiconductor K4H560438E-VLB3 Datasheet HTML 7Page - Samsung semiconductor K4H560438E-VLB3 Datasheet HTML 8Page - Samsung semiconductor K4H560438E-VLB3 Datasheet HTML 9Page - Samsung semiconductor K4H560438E-VLB3 Datasheet HTML 10Page - Samsung semiconductor K4H560438E-VLB3 Datasheet HTML 11Page - Samsung semiconductor K4H560438E-VLB3 Datasheet HTML 12Page - Samsung semiconductor K4H560438E-VLB3 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
DDR SDRAM
DDR SDRAM 256Mb E-die (x4, x8) Pb-Free
Rev. 1.1 October, 2004
16M x 4Bit x 4 Banks / 8M x 8Bit x 4 Banks Double Data Rate SDRAM
The K4H560438E / K4H560838E is 268,435,456 bits of double data rate synchronous DRAM organized as 4x 16,777,216 / 4x
8,388,608 words by 4/ 8/ bits, fabricated with SAMSUNG
′s high performance CMOS technology. Synchronous features with Data Strobe
allow extremely high performance up to 333Mb/s per pin. I/O transactions are possible on both edges of DQS. Range of operating fre-
quencies, programmable burst length and programmable latencies allow the device to be useful for a variety of high performance mem-
ory system applications.
General Description
Absolute Maximum Rating
Parameter
Symbol
Value
Unit
Voltage on any pin relative to VSS
VIN, VOUT
-0.5 ~ 3.6
V
Voltage on VDD & VDDQ supply relative to VSS
VDD, VDDQ
-1.0 ~ 3.6
V
Storage temperature
TSTG
-55 ~ +150
°C
Power dissipation
PD
1.5
W
Short circuit current
IOS
50
mA
Note : Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded.
Functional operation should be restricted to recommend operation condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
DC Operating Conditions
Recommended operating conditions(Voltage referenced to VSS=0V, TA=0 to 70
°C)
Parameter
Symbol
Min
Max
Unit
Note
Supply voltage(for device with a nominal VDD of 2.5V)
VDD
2.3
2.7
I/O Supply voltage
VDDQ
2.3
2.7
V
I/O Reference voltage
VREF
0.49*VDDQ
0.51*VDDQ
V
1
I/O Termination voltage(system)
VTT
VREF-0.04
VREF+0.04
V2
Input logic high voltage
VIH(DC)
VREF+0.15
VDDQ+0.3
V
Input logic low voltage
VIL(DC)
-0.3
VREF-0.15
V
Input Voltage Level, CK and CK inputs
VIN(DC)
-0.3
VDDQ+0.3
V
Input Differential Voltage, CK and CK inputs
VID(DC)
0.36
VDDQ+0.6
V
3
V-I Matching: Pullup to Pulldown Current Ratio
VI(Ratio)
0.71
1.4
-
4
Input leakage current
II
-2
2
uA
Output leakage current
IOZ
-5
5
uA
Output High Current(Normal strengh driver) ;VOUT = VTT + 0.84V
IOH
-16.8
mA
Output High Current(Normal strengh driver) ;VOUT = VTT - 0.84V
IOL
16.8
mA
Output High Current(Half strengh driver) ;VOUT = VTT + 0.45V
IOH
-9
mA
Output High Current(Half strengh driver) ;VOUT = VTT - 0.45V
IOL
9mA
1.VREF is expected to be equal to 0.5*VDDQ of the transmitting device, and to track variations in the dc level of same.
Peak-to peak noise on VREF may not exceed +/-2% of the dc value.
2. VTT is not applied directly to the device. VTT is a system supply for signal termination resistors, is expected to be set equal to
VREF, and must track variations in the DC level of VREF
3. VID is the magnitude of the difference between the input level on CK and the input level on CK.
4. The ratio of the pullup current to the pulldown current is specified for the same temperature and voltage, over the entire
temperature and voltage range, for device drain to source voltages from 0.25V to 1.0V. For a given output, it represents the
maximum difference between pullup and pulldown drivers due to process variation. The full variation in the ratio of the
maximum to minimum pullup and pulldown current will not exceed 1/7 for device drain to source voltages from 0.1 to 1.0.
Note :


Similar Part No. - K4H560438E-VLB3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H560438E-GC SAMSUNG-K4H560438E-GC Datasheet
244Kb / 24P
   256Mb E-die DDR SDRAM Specification 60Ball FBGA (x4/x8)
K4H560438E-GC/LA2 SAMSUNG-K4H560438E-GC/LA2 Datasheet
244Kb / 24P
   256Mb E-die DDR SDRAM Specification 60Ball FBGA (x4/x8)
K4H560438E-GC/LB0 SAMSUNG-K4H560438E-GC/LB0 Datasheet
244Kb / 24P
   256Mb E-die DDR SDRAM Specification 60Ball FBGA (x4/x8)
K4H560438E-GC/LB3 SAMSUNG-K4H560438E-GC/LB3 Datasheet
244Kb / 24P
   256Mb E-die DDR SDRAM Specification 60Ball FBGA (x4/x8)
K4H560438E-GCA2 SAMSUNG-K4H560438E-GCA2 Datasheet
244Kb / 24P
   256Mb E-die DDR SDRAM Specification 60Ball FBGA (x4/x8)
More results

Similar Description - K4H560438E-VLB3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S560432E-UC SAMSUNG-K4S560432E-UC Datasheet
198Kb / 14P
   256Mb E-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4H560438E-UC SAMSUNG-K4H560438E-UC Datasheet
297Kb / 23P
   256Mb E-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H560438E-NC SAMSUNG-K4H560438E-NC Datasheet
214Kb / 24P
   256Mb E-die DDR SDRAM Specification 54pin sTSOP(II)
K4H560438E-ZC SAMSUNG-K4H560438E-ZC Datasheet
359Kb / 23P
   256Mb E-die DDR SDRAM Specification 60 FBGA with Pb-Free (RoHS compliant)
K4S560432E-NC SAMSUNG-K4S560432E-NC Datasheet
207Kb / 13P
   256Mb E-die SDRAM Specification 54pin sTSOP-II
K4S280432F-UC SAMSUNG-K4S280432F-UC Datasheet
145Kb / 14P
   128Mb F-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4S640432H-UC SAMSUNG-K4S640432H-UC Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4H511638D SAMSUNG-K4H511638D Datasheet
366Kb / 24P
   512Mb D-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H1G0438M-UC SAMSUNG-K4H1G0438M-UC Datasheet
206Kb / 23P
   1Gb M-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H280438F-UC SAMSUNG-K4H280438F-UC Datasheet
298Kb / 23P
   128Mb F-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com