Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91233LLGA-GXXX-BNDE1 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB91233LLGA-GXXX-BNDE1
Description  32-bit Microcontroller
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91233LLGA-GXXX-BNDE1 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB91233LLGA-GXXX-BNDE1 Datasheet HTML 5Page - Fujitsu Component Limited. MB91233LLGA-GXXX-BNDE1 Datasheet HTML 6Page - Fujitsu Component Limited. MB91233LLGA-GXXX-BNDE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB91233LLGA-GXXX-BNDE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB91233LLGA-GXXX-BNDE1 Datasheet HTML 9Page - Fujitsu Component Limited. MB91233LLGA-GXXX-BNDE1 Datasheet HTML 10Page - Fujitsu Component Limited. MB91233LLGA-GXXX-BNDE1 Datasheet HTML 11Page - Fujitsu Component Limited. MB91233LLGA-GXXX-BNDE1 Datasheet HTML 12Page - Fujitsu Component Limited. MB91233LLGA-GXXX-BNDE1 Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
MB91230 Series
9
(Continued)
Pin no.
Pin name
Circuit type
Description
LQFP
FLGA
20
H4
TOT0
D
Reload timer 0 output port.
This function is valid when corresponding bit of PFR4
register is set to peripheral function.
P44
General purpose input/output port.
This function is valid when corresponding bit of PFR4
register is set to port function.
21
H1
TOT1
D
Reload timer 1 output port.
This function is valid when corresponding bit of PFR4
register is set to peripheral function.
P45
General purpose input/output port.
This function is valid when corresponding bit of PFR4
register is set to port function.
22
J2
TOT2
D
Reload timer 2 output port.
This function is valid when corresponding bit of PFR4
register is set to peripheral function.
P46
General purpose input/output port.
This function is valid when corresponding bit of PFR4
register is set to port function.
23
H3
CKOT
D
Clock monitor function output pin.
This function is valid when corresponding bit of PFR4
register is set to peripheral function.
P47
General purpose input/output port.
This function is valid when corresponding bit of PFR4
register is set to port function.
24
J1
INT8
C
External interrupt input.
When using this function, corresponding bit of DDR5
register is set to input.
P50
General purpose input/output port.
This function is always valid.
25
K2
INT9
C
External interrupt input.
When using this function, corresponding bit of DDR5
register is set to input.
P51
General purpose input/output port.
This function is always valid.
26
J3
INT10
C
External interrupt input.
When using this function, corresponding bit of DDR5
register is set to input.
P52
General purpose input/output port.
This function is always valid.


Similar Part No. - MB91233LLGA-GXXX-BNDE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91233LLGA-GXXX-BNDE1 FUJITSU-MB91233LLGA-GXXX-BNDE1 Datasheet
298Kb / 66P
   32-bit Microcontroller
More results

Similar Description - MB91233LLGA-GXXX-BNDE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com