Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2323.15 Datasheet(PDF) 1 Page - Littelfuse

Part # 2323.15
Description  Axial Lead and Cartridge Fuses - Designed to METI Standard
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2323.15 Datasheet(HTML) 1 Page - Littelfuse

  2323.15 Datasheet HTML 1Page - Littelfuse 2323.15 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Axial Lead and Cartridge Fuses
422
www .littelfuse .com
Designed to METI Standard
5 x 20 mm Medium-Acting Fuse 232 Series
• Designed to Japanese Standard JIS C6575.
• Available in Cartridge, Axial and Radial Lead Format.
• Available in ratings of 1A to 10A.
RoHS compliant and Lead-Free version available, add XP suffix to
standard catalog number
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time
130%
1 hour, Minimum
160%
1 hour, Maximum
200%
2 minutes, Maximum
1000%
.01 sec, Minimum
INTERRUPTING RATING:
1A-5A 10,000A @ 125VAC, 0.7-0.8 power factor
6.3A-10A 300A @ 125VAC, 0.7-0.8 power factor
100 amperes at 250 VAC, 0.7-0.8 power factor
ORDERING INFORMATION:
RoHS compliant and Lead-Free version available, add XP suffix to
standard catalog number
Nominal
Nominal
Catalog
Ampere
Voltage
Resistance
Melting I2t
Number
Rating
Rating*
Cold Ohms
A2 Sec
0232 001.
1
125/250
0.0957
1.41
0232 1.25
1.25
125/250
0.0707
4.22
0232 01.6
1.6
125/250
0.0567
7.14
0232 002.
2
125/250
0.0385
8.47
0232 02.5
2.5
125/250
0.0297
14.25
0232 003.
3
125/250
0.0257
17.65
0232 3.15
3.15
125/250
0.0235
22.55
0232 004.
4
125/250
0.018
38.75
0232 005.
5
125/250
0.0145
58.25
0232 06.3
6.3
125/250
0.0105
92.85
0232 008.
8
125/250
.0076
187.5
0232 010.
10
125/250
.0061
298.5
*To order 125V rating, add part number suffix X125
ENVIRONMENTAL SPECIFICATIONS:
Operating temperature: -55˚C to 125˚C
Thermal Shock: MIL-STD-202F Method 107G, Test Condition B: (5
cycles –65°C to +125°C)
Vibration: MIL-STD-202F Method 201A
Humidity: MIL-STD-202F Method 103B, Test Condition A. high relative
humidity (95%) and elevated temperature (40°C) for 240 hours.
Salt Spray: MIL-STD-202F Method 101D, Test Condition B
PHYSICAL SPECIFICATIONS:
Material: Body: Glass
Cap: Nickel Plated Brass
Leads: Tin Plated Copper
Terminal Strength: MIL-STD-202F Method 211A,
Test Condition A
Solderability: Reference IEC 60127 Second Edition 2003-01 Annex A
Product Marking: Cap 1: current and voltage rating.
Cap 2: Agency approval markings.
Packaging: Available in Bulk (v=5, H=100, M=1000 pcs/pkg) or on
Tape/Reel (MRET1=1000 pcs/reel).
RoHS
Pb


Similar Part No. - 2323.15

ManufacturerPart #DatasheetDescription
logo
Heyco.
2323 HEYCO-2323 Datasheet
116Kb / 1P
   Nylon Hose Clamps
2323-P HEYCO-2323-P Datasheet
116Kb / 1P
   Nylon Hose Clamps
logo
Bourns Electronic Solut...
2323-RC BOURNS-2323-RC Datasheet
112Kb / 1P
   High Current Toroid Inductors
2323-RC BOURNS-2323-RC Datasheet
112Kb / 1P
   High Current Toroid Inductors
2323-RC BOURNS-2323-RC Datasheet
112Kb / 1P
   High Current Toroid Inductors Horizontal or vertical mount
More results

Similar Description - 2323.15

ManufacturerPart #DatasheetDescription
logo
Littelfuse
226 LITTELFUSE-226 Datasheet
90Kb / 1P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
227 LITTELFUSE-227 Datasheet
96Kb / 1P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
215.200 LITTELFUSE-215.200 Datasheet
125Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
0219.125A LITTELFUSE-0219.125A Datasheet
130Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
216.050 LITTELFUSE-216.050 Datasheet
128Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
217.032 LITTELFUSE-217.032 Datasheet
133Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
218.032 LITTELFUSE-218.032 Datasheet
234Kb / 4P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
239 LITTELFUSE-239 Datasheet
162Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com