Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0325010.H-ND Datasheet(PDF) 1 Page - Littelfuse

Part # 0325010.H-ND
Description  3AB Slo-Blo Fuse 325/326 Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0325010.H-ND Datasheet(HTML) 1 Page - Littelfuse

  0325010.H-ND Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ceramic Body
Axial Lead and Cartridge Fuses
3AB Slo-Blo® Fuse 325/326 Series
293
www .littelfuse .com
8
Ceramic body construction permits higher interrupting ratings and volt-
age ratings. Ideal for applications where high current loads are expected.
ELECTRICAL CHARACTERISTICS:
% of Ampere
Ampere
Opening
Rating
Rating
Time
110%
1/100–30
4 hours, Minimum
135%
1/100–30
1 hour, Maximum
200%
1/100–3.2
5 sec., Min.; 30 sec. Max.
4 – 30
5 sec., Min.; 60 sec. Max.
AGENCY APPROVALS: Listed by Underwriters Laboratories from 1/4
through 10 amperes. Certified by CSA from 1/4 through 30 amperes.
Recognized under the component program of Underwriters Laboratories
for 12-30A.
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862.
FUSES TO MIL SPEC: See F03B cartridge type in Military Section.
PATENTED
INTERUPTING RATING:
0.010 - 20A
10,000A @ 125VAC
25 - 30A
400A @ 125VAC
0.010 - 3.2A
100A @ 250VAC
4 - 20A
400A @ 250VAC
ORDERING INFORMATION:
1000
100
10
1
0.1
0.01
10
CURRENT IN AMPERES
100
1000
0.1
1
0.05
Cartridge
Axial Lead
Nominal
Nominal
Catalog
Catalog
Ampere
Voltage
Resistance
Melting I2t
Number
Number
Rating
Rating
Cold Ohms
A2 Sec.
326.010
325.010
1/100
250
3300.0000
0.00148
326.031
325.031
1/32
250
330.
0.0110
326.062
325.062
1/16
250
91.0
0.0276
326.100
325.100
1/10
250
33.3
0.0870
326.125
325.125
1/8
250
22.3
0.100
326.150
325.150
15/100
250
15.3
0.143
326.175
325.175
.175
250
8.84
0.220
326.187
325.187
3/16
250
7.67
0.230
326.200
325.200
2/10
250
6.72
0.213
326.250
325.250
1/4
250
4.40
0.432
326.300
325.300
3/10
250
3.20
0.690
326.375
325.375
3/8
250
2.14
1.20
326.400
325.400
4/10
250
1.92
1.33
326.500
325.500
1/2
250
1.29
2.50
326.600
325.600
6/10
250
0.940
3.90
326.700
325.700
7/10
250
0.716
6.42
326.750
325.750
3/4
250
0.636
7.00
326.800
325.800
8/10
250
0.568
8.20
326 001
325 001
1
250
0.386
16.3
326 01.2
325 01.2
12/10
250
0.284
22.0
326 1.25
325 1.25
11/4
250
0.266
24.0
326 01.5
325 01.5
11/2
250
0.196
40.1
326 01.6
325 01.6
16/10
250
0.175
45.0
326 002
325 002
2
250
0.120
80.0
326 02.5
325 02.5
21/2
250
0.0830
136.0
326 02.8
325 02.8
28/10
250
0.0690
170.0
326 003
325 003
3
250
0.0600
200.0
326 03.2
325 03.2
32/10
250
0.0535
214.0
326 004
325 004
4
250
0.0755
9.71
326 005
325 005
5
250
0.0518
25.0
326 6.25
325 6.25
61/4
250
0.0343
60.4
326 007
325 007
7
250
0.0225
47.3
326 008
325 008
8
250
0.0191
67.1
326 010
325 010
10
250
0.0131
137.0
326 012
325 012
12
250
0.0066
129.0
326 015
325 015
15
250
0.0049
245.0
326 020
325 020
20
250
0.0033
575.0
326 025
325 025
25
125
0.0024
1030.0
326 030
325 030
30
125
0.0019
1690.0
Average Time Current Curves
326 000 Series
325 000 Series
6.35 (.25")
32.385
(1.275")
31.75
(1.25")
6.985 (.275")
38.1
(1.50") TYP.
Axial Lead Material: Solder coated copper.
1
100
/
0.813 (.032") (
-15A)
1.016 (.040") (20 -30A)
®
UL
®
®
QPL
Next
Previous


Similar Part No. - 0325010.H-ND

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0325010.HXP LITTELFUSE-0325010.HXP Datasheet
163Kb / 4P
   325/326 Series Lead-Free 3AB, Slo-Blo짰 Fuse
More results

Similar Description - 0325010.H-ND

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0326.600H LITTELFUSE-0326.600H Datasheet
42Kb / 1P
   3AB Slo-Blo짰 Fuse 325/326/390 Series
0325.010HXP LITTELFUSE-0325.010HXP Datasheet
163Kb / 4P
   325/326 Series Lead-Free 3AB, Slo-Blo짰 Fuse
229250P LITTELFUSE-229250P Datasheet
117Kb / 2P
   2AG Slo-Blo Fuse
229250 LITTELFUSE-229250 Datasheet
136Kb / 2P
   2AG Slo-Blo Fuse
203250 LITTELFUSE-203250 Datasheet
48Kb / 1P
   FLAT-PAK Slo-Blo Fuse
0375012.M LITTELFUSE-0375012.M Datasheet
264Kb / 1P
   3AG SLO-BLO FUSE, M-PACKED
047303.5YRT1- LITTELFUSE-047303.5YRT1- Datasheet
23Kb / 1P
   PICO II Slo-Blo Type Fuse
313 LITTELFUSE-313 Datasheet
94Kb / 1P
   3AG Slo-Blo Fuse 313/315 Series
0473003.YRT3- LITTELFUSE-0473003.YRT3- Datasheet
23Kb / 1P
   PICO II Slo-Blo Type Fuse
0473004.YRT3- LITTELFUSE-0473004.YRT3- Datasheet
23Kb / 1P
   PICO II Slo-Blo Type Fuse
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com