Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GL5ZJ152B0SE Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # GL5ZJ152B0SE
Description  HIGH-LUMINOSITY LED LAMP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GL5ZJ152B0SE Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button GL5ZJ152B0SE Datasheet HTML 3Page - List of Unclassifed Manufacturers GL5ZJ152B0SE Datasheet HTML 4Page - List of Unclassifed Manufacturers GL5ZJ152B0SE Datasheet HTML 5Page - List of Unclassifed Manufacturers GL5ZJ152B0SE Datasheet HTML 6Page - List of Unclassifed Manufacturers GL5ZJ152B0SE Datasheet HTML 7Page - List of Unclassifed Manufacturers GL5ZJ152B0SE Datasheet HTML 8Page - List of Unclassifed Manufacturers GL5ZJ152B0SE Datasheet HTML 9Page - List of Unclassifed Manufacturers GL5ZJ152B0SE Datasheet HTML 10Page - List of Unclassifed Manufacturers GL5ZJ152B0SE Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LED
104
CHIP LED
✩New product
★Under development
■ WHITE TYPE CHIP LEDs (with blue-violet chip)
(Taped models only)
(
) indicates reference value.
■ HIGH-LUMINOSITY DICHROMATIC TYPE CHIP LEDs
(RGB 3-color) (Taped models only)
*1 GM1WA55360A: IF = 10 mA (Red, Green, Blue)
*2 GM1WA80350A: IF = 20 mA (Red), IF = 10 mA (Green, Blue)
*3 GM5WA02200A, GM5WA06203A, GM5WA06260A, GM5WA06200Z, GM5WA06203Z: IF = 40 mA (Red, Green), IF = 20 mA (Blue)
*4 GM5WA06210A: IF = 40 mA (Red, Green, Blue)
*5 GM5WA06250A, GM5WA06250Z: IF = 35 mA (Red, Green), IF = 20 mA (Blue)
*6 GM5WA06270A, GM5WA05360A: IF = 35 mA (Red, Green, Blue)
*7 GM5WA06270A: T: 2.4 mm
Outline
dimensions
(mm)
Color
coordinates
(x, y)
Radiation color
Luminous
intensity
(mcd) TYP.
6.0
× 5.0 (T: 2.5)
4-terminal leadless
(0.33, 0.33)
White
GM5VA33331AC
450
(0.34, 0.40)
Yellowish white
GM5VA34400AC
(700)
(0.29, 0.27)
Purplish white
GM5VA29270AC
(350)
(0.30, 0.50)
Greenish white
GM5VA30500AC
(900)
GM5VA33331AC
Outline
dimensions
(mm)
Resin type
Red + Green + Blue
Luminous intensity
(mcd) TYP.
1.6
× 1.6 (T: 0.55)
GM1WA55360A*1
125/150/55
1.6
× 1.6 (T: 0.8)
GM1WA80350A*2
80/92/30
6.0
× 5.0 (T: 2.5)
4-terminal leadless
GM5WA02200A*3
850 [Mixed color]
6.0
× 5.0 (T: 2.5)*7
6-terminal leadless
GM5WA06203A*3
850 [Mixed color]
GM5WA06210A*4
250/400/350
GM5WA06250A*5
1 400 [Mixed color]
GM5WA06260A*3
1 725 [Mixed color]
GM5WA06270A*6
3 000 [Mixed color]
6.0
× 5.0
(T: 2.3 [resin part])
6-terminal
GM5WA06200Z*3
850 [Mixed color]
GM5WA06203Z*3
850 [Mixed color]
GM5WA06250Z*4
1 400 [Mixed color]
6.0
× 5.0 (T: 1.5)
6-terminal leadless
GM5WA05360A*6
2 200 [Mixed color]
GM1WA55360A
GM1WA80350A
GM5WA02200A
GM5WA06203A
GM5WA06210A
GM5WA06250A
GM5WA06260A
GM5WA06200Z
GM5WA06203Z
GM5WA06250Z
GM5WA06270A
GM5WA05360A
(I F = 40 mA, Ta = 25°C)
VA
(Ta = 25°C)
WA
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in
equipment using any SHARP devices shown in catalogs, data books, etc.
Except where specially indicated, models listed on this page comply with the RoHS Directive*. For details, please contact SHARP.
*RoHS Directive: Prohibits use of lead, cadmium, hexavalent chromium, mercury and specific brominated flame retardants
(PBBs and PBDEs), with certain exceptions.
Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.


Similar Part No. - GL5ZJ152B0SE

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL5ZJ302BOS SHARP-GL5ZJ302BOS Datasheet
611Kb / 11P
   DEVICE SPECIFICATION FOR Light Emitting Diode
GL5ZJ43 SHARP-GL5ZJ43 Datasheet
625Kb / 11P
   DEVICE SPECIFICATION FOR Light Emitting Diode
GL5ZJ44 SHARP-GL5ZJ44 Datasheet
612Kb / 11P
   DEVICE SPECIFICATION FOR Light Emitting Diode
More results

Similar Description - GL5ZJ152B0SE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL5TR43 ETC-GL5TR43 Datasheet
81Kb / 3P
   Super-luminosity LED Lamp/High-luminosity LED Lamp
logo
Sharp Corporation
GL8T156 SHARP-GL8T156 Datasheet
463Kb / 7P
   Super-luminosity/High-luminosity Numeric LED
GL9T030 SHARP-GL9T030 Datasheet
455Kb / 7P
   Super-luminosity/High-luminosity Numeric LED
logo
Everlight Electronics C...
64-135-REGHB7C-B01-2T EVERLIGHT-64-135-REGHB7C-B01-2T Datasheet
281Kb / 15P
   Luminosity Full Color LED
logo
Sharp Corporation
GL8UR4 SHARP-GL8UR4 Datasheet
45Kb / 2P
   2.0 X 3.1mm, Arch Type, Colored Transparency, High-luminosity LED Lamp for Indicator
logo
Everlight Electronics C...
61-25UTC EVERLIGHT-61-25UTC Datasheet
158Kb / 10P
   Luminosity white Color LED
47-23UWD EVERLIGHT-47-23UWD Datasheet
185Kb / 10P
   Luminosity White Color LED
59-146UWD-TR8 EVERLIGHT-59-146UWD-TR8 Datasheet
190Kb / 10P
   Luminosity white Color LED
61-13-S3GHBHC-B04-ET EVERLIGHT-61-13-S3GHBHC-B04-ET Datasheet
225Kb / 14P
   Luminosity Full Color LED
61-25-UWC-S400-A6-TR8 EVERLIGHT-61-25-UWC-S400-A6-TR8 Datasheet
163Kb / 10P
   Luminosity white Color LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com