Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCF-5573R2FKE36 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CCF-5573R2FKE36
Description  Metal Film Resistors, Industrial, 1% Tolerance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CCF-5573R2FKE36 Datasheet(HTML) 1 Page - Vishay Siliconix

  CCF-5573R2FKE36 Datasheet HTML 1Page - Vishay Siliconix CCF-5573R2FKE36 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Document Number: 31015
Revision 05-Oct-05
www.vishay.com
16
CCF55, CCF60
Vishay Dale
For Technical Questions, contact ff3dresistors@vishay.com
Metal Film Resistors, Industrial, ± 1% Tolerance
FEATURES
• Power Ratings: 1/4, 1/2, 3/4 and 1 watt at + 70°C
• ± 100ppm/°C temperature coefficient
• Superior electrical performance
• Flame retardant epoxy conformal coating
• Standard 5 band color code marking for ease of
identification after mounting
• Tape and reel packaging for automatic insertion
(52.4mm inside tape spacing per EIA-296-E)
• Lead (Pb)-Free version is RoHS Compliant
GLOBAL
HISTORICAL
POWER RATING
LIMITING ELEMENT
TEMPERATURE
TOLERANCE
RESISTANCE
E-SERIES
MODEL
MODEL
P
70˚C
VOLTAGE MAX.
COEFFICIENT
RANGE
WV
ppm/
°C%
CCF55
CCF-55
0.25 / 0.5
250
± 100
± 1
10R - 3.01M
96
CCF60
CCF-60
0.50 / 0.75 / 1.0
500
± 100
± 1
10R - 1M
96
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
UNIT
CCF55
CCF60
Rated Dissipation at 70˚C
W
0.25 / 0.5
0.5 / 0.75 / 1.0
Maximum Working Voltage
V
≤ 250
≤ 500
Insulation Voltage (1min)
V
eff
500
500
Dielectric Strength
VAC
450
450
Insulation Resistance
≥1011
≥1011
Operating Temperature Range
°C
-65 / +165
-65 / +165
Terminal Strength (pull test)
lb
2
2
Weight
g
0.35 max
0.75 max
TECHNICAL SPECIFICATIONS
GLOBAL MODEL
RESISTANCE VALUE
TOLERANCE
TEMPERATURE
PACKAGING
SPECIAL
CODE
COEFFICIENT
CCF55
R = Decimal
F =
± 1%
K = 100ppm
E36 = Lead (Pb)-Free,T/R (5000 pcs)
Blank=Standard
CCF60
K = Thousand
R36 = Tin/Lead, T/R (5000 pcs)
(DashNumber)
M = Million
(up to 3 digits)
10R0 = 10
From 1-999
680K = 680K
as applicable
1M00 = 1.0M
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: CCF55301RFKR36 (preferred part numbering format)
CC
F
5
5
3
0
1
R
F
K
R
3
6
Historical Part Number example: CCF-553010F (will continue to be accepted)
CCF-55
3010
F
R36
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
Available
Pb-free
RoHS*
COMPLIANT
e3
* Pb containing terminations are not RoHs compliant, exemptions may apply


Similar Part No. - CCF-5573R2FKE36

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CCF-2 VISHAY-CCF-2 Datasheet
272Kb / 3P
   Metal Film Resistors, Industrial Power, Flameproof
Revision 02-Feb-06
More results

Similar Description - CCF-5573R2FKE36

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CCF55 VISHAY-CCF55_15 Datasheet
75Kb / 3P
   Metal Film Resistors, Industrial, ± 1 % Tolerance
CCF50 VISHAY-CCF50 Datasheet
99Kb / 2P
   Metal Film Resistors, Industrial, 1%, 5% Tolerance
Revision 19-Aug-04
CCF50 VISHAY-CCF50_15 Datasheet
124Kb / 3P
   Metal Film Resistors, Industrial, ± 1 % and ± 5 % Tolerance
Revision: 15-Nov-12
logo
Vaishali Semiconductor
CCF07 VAISH-CCF07 Datasheet
233Kb / 3P
   Metal Film Resistors, Industrial, 짹 2 % and 짹 5 % Tolerance
logo
Bourns Electronic Solut...
CM201212-22NKL BOURNS-CM201212-22NKL Datasheet
167Kb / 5P
   Metal Film Resistors, Industrial, Precision
CMF65221K00FKEB BOURNS-CMF65221K00FKEB Datasheet
167Kb / 5P
   Metal Film Resistors, Industrial, Precision
logo
Vishay Siliconix
FP000520K0J9500LB VISHAY-FP000520K0J9500LB Datasheet
241Kb / 5P
   Metal Film Resistors, Industrial, Flameproof
Revision: 01-Feb-13
CMF55301R00FKRE70 VISHAY-CMF55301R00FKRE70 Datasheet
167Kb / 5P
   Metal Film Resistors, Industrial, Precision
Revision: 09-Sep-13
CMF20120R00JNR6 VISHAY-CMF20120R00JNR6 Datasheet
172Kb / 5P
   Metal Film Resistors, Industrial, Precision
Revision: 02-May-13
CMFINDUSTRIAL VISHAY-CMFINDUSTRIAL Datasheet
159Kb / 5P
   Metal Film Resistors, Industrial, Precision
Revision: 24-Apr-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com