Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9583401VXXA Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # 5962-9583401VXXA
Description  Quad Receiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

5962-9583401VXXA Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  5962-9583401VXXA Datasheet HTML 1Page - Aeroflex Circuit Technology 5962-9583401VXXA Datasheet HTML 2Page - Aeroflex Circuit Technology 5962-9583401VXXA Datasheet HTML 3Page - Aeroflex Circuit Technology 5962-9583401VXXA Datasheet HTML 4Page - Aeroflex Circuit Technology 5962-9583401VXXA Datasheet HTML 5Page - Aeroflex Circuit Technology 5962-9583401VXXA Datasheet HTML 6Page - Aeroflex Circuit Technology 5962-9583401VXXA Datasheet HTML 7Page - Aeroflex Circuit Technology 5962-9583401VXXA Datasheet HTML 8Page - Aeroflex Circuit Technology 5962-9583401VXXA Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
TRUTH TABLE
PIN DESCRIPTION
APPLICATIONS INFORMATION
The UT54LVDS032 receiver’s intended use is primarily in an
uncomplicated point-to-point configuration as is shown in
Figure 3. This configuration provides a clean signaling
environment for quick edge rates of the drivers. The receiver is
connected to the driver through a balanced media which may be
a standard twisted pair cable, a parallel pair cable, or simply
PCB traces. Typically, the characteristic impedance of the media
is in the range of 100
Ω. A termination resistor of 100Ω should
be selected to match the media and is located as close to the
receiver input pins as possible. The termination resistor converts
the current sourced by the driver into voltages that are detected
by the receiver. Other configurations are possible such as a
multi-receiver configuration, but the effects of a mid-stream
connector(s), cable stub(s), and other impedance discontinuities,
as well as ground shifting, noise margin limits, and total
termination loading must be taken into account.
The UT54LVDS032 differential line receiver is capable of
detecting signals as low as 100mV, over a + 1V common-mode
range centered around +1.2V. This is related to the driver offset
voltage which is typically +1.2V. The driven signal is centered
around this voltage and may shift +1V around this center point.
The +1V shifting may be the result of a ground potential
difference between the driver’s ground reference and the
receiver’s ground reference, the common-mode effects of
coupled noise or a combination of the two. Both receiver input
pins should honor their specified operating input voltage range
of 0V to +2.4V (measured from each pin to ground).
Enables
Input
Output
EN
EN
R
IN+ - RIN-
R
OUT
L
H
X
Z
All other combinations
of ENABLE inputs
VID > 0.1V
H
V
ID < -0.1V
L
Full Fail-safe
OPEN/SHORT or
Terminated
H
Pin No.
Name
Description
2, 6, 10, 14
R
IN+
Non-inverting receiver input pin
1, 7, 9, 15
RIN-
Inverting receiver input pin
3, 5, 11, 13
ROUT
Receiver output pin
4
EN
Active high enable pin, OR-ed
with EN
12
EN
Active low enable pin, OR-ed
with EN
16
V
DD
Power supply pin, +5V + 10%
8
V
SS
Ground pin
Figure 2. UT54LVDS032 Pinout
UT54LVDS032
Receiver
16
15
14
13
12
11
10
9
VDD
R IN4-
RIN4+
ROUT4
EN
ROUT3
RIN3+
RIN3-
1
RIN1-
2
R IN1+
3
ROUT1
4
EN
5
ROUT2
6
RIN2+
7
RIN2-
8
VSS
ENABLE
DATA
INPUT
1/4 UT54LVDS031
1/4 UT54LVDS032
+
-
DATA
OUTPUT
Figure 3. Point-to-Point Application
RT 100


Similar Part No. - 5962-9583401VXXA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9583401VFA TI1-5962-9583401VFA Datasheet
722Kb / 19P
[Old version datasheet]   DS90C032QML LVDS Quad CMOS Differential Line Receiver
More results

Similar Description - 5962-9583401VXXA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75154 NSC-DS75154 Datasheet
120Kb / 8P
   Quad Line Receiver
logo
Analog Devices
AD6657A AD-AD6657A Datasheet
1Mb / 36P
   Quad IF Receiver
REV. 0
logo
Austin Semiconductor
AS10515F16MIL AUSTIN-AS10515F16MIL_06 Datasheet
43Kb / 4P
   Quad Line Receiver
logo
Texas Instruments
DS14C89A TI1-DS14C89A_19 Datasheet
770Kb / 13P
[Old version datasheet]   Quad CMOS Receiver
DS14C89A TI1-DS14C89A_15 Datasheet
236Kb / 11P
[Old version datasheet]   Quad CMOS Receiver
logo
Analog Devices
AD6657A AD-AD6657A_17 Datasheet
1Mb / 37P
   Quad IF Receiver
logo
National Semiconductor ...
DS14C89AT NSC-DS14C89AT Datasheet
117Kb / 6P
   Quad CMOS Receiver
logo
ON Semiconductor
MC10H115 ONSEMI-MC10H115_06 Datasheet
152Kb / 6P
   Quad Line Receiver
February, 2006 ??Rev. 7
MC10115 ONSEMI-MC10115_02 Datasheet
86Kb / 4P
   Quad Line Receiver
January, 2002 ??Rev. 7
logo
Analog Devices
AD6657 AD-AD6657 Datasheet
1Mb / 32P
   Quad IF Receiver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com