Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1285G Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 1285G
Description  VISHAY 1280 AND 1285G SERIES Precision Trimming Potentiometers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1285G Datasheet(HTML) 1 Page - Vishay Siliconix

  1285G Datasheet HTML 1Page - Vishay Siliconix 1285G Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 1285G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1285G VISHAY-1285G Datasheet
123Kb / 4P
   Bulk Metal® Foil Technology Precision Trimming Potentiometers 3/4" Rectilinear, ± 5 ppm/°C and ± 15 ppm/°C TCR
Revision: 07-Nov-07
1285G VISHAY-1285G Datasheet
374Kb / 4P
   Bulk Metal® Foil Technology Ultra High Precision Trimming Potentiometers 3/4" Rectilinear
Revision: 25-Mar-10
1285G100RJ VISHAY-1285G100RJ Datasheet
123Kb / 4P
   Bulk Metal® Foil Technology Precision Trimming Potentiometers 3/4" Rectilinear, ± 5 ppm/°C and ± 15 ppm/°C TCR
Revision: 07-Nov-07
1285G100RK VISHAY-1285G100RK Datasheet
123Kb / 4P
   Bulk Metal® Foil Technology Precision Trimming Potentiometers 3/4" Rectilinear, ± 5 ppm/°C and ± 15 ppm/°C TCR
Revision: 07-Nov-07
More results

Similar Description - 1285G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VR24 ETC-VR24 Datasheet
415Kb / 1P
   CERMET TRIMMING POTENTIOMETERS
logo
Bourns Electronic Solut...
H-814-2 BOURNS-H-814-2 Datasheet
53Kb / 1P
   Design Kit Trimming Potentiometers
logo
Vishay Siliconix
1260 VISHAY-1260_10 Datasheet
362Kb / 5P
   Bulk Metal® Foil Ultra High Technology Precision Trimming Potentiometers
Revision: 24-Mar-10
1280G VISHAY-1280G_10 Datasheet
374Kb / 4P
   Bulk Metal® Foil Technology Ultra High Precision Trimming Potentiometers 3/4" Rectilinear
Revision: 25-Mar-10
logo
Ohmite Mfg. Co.
CPM OHMITE-CPM Datasheet
371Kb / 2P
   Precision Multi-Turn Potentiometers
logo
Vatronics Technologies ...
3590S VATRONICS-3590S Datasheet
160Kb / 1P
   Precision Multiturn Wirewound Potentiometers
logo
Vishay Siliconix
BZG03C62-TR VISHAY-BZG03C62-TR Datasheet
81Kb / 5P
   BZG03C-Series Vishay Semiconductors
Rev. 1.9, 29-Nov-11
1280G VISHAY-1280G_07 Datasheet
123Kb / 4P
   Bulk Metal® Foil Technology Precision Trimming Potentiometers 3/4" Rectilinear, ± 5 ppm/°C and ± 15 ppm/°C TCR
Revision: 07-Nov-07
1268 VISHAY-1268 Datasheet
77Kb / 2P
   Bulk Metal Foil Technology Precision Trimming Potentiometers 3/8 Inch Square, RJ24 Style - Industrial Trimmer
Revision 06-Aug-02
TLMP3101 VISHAY-TLMP3101 Datasheet
306Kb / 10P
   Vishay Semiconductors
Rev. 1.7, 31-Aug-04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com