Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W942508CH-6 Datasheet(PDF) 9 Page - Winbond

Part # W942508CH-6
Description  8M x 4 BANKS x 8 BIT DDR SDRAM
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W942508CH-6 Datasheet(HTML) 9 Page - Winbond

Back Button W942508CH-6 Datasheet HTML 5Page - Winbond W942508CH-6 Datasheet HTML 6Page - Winbond W942508CH-6 Datasheet HTML 7Page - Winbond W942508CH-6 Datasheet HTML 8Page - Winbond W942508CH-6 Datasheet HTML 9Page - Winbond W942508CH-6 Datasheet HTML 10Page - Winbond W942508CH-6 Datasheet HTML 11Page - Winbond W942508CH-6 Datasheet HTML 12Page - Winbond W942508CH-6 Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
W942508CH
Publication Release Date: May 21, 2003
- 9 -
Revision A3
7.3 Capacitance
(VDD = VDDQ = 2.5V
±0.2V, f = 1 MHz, TA = 25 °C, VOUT (DC) = VDDQ/2, VOUT (Peak to Peak) = 0.2V)
SYMBOL
PARAMETER
MIN.
MAX.
DELTA
(MAX.)
UNIT
CIN
Input Capacitance (except for CLK pins)
2.0
3.0
0.5
pF
CCLK
Input Capacitance (CLK pins)
2.0
3.0
0.25
pF
CI/O
DQ, DQS, DM Capacitance
4.0
5.0
0.5
pF
CNC1
NC1 Pin Capacitance
-
1.5
-
pF
CNC2
NC2 Pin Capacitance
4.0
5.0
-
pF
Notes: These parameters are periodically sampled and not 100% tested.
The NC2 pins have additional capacitance for adjustment of the adjacent pin capacitance.
The NC2 pins have Power and Ground clamp.
7.4 Leakage and Output Buffer Characteristics
SYMBOL
PARAMETER
MIN.
MAX.
UNITS
NOTES
II(L)
Input Leakage Current
(0V < VIN < VDDQ, All other pins not under test = 0V)
-2
2
µA
IO(L)
Output Leakage Current
(Output disabled, 0V < VOUT < VDDQ)
-5
5
µA
VOH
Output High Voltage
(under AC test load condition)
VTT
+0.76
-
V
VOL
Output Low Voltage
(under AC test load condition)
-
VTT
-0.76
V
IOH (DC)
Output Minimum Source DC Current
-15.2
-
mA
4, 6
IOL (DC)
Output Minimum Sink DC Current
Full Strength
15.2
-
mA
4, 6
IOH (DC)
Output Minimum Source DC Current
-10.4
-
mA
5
IOL (DC)
Output Minimum Sink DC Current
Half Strength
10.4
-
mA
5


Similar Part No. - W942508CH-6

ManufacturerPart #DatasheetDescription
logo
Winbond
W942516AH WINBOND-W942516AH Datasheet
286Kb / 26P
   4M x 4 BANKS x 16 BIT DDR SDRAM
W942516CH WINBOND-W942516CH Datasheet
2Mb / 47P
   4M X 4 BANKS X 16 BIT DDR SDRAM
W9425G6DH WINBOND-W9425G6DH Datasheet
1Mb / 53P
   4M X 4 BANKS X 16 BITS DDR SDRAM
W9425G6EH WINBOND-W9425G6EH Datasheet
1Mb / 50P
   4 M 횞 4 BANKS 횞 16 BITS DDR SDRAM
W9425G6EH_0812 WINBOND-W9425G6EH_0812 Datasheet
1Mb / 54P
   4 M 횞 4 BANKS 횞 16 BITS DDR SDRAM
More results

Similar Description - W942508CH-6

ManufacturerPart #DatasheetDescription
logo
Winbond
W982508AH WINBOND-W982508AH Datasheet
1Mb / 41P
   8M X 4 BANKS X 8 BIT SDRAM
logo
Elite Semiconductor Mem...
M14D5121632A ESMT-M14D5121632A_1 Datasheet
987Kb / 59P
   8M x 16 Bit x 4 Banks DDR II SDRAM
M14D5121632A ESMT-M14D5121632A Datasheet
980Kb / 59P
   8M x 16 Bit x 4 Banks DDR II SDRAM
M53D1G3232A ESMT-M53D1G3232A Datasheet
1Mb / 48P
   8M x 32Bit x 4 Banks Mobile DDR SDRAM
M15F1G1664A ESMT-M15F1G1664A Datasheet
4Mb / 131P
   8M x 16 Bit x 8 Banks DDR3 SDRAM
M54D1G1664A ESMT-M54D1G1664A Datasheet
4Mb / 131P
   8M x 16 Bit x 8 Banks LPDDR2 SDRAM
logo
Mosel Vitelic, Corp
V58C265804S MOSEL-V58C265804S Datasheet
457Kb / 44P
   HIGH PERFORMANCE 2.5 VOLT 8M X 8 DDR SDRAM 4 BANKS X 2Mbit X 8
logo
Winbond
W971GG6JB WINBOND-W971GG6JB_13 Datasheet
1Mb / 87P
   8M X 8 BANKS X 16 BIT DDR2 SDRAM
W9751G6JB-25 WINBOND-W9751G6JB-25 Datasheet
1Mb / 87P
   8M x 4 BANKS x 16 BIT DDR2 SDRAM
W942516AH WINBOND-W942516AH Datasheet
286Kb / 26P
   4M x 4 BANKS x 16 BIT DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com