Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQB9N50C Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FQB9N50C
Description  500V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQB9N50C Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQB9N50C Datasheet HTML 1Page - Fairchild Semiconductor FQB9N50C Datasheet HTML 2Page - Fairchild Semiconductor FQB9N50C Datasheet HTML 3Page - Fairchild Semiconductor FQB9N50C Datasheet HTML 4Page - Fairchild Semiconductor FQB9N50C Datasheet HTML 5Page - Fairchild Semiconductor FQB9N50C Datasheet HTML 6Page - Fairchild Semiconductor FQB9N50C Datasheet HTML 7Page - Fairchild Semiconductor FQB9N50C Datasheet HTML 8Page - Fairchild Semiconductor FQB9N50C Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Rev. A, August 2003
©2003 Fairchild Semiconductor Corporation
Electrical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 8 mH, IAS = 9A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 9A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width
≤ 300µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
500
--
--
V
∆BV
DSS
/
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
0.57
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 500 V, VGS = 0 V
--
--
1
µA
VDS = 400 V, TC = 125°C
--
--
10
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
2.0
--
4.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 4.5 A
--
0.65
0.8
gFS
Forward Transconductance
VDS = 40 V, ID = 4.5 A
(Note 4)
--
6.5
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
790
1030
pF
Coss
Output Capacitance
--
130
170
pF
Crss
Reverse Transfer Capacitance
--
24
30
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 250 V, ID = 9 A,
RG = 25 Ω
(Note 4, 5)
--
18
45
ns
tr
Turn-On Rise Time
--
65
140
ns
td(off)
Turn-Off Delay Time
--
93
195
ns
tf
Turn-Off Fall Time
--
64
125
ns
Qg
Total Gate Charge
VDS = 400 V, ID = 9 A,
VGS = 10 V
(Note 4, 5)
--
28
35
nC
Qgs
Gate-Source Charge
--
4
--
nC
Qgd
Gate-Drain Charge
--
15
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
9
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
36
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 9 A
--
--
1.4
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 9 A,
dIF / dt = 100 A/µs
(Note 4)
--
335
--
ns
Qrr
Reverse Recovery Charge
--
2.95
--
µC


Similar Part No. - FQB9N50C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB9N50C FAIRCHILD-FQB9N50C Datasheet
802Kb / 9P
   500V N-Channel MOSFET
FQB9N50C FAIRCHILD-FQB9N50C Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 500 V, 9 A, 800 m廓
FQB9N50CF FAIRCHILD-FQB9N50CF Datasheet
747Kb / 8P
   500V N-Channel MOSFET
FQB9N50CFTM FAIRCHILD-FQB9N50CFTM Datasheet
747Kb / 8P
   500V N-Channel MOSFET
FQB9N50CFTM_WS FAIRCHILD-FQB9N50CFTM_WS Datasheet
747Kb / 8P
   500V N-Channel MOSFET
More results

Similar Description - FQB9N50C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com