Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQB5N60C Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FQB5N60C
Description  600V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQB5N60C Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FQB5N60C Datasheet HTML 1Page - Fairchild Semiconductor FQB5N60C Datasheet HTML 2Page - Fairchild Semiconductor FQB5N60C Datasheet HTML 3Page - Fairchild Semiconductor FQB5N60C Datasheet HTML 4Page - Fairchild Semiconductor FQB5N60C Datasheet HTML 5Page - Fairchild Semiconductor FQB5N60C Datasheet HTML 6Page - Fairchild Semiconductor FQB5N60C Datasheet HTML 7Page - Fairchild Semiconductor FQB5N60C Datasheet HTML 8Page - Fairchild Semiconductor FQB5N60C Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Rev. A, October 2003
©2003 Fairchild Semiconductor Corporation
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
-1
10
0
10
1
150℃
※ Notes :
1. V
GS = 0V
2. 250μ s Pulse Test
25℃
V
SD
, Source-Drain voltage [V]
04
8
12
16
0
2
4
6
8
10
12
V
DS = 300V
V
DS = 120V
V
DS = 480V
※ Note : I
D
= 4.5A
Q
G, Total Gate Charge [nC]
024
68
10
0
1
2
3
4
5
6
V
GS = 20V
V
GS = 10V
※ Note : T
J
= 25℃
I
D
, Drain Current [A]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics
10
-1
10
0
10
1
0
200
400
600
800
1000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
※ Notes ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
10
-1
10
0
10
1
10
-2
10
-1
10
0
10
1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
5.5 V
5.0 V
Bottom :
4.5 V
※ Notes :
1. 250μ s Pulse Test
2. T
C = 25
V
DS, Drain-Source Voltage [V]
2468
10
10
-1
10
0
10
1
150
o
C
25
o
C
-55
o
C
※ Notes :
1. V
DS
= 40V
2. 250μ s Pulse Test
V
GS, Gate-Source Voltage [V]


Similar Part No. - FQB5N60C

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQB5N60C ISC-FQB5N60C Datasheet
287Kb / 2P
   isc N-Channel MOSFET Transistor
2023-9-27
More results

Similar Description - FQB5N60C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com